Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDS6630A Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FDS6630A
Description  N-Channel Logic Level PowerTrenchTM MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS6630A Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FDS6630A Datasheet HTML 1Page - Fairchild Semiconductor FDS6630A Datasheet HTML 2Page - Fairchild Semiconductor FDS6630A Datasheet HTML 3Page - Fairchild Semiconductor FDS6630A Datasheet HTML 4Page - Fairchild Semiconductor FDS6630A Datasheet HTML 5Page - Fairchild Semiconductor FDS6630A Datasheet HTML 6Page - Fairchild Semiconductor FDS6630A Datasheet HTML 7Page - Fairchild Semiconductor FDS6630A Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
FDS6630A Rev. C1
Typical Characteristics (continued)
0.1
0.2
0.5
1
2
5
10
30
50
100
200
500
1000
V
, DRAIN TO SOURCE VOLTAGE (V)
DS
Ciss
f = 1 MHz
V
= 0 V
GS
Coss
Crss
Figure 7. Gate-Charge Characteristics.
Figure 8. Capacitance Characteristics.
Figure 9. Maximum Safe Operating Area.
Figure 10. Single Pulse Maximum
Power Dissipation.
Figure 11. Transient Thermal Response Curve.
Thermal characterization performed using the conditions described in Note 1c.
Transient themal response will change depending on the circuit board design.
024
68
10
0
2
4
6
8
10
Q
, GATE CHARGE (nC)
g
I
= 6.5A
D
V
= 5 V
DS
10 V
15 V
0.1
0.3
1
3
10
30
50
0.01
0.1
1
10
100
V
, DRAIN-SO URCE VOLTAGE (V)
DS
RD
S(O
N)
LI
MI
T
V
= 1 0V
SINGL E PU LSE
R
=125 °C/W
T = 25°C
GS
A
θJA
DC
1s
10
ms
10
0m
s
10
s
1m
s
10
0us
0.0001
0.001
0.01
0.1
1
10
100
300
0.001
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
t , TIME (s e c )
1
S i n g l e P u l s e
D = 0.5
0.1
0.05
0.02
0.0 1
0.2
D u t y C y c l e, D = t /t
1
2
R
(t) = r(t) * R
R
= 125°C /W
θJA
θJA
θJA
T - T = P * R
(t)
θJA
A
J
P(p k )
t1
t 2
0
10
20
30
40
50
0.001
0.01
0.1
1
10
100
1000
SINGLE PULSE TIME (SEC)
SINGLE PULSE
RθJA = 125
oC/W
TA = 25
oC


Similar Part No. - FDS6630A

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
FDS6630A-NL VBSEMI-FDS6630A-NL Datasheet
1,008Kb / 9P
   N-Channel 20V (D-S) MOSFET
More results

Similar Description - FDS6630A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP6035AL FAIRCHILD-FDP6035AL Datasheet
93Kb / 5P
   N-Channel Logic Level PowerTrenchTM MOSFET
FDN359AN FAIRCHILD-FDN359AN Datasheet
264Kb / 8P
   N-Channel Logic Level PowerTrenchTM MOSFET
FDP6670AL FAIRCHILD-FDP6670AL Datasheet
413Kb / 5P
   N-Channel Logic Level PowerTrenchTM MOSFET
FDP7030BL FAIRCHILD-FDP7030BL Datasheet
112Kb / 5P
   N-Channel Logic Level PowerTrenchTM MOSFET
FDD6690A FAIRCHILD-FDD6690A Datasheet
61Kb / 5P
   N-Channel, Logic Level, PowerTrenchTM MOSFET
FDN359BN-F095 FAIRCHILD-FDN359BN-F095 Datasheet
106Kb / 6P
   N-Channel Logic Level PowerTrenchTM MOSFET
FDS6912A FAIRCHILD-FDS6912A Datasheet
222Kb / 4P
   Dual N-Channel, Logic Level, PowerTrenchTM MOSFET
FDS6612A FAIRCHILD-FDS6612A Datasheet
246Kb / 8P
   Single N-Channel, Logic Level, PowerTrenchTM MOSFET
FDS6990A FAIRCHILD-FDS6990A Datasheet
119Kb / 5P
   Dual N-Channel Logic Level PowerTrenchTM MOSFET
FDC655AN FAIRCHILD-FDC655AN Datasheet
198Kb / 4P
   Single N-Channel, Logic Level, PowerTrenchTM MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com