Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC16C55 Datasheet(PDF) 5 Page - Microchip Technology

Part # PIC16C55
Description  EPROM/ROM-Based 8-bit CMOS Microcontroller Series
Download  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C55 Datasheet(HTML) 5 Page - Microchip Technology

  PIC16C55 Datasheet HTML 1Page - Microchip Technology PIC16C55 Datasheet HTML 2Page - Microchip Technology PIC16C55 Datasheet HTML 3Page - Microchip Technology PIC16C55 Datasheet HTML 4Page - Microchip Technology PIC16C55 Datasheet HTML 5Page - Microchip Technology PIC16C55 Datasheet HTML 6Page - Microchip Technology PIC16C55 Datasheet HTML 7Page - Microchip Technology PIC16C55 Datasheet HTML 8Page - Microchip Technology PIC16C55 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 192 page
background image
 1997-2013 Microchip Technology Inc.
Preliminary
DS30453E-page 5
PIC16C5X
1.0
GENERAL DESCRIPTION
The PIC16C5X from Microchip Technology is a family
of low cost, high performance, 8-bit fully static,
EPROM/ROM-based
CMOS
microcontrollers.
It
employs a RISC architecture with only 33 single word/
single cycle instructions. All instructions are single
cycle except for program branches which take two
cycles. The PIC16C5X delivers performance in an
order of magnitude higher than its competitors in the
same price category. The 12-bit wide instructions are
highly symmetrical resulting in 2:1 code compression
over other 8-bit microcontrollers in its class. The easy
to use and easy to remember instruction set reduces
development time significantly.
The PIC16C5X products are equipped with special fea-
tures that reduce system cost and power requirements.
The Power-on Reset (POR) and Device Reset Timer
(DRT) eliminate the need for external RESET circuitry.
There are four oscillator configurations to choose from,
including the power saving LP (Low Power) oscillator
and cost saving RC oscillator. Power saving SLEEP
mode, Watchdog Timer and Code Protection features
improve system cost, power and reliability.
The UV erasable CERDIP packaged versions are ideal
for code development, while the cost effective One
Time Programmable (OTP) versions are suitable for
production in any volume. The customer can take full
advantage of Microchip’s price leadership in OTP
microcontrollers, while benefiting from the OTP’s
flexibility.
The PIC16C5X products are supported by a full fea-
tured macro assembler, a software simulator, an in-cir-
cuit emulator, a low cost development programmer and
a full featured programmer. All the tools are supported
on IBMPC and compatible machines.
1.1
Applications
The PIC16C5X series fits perfectly in applications rang-
ing from high speed automotive and appliance motor
control to low power remote transmitters/receivers,
pointing devices and telecom processors. The EPROM
technology makes customizing application programs
(transmitter codes, motor speeds, receiver frequen-
cies, etc.) extremely fast and convenient. The small
footprint packages, for through hole or surface mount-
ing, make this microcontroller series perfect for applica-
tions with space limitations. Low cost, low power, high
performance ease of use and I/O flexibility make the
PIC16C5X series very versatile even in areas where no
microcontroller use has been considered before (e.g.,
timer functions, replacement of “glue” logic in larger
systems, co-processor applications).
8-Bit EPROM/ROM-Based CMOS Microcontrollers


Similar Part No. - PIC16C55

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16C55 MICROCHIP-PIC16C55 Datasheet
1Mb / 217P
   EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
1998
PIC16C55 MICROCHIP-PIC16C55 Datasheet
1Mb / 194P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
03/01/02
PIC16C55 MICROCHIP-PIC16C55 Datasheet
654Kb / 84P
   ROM-Based 8-Bit CMOS Microcontroller Series
1998
PIC16C55 MICROCHIP-PIC16C55 Datasheet
1Mb / 194P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
03/01/02
PIC16C55 MICROCHIP-PIC16C55 Datasheet
2Mb / 192P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
1997-2013
More results

Similar Description - PIC16C55

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16C57-XTP MICROCHIP-PIC16C57-XTP Datasheet
2Mb / 192P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
1997-2013
PIC16C57CJW MICROCHIP-PIC16C57CJW Datasheet
2Mb / 192P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
11/29/12
PIC16C57C-20I MICROCHIP-PIC16C57C-20I Datasheet
1Mb / 194P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
03/01/02
PIC16C57-RCI MICROCHIP-PIC16C57-RCI Datasheet
1Mb / 194P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
03/01/02
PIC16C55A-JW MICROCHIP-PIC16C55A-JW Datasheet
2Mb / 192P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
11/29/12
PIC16C57-RC MICROCHIP-PIC16C57-RC Datasheet
1Mb / 194P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
03/01/02
PIC16C55A-04 MICROCHIP-PIC16C55A-04 Datasheet
1Mb / 218P
   EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
01/18/02
PIC16C54C-04-P MICROCHIP-PIC16C54C-04-P Datasheet
2Mb / 192P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
11/29/12
PIC16C55A-04 MICROCHIP-PIC16C55A-04 Datasheet
1Mb / 194P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
01/18/02
PIC16C56-XT MICROCHIP-PIC16C56-XT Datasheet
1Mb / 194P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
03/01/02
PIC16C55-XTI MICROCHIP-PIC16C55-XTI Datasheet
1Mb / 194P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
03/01/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com