Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC12LCE674 Datasheet(PDF) 4 Page - Microchip Technology

Part # PIC12LCE674
Description  8-Pin, 8-Bit CMOS Microcontroller with A/D Converter and EEPROM Data Memory
Download  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12LCE674 Datasheet(HTML) 4 Page - Microchip Technology

  PIC12LCE674 Datasheet HTML 1Page - Microchip Technology PIC12LCE674 Datasheet HTML 2Page - Microchip Technology PIC12LCE674 Datasheet HTML 3Page - Microchip Technology PIC12LCE674 Datasheet HTML 4Page - Microchip Technology PIC12LCE674 Datasheet HTML 5Page - Microchip Technology PIC12LCE674 Datasheet HTML 6Page - Microchip Technology PIC12LCE674 Datasheet HTML 7Page - Microchip Technology PIC12LCE674 Datasheet HTML 8Page - Microchip Technology PIC12LCE674 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 130 page
background image
PIC12C67X
DS30561C-page 4
 1997-2013 Microchip Technology Inc.
TABLE 1-1:
PIC12C67X & PIC12CE67X FAMILY OF DEVICES
PIC12C671
PIC12LC671
PIC12C672
PIC12LC672 PIC12CE673 PIC12LCE673 PIC12CE674 PIC12LCE674
Clock
Maximum
Frequency
of Operation
(MHz)
10
10
10
10
10
10
10
10
Memory
EPROM
Program
Memory
1024 x 14
1024 x 14
2048 x 14
2048 x 14
1024 x 14
1024 x 14
2048 x 14
2048 x 14
RAM Data
Memory
(bytes)
128
128
128
128
128
128
128
128
Peripherals
EEPROM
Data Memory
(bytes)
——
16
16
16
16
Timer
Module(s)
TMR0
TMR0
TMR0
TMR0
TMR0
TMR0
TMR0
TMR0
A/D Con-
verter (8-bit)
Channels
44
4
4
44
4
4
Features
Wake-up
from SLEEP
on pin
change
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Interrupt
Sources
44
4
4
44
4
4
I/O Pins
5
5
5
5
5
5
5
5
Input Pins
1
1
1
1
1
1
1
1
Internal
Pull-ups
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
In-Circuit
Serial
Programming
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Number of
Instructions
35
35
35
35
35
35
35
35
Voltage
Range (Volts)
3.0V - 5.5V
2.5V - 5.5V
3.0V - 5.5V
2.5V - 5.5V
3.0V - 5.5V
2.5V - 5.5V
3.0V - 5.5V
2.5V - 5.5V
Packages
8-pin DIP,
JW, SOIC
8-pin DIP,
JW, SOIC
8-pin DIP,
JW, SOIC
8-pin DIP,
JW, SOIC
8-pin DIP,
JW
8-pin DIP,
JW
8-pin DIP,
JW
8-pin DIP,
JW
All PIC12C67X devices have Power-on Reset, selectable Watchdog Timer, selectable code protect and high I/O current capability.
All PIC12C67X devices use serial programming with data pin GP0 and clock pin GP1.


Similar Part No. - PIC12LCE674

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC12LCE674 MICROCHIP-PIC12LCE674 Datasheet
671Kb / 116P
   8-Pin, 8-Bit CMOS Microcontroller with A/D Converter and EEPROM Data Memory
1998
PIC12LCE674-04/JM MICROCHIP-PIC12LCE674-04/JM Datasheet
1Mb / 129P
   8-Pin, 8-Bit CMOS Microcontroller with A/D Converter
1999 - 2002
PIC12LCE674-04/JW MICROCHIP-PIC12LCE674-04/JW Datasheet
671Kb / 116P
   8-Pin, 8-Bit CMOS Microcontroller with A/D Converter and EEPROM Data Memory
1998
PIC12LCE674-04/P MICROCHIP-PIC12LCE674-04/P Datasheet
671Kb / 116P
   8-Pin, 8-Bit CMOS Microcontroller with A/D Converter and EEPROM Data Memory
1998
PIC12LCE674-04/P MICROCHIP-PIC12LCE674-04/P Datasheet
1Mb / 129P
   8-Pin, 8-Bit CMOS Microcontroller with A/D Converter
1999 - 2002
More results

Similar Description - PIC12LCE674

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC12CE67X MICROCHIP-PIC12CE67X Datasheet
671Kb / 116P
   8-Pin, 8-Bit CMOS Microcontroller with A/D Converter and EEPROM Data Memory
1998
PIC12C67X MICROCHIP-PIC12C67X Datasheet
1Mb / 129P
   8-Pin, 8-Bit CMOS Microcontroller with A/D Converter and EEPROM Data Memory
1999 - 2002
PIC12CE518 MICROCHIP-PIC12CE518 Datasheet
1Mb / 88P
   8-Pin, 8-Bit CMOS Microcontroller with EEPROM Data Memory
1997
PIC12C671 MICROCHIP-PIC12C671 Datasheet
1Mb / 129P
   8-Pin, 8-Bit CMOS Microcontroller with A/D Converter
1999 - 2002
logo
National Semiconductor ...
COP8CFE9 NSC-COP8CFE9 Datasheet
771Kb / 63P
   8-Bit CMOS Flash Microcontroller with 8k Memory, Virtual EEPROM, and 10-Bit A/D
COP8CBR9 NSC-COP8CBR9 Datasheet
1Mb / 84P
   8-Bit CMOS Flash Microcontroller with 32k Memory, Virtual EEPROM, 10-Bit A/D and Brownout
logo
Microchip Technology
PIC16CE62X MICROCHIP-PIC16CE62X Datasheet
2Mb / 108P
   OTP 8-Bit CMOS MCU with EEPROM Data Memory
1998
PIC16CE62X MICROCHIP-PIC16CE62X_13 Datasheet
1Mb / 114P
   OTP 8-Bit CMOS MCU with EEPROM Data Memory
11/29/12 1998-2013
logo
Texas Instruments
COP8CCE9 TI1-COP8CCE9_15 Datasheet
1Mb / 101P
[Old version datasheet]   8-Bit CMOS Flash Microcontroller with 8k Memory, Virtual EEPROM
logo
National Semiconductor ...
COP8CBE9 NSC-COP8CBE9 Datasheet
921Kb / 75P
   8-Bit CMOS Flash Microcontroller with 8k Memory, Virtual EEPROM, 10-Bit A/D and Brownout Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com