Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CH76 Datasheet(PDF) 2 Page - AVX Corporation

Part # CH76
Description  High Voltage Leaded (CH Style) Radial, Dual-in-Line & ?쁋??Lead SMT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

CH76 Datasheet(HTML) 2 Page - AVX Corporation

  CH76 Datasheet HTML 1Page - AVX Corporation CH76 Datasheet HTML 2Page - AVX Corporation CH76 Datasheet HTML 3Page - AVX Corporation CH76 Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
66
LH
T
S
Lead
Style
Dia
(max)
(max)
(max)
(nom)
(nom)
CV41
10.6 (0.417)
8.70 (0.343)
3.80 (0.150)
8.20 (0.323)
0.70 (0.028)
CV51
11.9 (0.469)
10.7 (0.421)
3.80 (0.150)
10.2 (0.402)
0.90 (0.035)
CV61
16.5 (0.650)
13.6 (0.536)
3.80 (0.150)
15.2 (0.599)
0.90 (0.035)
CV76
22.7 (0.893)
16.6 (0.654)
3.80 (0.150)
21.2* (0.835)
0.90 (0.035)
CV91
22.7 (0.893)
40.6 (1.598)
3.80 (0.150)
21.2* (0.835)
1.20 (0.047)
Part Number format (CVxxxxxxxxxxxA2)
Typical Part Number CV51AC154MA80A2
VERTICALLY MOUNTED RADIAL PRODUCT
High Voltage Leaded (CV Style)
Chip Assemblies
*Tolerance ± 0.8mm (0.031)
DIMENSIONS
millimeters (inches)
T Max.
H Max.
25 (0.984)
±3 (0.118)
Lead Dia.
See Table
S
±0.5
(0.020)
L Max.
HOW TO ORDER
CV
51
A
C
154
M
A
8
0
A
2
Style
Size
Voltage Dielectric Capacitance Capacitance
Specification
Finish
Lead Dia.
Lead Space
Lead Style
Code
Code
Code
Code
Code
Tolerance
Code
Code
Code
Code
Code
A = 1kV
A = C0G
(2 significant
C0G: J = ±5%
A = Non customized
8 = Varnish
0 = Standard
A = Standard
G = 2kV
C = X7R
digits + no.
K = ±10%
H = 3kV
of zeros)
M = ±20%
J = 4kV
eg. 105 = 1 μF
X7R: K = ±10%
K = 5kV
106 = 10 μF
M = ±20%
107 = 100 μF
P = +100, -0%


Similar Part No. - CH76

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
CH76 AVX-CH76 Datasheet
95Kb / 6P
   ESCC Qualified SMPS Capacitors High Voltage Chip/Leaded Capacitors
logo
Chenmko Enterprise Co. ...
CH761UPT CHENMKO-CH761UPT Datasheet
192Kb / 2P
   SCHOTTKY BARRIER DIODE VOLTAGE 12 Volts CURRENT 0.1 Ampere
More results

Similar Description - CH76

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
CH41-94 AVX-CH41-94 Datasheet
115Kb / 6P
   SMPS Capacitors Chip Assemblies CH/CV - Radial, Dual-in-Line, 4 Terminal/SMT ?쁉??& ?쁋??Ranges
logo
Mallory Sonalert Produc...
ACC01 MSPI-ACC01 Datasheet
26Kb / 1P
   ?쁋??Style Mounting Bracket
logo
Cornell Dubilier Electr...
LPX CDE-LPX Datasheet
242Kb / 4P
   High Voltage, High Value Radial Leaded Snap-In
LPX CDE-LPX_18 Datasheet
371Kb / 4P
   High Voltage, High Value Radial Leaded Snap-In
logo
List of Unclassifed Man...
GC2315R-3-200 ETC2-GC2315R-3-200 Datasheet
330Kb / 2P
   Radial Leaded Glass Encapsulated Style
logo
Littelfuse
V320LS20A LITTELFUSE-V320LS20A Datasheet
309Kb / 11P
   Line Voltage Operation, Radial Lead
V175LS5 LITTELFUSE-V175LS5 Datasheet
309Kb / 11P
   Line Voltage Operation, Radial Lead
V575LS80 LITTELFUSE-V575LS80 Datasheet
222Kb / 11P
   Line Voltage Operation, Radial Lead
V130LA1 LITTELFUSE-V130LA1 Datasheet
396Kb / 10P
   Line Voltage Operation, Radial Lead
logo
Vicor Corporation
03040 VICOR-03040 Datasheet
100Kb / 1P
   VARISTOR, RADIAL LEAD MOV, LINE-VOLTAGE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com