Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62207DBVT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62207DBVT
Description  HIGH-EFFICIENCY, SOT23 STEP-DOWN, DC-DC CONVERTER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62207DBVT Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS62207DBVT Datasheet HTML 3Page - Texas Instruments TPS62207DBVT Datasheet HTML 4Page - Texas Instruments TPS62207DBVT Datasheet HTML 5Page - Texas Instruments TPS62207DBVT Datasheet HTML 6Page - Texas Instruments TPS62207DBVT Datasheet HTML 7Page - Texas Instruments TPS62207DBVT Datasheet HTML 8Page - Texas Instruments TPS62207DBVT Datasheet HTML 9Page - Texas Instruments TPS62207DBVT Datasheet HTML 10Page - Texas Instruments TPS62207DBVT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
www.ti.com
TPS62200
,, TPS62201
TPS62202, TPS62203, TPS62207
TPS62204, TPS62205, TPS62208
SLVS417E – MARCH 2002 – REVISED MAY 2006
ELECTRICAL CHARACTERISTICS (continued)
V
I = 3.6 V, VO = 1.8 V, IO = 200 mA, EN = VIN, TA = -40°C to 85°C, typical values are at TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Ilkg_(N)
N-channel leakage current
VDS = 6.0 V
0.1
1
µA
I(LIM)
P-channel current limit
2.5 V < Vin < 6.0 V
380
480
670
mA
OSCILLATOR
fS
Switching frequency
650
1000
1500
kHz
OUTPUT
Adjustable output voltage
VO
TPS62200
0.7
VIN
V
range
Vref
Reference voltage
0.5
V
TPS62200
VI = 3.6 V to 6.0 V, IO = 0 mA
0%
3%
Feedback voltage (1)
Adjustable
VI = 3.6 V to 6.0 V, 0 mA ≤ IO ≤ 300 mA
-3%
3%
TPS62207
VI = 2.5 V to 6.0 V, IO = 0 mA
0%
3%
1.2 V
VI = 2.5 V to 6.0 V, 0 mA ≤ IO ≤ 300 mA
-3%
3%
TPS62201
VI = 2.5 V to 6.0 V, IO = 0 mA
0%
3%
1.5 V
VI = 2.5 V to 6.0 V, 0 mA ≤ IO ≤ 300 mA
-3%
3%
TPS62204
VI = 2.5 V to 6.0 V, IO = 0 mA
0%
3%
1.6 V
VI = 2.5 V to 6.0 V, 0 mA ≤ IO ≤ 300 mA
-3%
3%
TPS62202
VI = 2.5 V to 6.0 V, IO = 0 mA
0%
3%
VO
Fixed output voltage(1)
1.8 V
VI = 2.5 V to 6.0 V, 0 mA ≤ IO ≤ 300 mA
-3%
3%
TPS62208
VI = 2.5 V to 6.0 V, IO = 0 mA
0%
3%
1.875 V
VI = 2.5 V to 6.0 V, 0 mA ≤ IO ≤ 300 mA
-3%
3%
TPS62205
VI = 2.7 V to 6.0 V, IO = 0 mA
0%
3%
2.5 V
VI = 2.7 V to 6.0 V, 0 mA ≤ IO ≤ 300 mA
-3%
3%
TPS62203
VI = 3.6 V to 6.0 V, IO = 0 mA
0%
3%
3.3 V
VI = 3.6 V to 6.0 V, 0 mA ≤ IO ≤ 300 mA
-3%
3%
Line regulation
VI = 2.5 V to 6.0 V, IO = 10 mA
0.26
%/V
Load regulation
IO = 100 mA to 300 mA
0.0014
%/mA
Ilkg
Leakage current into SW pin
Vin > Vout, 0 V
≤ Vsw ≤ Vin
0.1
1
µA
Ilkg(Rev)
Reverse leakage current into pin SW
Vin = open, EN = GND, VSW = 6.0 V
0.1
1
µA
(1)
For output voltages
≤ 1.2 V a 22 µF output capacitor value is required to achieve a maximum output voltage accuracy of 3% while
operating in power save mode (PFM mode)
7
Submit Documentation Feedback


Similar Part No. - TPS62207DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62207DBV TI-TPS62207DBV Datasheet
291Kb / 19P
[Old version datasheet]   HIGH-EFFICIENCY, SOT23 STEP-DOWN, DC-DC CONVERTER
More results

Similar Description - TPS62207DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62203-DIE TI1-TPS62203-DIE Datasheet
70Kb / 4P
[Old version datasheet]   HIGH-EFFICIENCY, SOT23 STEP-DOWN, DC-DC CONVERTER
TPS62200 TI-TPS62200 Datasheet
291Kb / 19P
[Old version datasheet]   HIGH-EFFICIENCY, SOT23 STEP-DOWN, DC-DC CONVERTER
TPS62205 TI-TPS62205 Datasheet
264Kb / 19P
[Old version datasheet]   HIGH-EFFICIENCY, SOT23 STEP-DOWN, DC-DC CONVERTER
TPS62200 TI-TPS62200_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS6220x High-Efficiency, SOT23 Step-Down, DC-DC Converter
logo
Semtech Corporation
SC1578 SEMTECH-SC1578 Datasheet
130Kb / 5P
   HIGH-EFFICIENCY STEP-DOWN DC-DC CONVERTER
logo
Fairchild Semiconductor
FAN5307 FAIRCHILD-FAN5307 Datasheet
623Kb / 13P
   High-Efficiency Step-Down DC-DC Converter
logo
Analog Intergrations Co...
AIC1578 AIC-AIC1578 Datasheet
266Kb / 7P
   High-Efficiency, Step-Down DC/DC Converter
logo
Shindengen Electric Mfg...
MD1422N SHINDENGEN-MD1422N Datasheet
41Kb / 2P
   high-efficiency step down DC-DC converter
logo
Fairchild Semiconductor
FAN5308 FAIRCHILD-FAN5308_07 Datasheet
472Kb / 11P
   800mA High-Efficiency Step-Down DC-DC Converter
FAN2001 FAIRCHILD-FAN2001 Datasheet
329Kb / 11P
   1A High-Efficiency Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com