Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPS6235-334ML Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # LPS6235-334ML
Description  Shielded Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

LPS6235-334ML Datasheet(HTML) 1 Page - Coilcraft lnc.

  LPS6235-334ML Datasheet HTML 1Page - Coilcraft lnc. LPS6235-334ML Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Shielded Power Inductors– LPS6235
Document 587-1
Document 587-1 Revised 12/01/11
DCR
SRF
Isat (A)5
Irms (A)6
Inductance2 max3
typ4 10% 20% 30%
20°C 40°C
Part number1 ±20% (µH) (Ohms) (MHz) drop drop drop
rise rise
LPS6235-682ML_
6.8
0.075
55
2.6
2.7
2.8
1.30 1.90
LPS6235-822ML_
8.2
0.095
48
2.5
2.6
2.7
1.30 1.85
LPS6235-103ML_
10.0
0.100
37
2.3
2.4
2.5
1.28 1.80
LPS6235-123ML_
12.0
0.110
29
1.9
2.2
2.3
1.25 1.75
LPS6235-153ML_
15.0
0.125
25
1.9
2.0
2.0
1.22 1.70
LPS6235-183ML_
18.0
0.140
24
1.7
1.8
1.9
1.20 1.65
LPS6235-223ML_
22.0
0.145
24
1.6
1.7
1.7
1.10 1.60
LPS6235-333ML_
33.0
0.180
16
1.3
1.4
1.5
1.00 1.30
LPS6235-473ML_
47.0
0.245
13
1.1
1.2
1.2
0.80 1.15
LPS6235-563ML_
56.0
0.280
12
1.0
1.0
1.1
0.75 1.07
LPS6235-683ML_
68.0
0.345
10.8 0.90
0.94
0.96
0.73 1.00
LPS6235-823ML_
82.0
0.315
10.0 0.46
0.52
0.55
0.72 0.95
LPS6235-104ML_
100.0
0.375
9.0 0.46
0.52
0.54
0.70 0.90
LPS6235-124ML_
120.0
0.435
8.3 0.44
0.48
0.51
0.60 0.80
LPS6235-154ML_
150.0
0.535
7.3 0.37
0.43
0.45
0.53 0.73
LPS6235-224ML_
220.0
0.820
5.6 0.31
0.36
0.37
0.45 0.64
LPS6235-334ML_
330.0
1.20
4.4 0.26
0.29
0.30
0.40 0.50
LPS6235-474ML_
470.0
1.60
3.6 0.22
0.25
0.26
0.32 0.43
LPS6235-564ML_
560.0
2.00
3.1 0.20
0.22
0.23
0.29 0.38
LPS6235-684ML_
680.0
2.20
2.8 0.17
0.19
0.21
0.28 0.37
LPS6235-824ML_
820.0
2.70
2.5 0.16
0.18
0.19
0.26 0.33
LPS6235-105ML_
1000.0
3.40
2.2 0.14
0.17
0.18
0.24 0.30
LPS6235-155ML_
1500.0
4.60
1.9 0.12
0.13
0.14
0.19 0.26
LPS6235-185ML_
1800.0
5.42
1.7 0.11
0.12
0.13
0.18 0.23
LPS6235-225ML_
2200.0
6.70
1.5 0.090 0.11
0.11
0.16 0.22
LPS6235-335ML_
3300.0
9.50
1.1 0.080 0.090 0.10
0.14 0.180
LPS6235-475ML_
4700.0
14.5
0.94 0.070 0.077 0.084 0.11 0.150
LPS6235-565ML_
5600.0
16.4
0.86 0.060 0.070 0.080 0.10 0.130
LPS6235-685ML_
6800.0
21.4
0.80 0.057 0.065 0.069 0.090 0.120
LPS6235-825ML_
8200.0
24.5
0.70 0.052 0.060 0.067 0.085 0.115
LPS6235-106ML_ 10000.0
29.5
0.61 0.050 0.055 0.060 0.075 0.095
• LowDCR;highcurrent;shieldedconstruction
• Perfectforbacklightapplications
Designer’s Kit C345 contains3eachofallvalues
Core material Ferrite
Core and winding loss Seewww.coilcraft.com/coreloss
Terminations RoHScompliantsilver-palladium-platinum-glassfrit.
Otherterminationsavailableatadditionalcost.
Weight 460–480mg
Ambient temperature –40°Cto+85°CwithIrmscurrent,+85°Cto
+125°Cwithderatedcurrent
Storage temperature Component:–40°Cto+125°C.
Tapeandreelpackaging:–40°Cto+80°C
Resistance to soldering heat Maxthree40secondreflowsat
+260°C,partscooledtoroomtemperaturebetweencycles
Moisture Sensitivity Level (MSL) 1(unlimitedfloorlifeat<30°C/
85%relativehumidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
38perbillionhours/26,315,789hours,calculatedperTelcordiaSR-332
Packaging 350/7
″reel;1500/13″reel Plastictape: 16mmwide,
0.3mmthick,8mmpocketspacing,3.68mmpocketdepth
Recommended pick and place nozzle OD:6.2mm; ID:
≤ 3.1 mm
PCB washing Onlypurewateroralcoholrecommended
1. Pleasespecify
termination andpackagingcodes:
LPS6235-106MLC
Termination: L =RoHScompliantsilver-palladium-
platinum-glassfrit.
Specialorder:
T =RoHStin-silver-copper(95.5/4/0.5)
or
S =non-RoHStin-lead(63/37).
Packaging: C = 7
″ machine-readyreel. EIA-481
embossedplastictape(350parts
perfullreel).
B =Lessthanfullreel.Intape,butnot
machineready.Tohavealeaderand
traileradded($25charge),usecode
letterCinstead.
D = 13
″ machine-readyreel. EIA-481
embossedplastictape.Factory
orderonly,notstocked(1500parts
perfullreel).
2. Inductancetestedat100kHz,0.1Vrms,0Adcusingan
Agilent/HP4192A.
3. DCRmeasuredonamicro-ohmmeter.
4. SRFmeasuredusingAgilent/HP8753ESorequivalent.
5. DCcurrentthatcausesthespecifiedinductancedrop
fromitsvaluewithoutcurrent.
6. Currentthatcausesthespecifiedtemperaturerisefrom
25°Cambient.
7. Electricalspecificationsat25°C.
RefertoDoc362“SolderingSurfaceMountComponents”
beforesoldering.


Similar Part No. - LPS6235-334ML

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
LPS6235-334ML COILCRAFT-LPS6235-334ML Datasheet
210Kb / 2P
   Shielded Power Inductors
LPS6235-334ML COILCRAFT-LPS6235-334ML Datasheet
320Kb / 2P
   Shielded Power Inductors ??LPS6235
LPS6235-334ML COILCRAFT-LPS6235-334ML Datasheet
194Kb / 2P
   Shielded Power Inductors ??LPS6235
LPS6235-334MLB COILCRAFT-LPS6235-334MLB Datasheet
161Kb / 2P
   Shielded Power Inductors - LPS6235
LPS6235-334MLC COILCRAFT-LPS6235-334MLC Datasheet
161Kb / 2P
   Shielded Power Inductors - LPS6235
More results

Similar Description - LPS6235-334ML

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
   Power Inductors - Shielded
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
   Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
   Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
   Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
   Power Inductors - Shielded
CTDS5022 CT-CTDS5022 Datasheet
229Kb / 1P
   Power Inductors - Shielded
logo
Coilcraft lnc.
LPS3314 COILCRAFT-LPS3314 Datasheet
205Kb / 2P
   Shielded Power Inductors
LPS4012-331ML COILCRAFT-LPS4012-331ML Datasheet
212Kb / 2P
   Shielded Power Inductors
LPS5030-901ML COILCRAFT-LPS5030-901ML Datasheet
210Kb / 2P
   Shielded Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com