Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

6007 Datasheet(PDF) 1 Page - AVX Corporation

Part No. 6007
Description  Rectangular Tails
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

6007 Datasheet(HTML) 1 Page - AVX Corporation

  6007 Datasheet HTML 1Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
5
.156" x .200"
SERIES 6007
NO. OF CONTACTS
SINGLE
DUAL
READOUT
READOUT
A
B
C
D
E
F
H
J
612
1.842
1.532
1.246
1.100
1.290
1.086
.343
.380
10
20
2.466
2.156
1.870
1.724
1.910
1.710
.343
.380
12
24
2.778
2.468
2.182
2.036
2.220
2.022
.343
.380
15
30
3.246
2.936
2.650
2.504
2.700
2.490
.343
.380
18
36
3.714
3.404
3.118
2.972
3.160
2.958
.343
.380
22
44
4.338
4.028
3.742
3.596
3.790
3.582
.343
.380
36
72
6.522
6.212
5.926
5.780
5.940
5.766
.500
.540
43
86
7.614
7.304
7.018
6.872
7.040
6.858
.500
.540
Rectangular Tails
Features
*Meets the performance requirements
of MIL-C-21097
Single and dual read-out contacts
Eight sizes: 6/12, 10/20, 12/24, 15/30,
18/36, 22/44, 36/72, 43/86, contacts
Three mounting styles: mounting holes,
floating eyelets and threaded inserts
Specifications
Current rating: 5 amperes
Contact resistance: 6 milliohms, maximum
Contact material: Phosphor bronze
Contact plating:
Overall: 50-100 microinches nickel and 10
microinches min. gold overall
Insertion/withdrawal force: 2 to 16
ounces per contact pair, nominal P.C.
card
Insulator material: Diallyl phthalate, glass-
filled, per MIL-M-14F, type SDGF (check
factory for other available materials)
Insulation resistance: 25,000 megohms,
minimum
Dielectric withstanding voltage: 2000
VAC between adjacent contacts, RMS,
at sea level
Recommended for standard applications. Available through AVX franchised distributors.
Ordering Code
Typical Example
00
6007
030
450
012
SERIES
NUMBER OF CONTACTS
CONTACT CODE
Single Read-Out (contact tails on number side of insulator)
552
60-6007-16-33 P.C. tab (single sided): .202" lg. (.013" x .045")
936
60-6007-06-43 Wrap (.016" x .047") special: .497" lg. (double sided)
938
60-6007-06-33 P.C. tab special: .215" lg. (double sided) (.013" x .047")
2
940
60-6007-06-23 Wire hole special: .227" lg. (double sided) (.013" x .089")
Dual Read-Out
1
450
60-6007-19-23 Wire hole: .277" lg. (.013" x .078")
451
60-6007-19-33 P.C. tab: .202" lg. (.013" x .048")
452
60-6007-18-13 Solderless wrap (.016" x .044"): .697" lg.
453
60-6007-18-23 P.C. tab: .347" lg. (.016" x .044")
454
60-6007-18-33 Solderless wrap (.016" x .044"): .517" lg.
498
60-6007-05-33 Switching (used in pairs): .202" lg. P.C. tab
941
60-6007-05-13 Switching (used in pairs): .229" lg. wire hole
1
Wire hole size: (.062" x .125")
2
Wire hole size: (.046" x .125")
VARIATION CODE
Plating
Overall
012
With .128" dia. mounting holes
018
With #4-40 insert


Similar Part No. - 6007

ManufacturerPart No.DatasheetDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
6007 ETC2-6007 Datasheet
158Kb / 1P
   THE BREAD BOARDING MEDIUM FOR SURFACE MOUNT
Micronetics, Inc.
Micronetics, Inc.
6007 MICRONETICS-6007 Datasheet
39Kb / 1P
   SINGLE POLE, SINGLE THROW DROP-IN MODULES
List of Unclassifed Manufacturers
List of Unclassifed Man...
6007 ETC2-6007 Datasheet
99Kb / 1P
   TEST TIPS AND PLUGS
6007 ETC2-6007 Datasheet
373Kb / 1P
   PLUGS AND JACKS
6007-0402 ETC1-6007-0402 Datasheet
111Kb / 1P
   6007 PCB Jack, Low Profile
More results

Similar Description - 6007

ManufacturerPart No.DatasheetDescription
Gilway Technical Lamp
Gilway Technical Lamp
E222 GILWAY-E222 Datasheet
71Kb / 2P
   Rectangular LEDs
P-tec Corporation
P-tec Corporation
PL43-CDR12 P-TEC-PL43-CDR12 Datasheet
29Kb / 1P
   Rectangular LED
PL44-CDR12 P-TEC-PL44-CDR12 Datasheet
29Kb / 1P
   Rectangular LED
PL44-CDY01 P-TEC-PL44-CDY01 Datasheet
29Kb / 1P
   Rectangular LED
PL44-CDY01 P-TEC-PL44-CDY01 Datasheet
29Kb / 1P
   Rectangular LED
Glenair, Inc.
Glenair, Inc.
M85049-48-1-1F GLENAIR-M85049-48-1-1F Datasheet
75Kb / 1P
   Rectangular Backshells
M85049-48-3-1F GLENAIR-M85049-48-3-1F Datasheet
72Kb / 1P
   Rectangular Backshells
Mitsumi Electronics, Corp.
Mitsumi Electronics, Co...
IAM-F30 MITSUMI-IAM-F30 Datasheet
377Kb / 5P
   Rectangular Connectors
P-tec Corporation
P-tec Corporation
PL43-CDR21 P-TEC-PL43-CDR21 Datasheet
29Kb / 1P
   Rectangular LED
PL44-CDG13 P-TEC-PL44-CDG13 Datasheet
29Kb / 1P
   Rectangular LED
More results


Html Pages

1 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com