Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

44057 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 44057
Description  PRIMARY VOLTAGE, Vacuum filling, Two compartments bobbins
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

44057 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  44057 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
* to be noted : 2 x 24 V non safety transformer approved,
conform to EN 61558-2-6 (Isolating transformer).
PRIMARY VOLTAGE
Protection Reference
Secondary
voltage
V
Secondary
Current
m A
No-load
voltage
V
Ambient
Temperature
°C
Rating
VA
44049
6
167
8,6
T 70 B
1
44050
9
111
12,9
T 70 B
1
44051
12
83
17,2
T 70 B
1
44052
15
67
21,6
T 70 B
1
44053
18
56
25,9
T 70 B
1
44054
24
42
37,9
T 70 B
1
44055
2 x 6
2 x 83
2 x 8,6
T 70 B
1
44056
2 x 9
2 x 56
2 x 12,9
T 70 B
1
44057
2 x 12
2 x 42
2 x 19
T 70 B
1
44058
2 x 15
2 x 33
2 x 23,6
T 70 B
1
44059
2 x 18
2 x 28
2 x 24,9
T 70 B
1
44060*
2 x 24
2 x 21
2 x 37,9
T 70 B
1
l
Vacuum filling
l
Two compartments bobbins
l
Self-extinguishing plastics UL 94
VO
l
Degree of protection IP 00
l
70 grams weight
l
Resin class B CEI 85 (20 000 h
testing to CEI 126)
l
Inherently short-circuits proof
transformer
l
30 V and 36 V models are VDE
EN 61558-2-6 certified (production
on request)
l
Insulation voltage 4 KV (6 KV
MYRRA test)
l
100% tested production
l
Certification : CCA procedure on
request
n


Similar Part No. - 44057

ManufacturerPart #DatasheetDescription
logo
Heyco.
4405 HEYCO-4405 Datasheet
70Kb / 1P
   Push Rivet-Arrow
logo
Molex Electronics Ltd.
44050 MOLEX-44050 Datasheet
610Kb / 4P
   High Speed, Right Angle Low Profile Shielded and Unshielded Versions
logo
Turck, Inc.
44050 TURCK-44050 Datasheet
1Mb / 3P
   Inductive Sensor
11/07/2023
logo
Molex Electronics Ltd.
44050-0001 MOLEX-44050-0001 Datasheet
610Kb / 4P
   High Speed, Right Angle Low Profile Shielded and Unshielded Versions
44050-0002 MOLEX-44050-0002 Datasheet
610Kb / 4P
   High Speed, Right Angle Low Profile Shielded and Unshielded Versions
More results

Similar Description - 44057

ManufacturerPart #DatasheetDescription
logo
Fair-Rite Products Corp...
9677001015 FAIR-RITE-9677001015 Datasheet
1Mb / 1P
   Bobbins
9677142009 FAIR-RITE-9677142009 Datasheet
1Mb / 1P
   Bobbins
9677282008 FAIR-RITE-9677282008 Datasheet
1Mb / 1P
   Bobbins
9677352508 FAIR-RITE-9677352508 Datasheet
1Mb / 1P
   Bobbins
9677182008 FAIR-RITE-9677182008 Datasheet
1Mb / 1P
   Bobbins
9677182209 FAIR-RITE-9677182209 Datasheet
1Mb / 1P
   Bobbins
9677282009 FAIR-RITE-9677282009 Datasheet
1Mb / 1P
   Bobbins
9677353509 FAIR-RITE-9677353509 Datasheet
1Mb / 1P
   Bobbins
9677453508 FAIR-RITE-9677453508 Datasheet
1Mb / 1P
   Bobbins
9877000204 FAIR-RITE-9877000204 Datasheet
1Mb / 1P
   Bobbins
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com