Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S8JX-G15024CD Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # S8JX-G15024CD
Description  Wide Variety of Output Voltage Variations: 48 V for 15 to 150 W, and 5 or 12 V for 150 W
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

S8JX-G15024CD Datasheet(HTML) 3 Page - Omron Electronics LLC

  S8JX-G15024CD Datasheet HTML 1Page - Omron Electronics LLC S8JX-G15024CD Datasheet HTML 2Page - Omron Electronics LLC S8JX-G15024CD Datasheet HTML 3Page - Omron Electronics LLC S8JX-G15024CD Datasheet HTML 4Page - Omron Electronics LLC S8JX-G15024CD Datasheet HTML 5Page - Omron Electronics LLC S8JX-G15024CD Datasheet HTML 6Page - Omron Electronics LLC S8JX-G15024CD Datasheet HTML 7Page - Omron Electronics LLC S8JX-G15024CD Datasheet HTML 8Page - Omron Electronics LLC S8JX-G15024CD Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
S8JX
3
*1. The front-mounting bracket is included as standard with the product.
*2. A front-mounting bracket is not included with the product.
*3. The range for compliance with EC Directives and safety standards (UL, EN, etc.) is 100 to 240 VAC (85 to 264 VAC).
Configuration
Input voltage
Power ratings
Output voltage (VDC)
Output current
Model
Covered Power
Supplies
Front-mounting
*1
100 to 240 VAC
(free)
(80 to 370 VDC
*3)
S8JX-G15005
@@:
Switchable between
100 to 120 VAC and
200 to 240 VAC. (DC
power cannot be
input.)
15 W
5 V
3 A
S8JX-G01505C
12 V
1.3 A
S8JX-G01512C
15 V
1 A
S8JX-G01515C
24 V
0.65 A
S8JX-G01524C
48 V
0.35 A
S8JX-G01548C
35 W
5 V
7 A
S8JX-G03505C
12 V
3 A
S8JX-G03512C
15 V
2.4 A
S8JX-G03515C
24 V
1.5 A
S8JX-G03524C
48 V
0.75 A
S8JX-G03548C
50 W
5 V
10 A
S8JX-G05005C
12 V
4.2 A
S8JX-G05012C
24 V
2.1 A
S8JX-G05024C
48 V
1.1 A
S8JX-G05048C
100 W
5 V
20 A
S8JX-G10005C
12 V
8.5 A
S8JX-G10012C
24 V
4.5 A
S8JX-G10024C
48 V
2.1 A
S8JX-G10048C
150 W
5 V
30 A
S8JX-G15005C
12 V
13 A
S8JX-G15012C
24 V
6.5 A
S8JX-G15024C
48 V
3.3 A
S8JX-G15048C
DIN Rail-mounting
*2
15 W
5 V
3 A
S8JX-G01505CD
12 V
1.3 A
S8JX-G01512CD
15 V
1 A
S8JX-G01515CD
24 V
0.65 A
S8JX-G01524CD
48 V
0.35 A
S8JX-G01548CD
35 W
5 V
7 A
S8JX-G03505CD
12 V
3 A
S8JX-G03512CD
15 V
2.4 A
S8JX-G03515CD
24 V
1.5 A
S8JX-G03524CD
48 V
0.75 A
S8JX-G03548CD
50 W
5 V
10 A
S8JX-G05005CD
12 V
4.2 A
S8JX-G05012CD
24 V
2.1 A
S8JX-G05024CD
48 V
1.1 A
S8JX-G05048CD
100 W
5 V
20 A
S8JX-G10005CD
12 V
8.5 A
S8JX-G10012CD
24 V
4.5 A
S8JX-G10024CD
48 V
2.1 A
S8JX-G10048CD
150 W
5 V
30 A
S8JX-G15005CD
12 V
13 A
S8JX-G15012CD
24 V
6.5 A
S8JX-G15024CD
48 V
3.3 A
S8JX-G15048CD
Front-mounting
*1
100 to 120 VAC
200 to 240 VAC
(Swichable)
300 W
24 V
14 A
S8JX-G30024C
600 W
27 A
S8JX-G60024C
DIN Rail-mounting
*2
300 W
14 A
S8JX-G30024CD


Similar Part No. - S8JX-G15024CD

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
S8JX-G15024CD OMRON-S8JX-G15024CD Datasheet
486Kb / 4P
   Offers Flexible Selection, High Reliability and Ease of Operation
More results

Similar Description - S8JX-G15024CD

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPD3640 QORVO-QPD3640 Datasheet
690Kb / 9P
   150 W / 300 W, 48 V, 3.4 ??3.8 GHz, Asymmetric Doherty
October 14, 2019
logo
NXP Semiconductors
UM10469 PHILIPS-UM10469 Datasheet
914Kb / 17P
   48 V/150 W demo board using the SSL4101
Rev. 1.2-29 December 2014
logo
List of Unclassifed Man...
2N6052 ETC-2N6052 Datasheet
174Kb / 1P
   Transistor, Bipolar, TO-3, PNP, 12 A, 100 V, 150 W
5/20/03
logo
Texas Instruments
PTN04050C TI-PTN04050C Datasheet
1Mb / 17P
[Old version datasheet]   12 - W, 3.3 / 5 - V INPUT, WIDE OUTPUT ADJUSTABLE BOOST CONVERTER
PTN04050C TI1-PTN04050C_11 Datasheet
646Kb / 19P
[Old version datasheet]   12-W, 3.3/5-V INPUT, WIDE OUTPUT ADJUSTABLE BOOST CONVERTER
logo
Weidmuller
1286870000 WEIDMULLER-1286870000 Datasheet
241Kb / 4P
   Wide ranges of variations with 5 to 16 ports, Variations for Gigabit Ethernet
logo
Solid States Devices, I...
ST4462 SSDI-ST4462 Datasheet
131Kb / 2P
   150 W Transient Voltage Suppressor
logo
STMicroelectronics
STEVAL-ISA184V1 STMICROELECTRONICS-STEVAL-ISA184V1 Datasheet
221Kb / 4P
   5 V-12 V, 15 W double output isolated flyback converter based on VIPer37LD
December 2016 Rev 1
logo
Texas Instruments
PTEA404120 TI-PTEA404120 Datasheet
345Kb / 14P
[Old version datasheet]   50-W, 48-V INPUT, 12-V OUTPUT, ISOLATED DC/DC CONVERTER
logo
Weidmuller
1286860000 WEIDMULLER-1286860000 Datasheet
243Kb / 4P
   Wide ranges of variations with 5 to 16 ports, Variations for Gigabit Ethernet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com