Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDS6162N3 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FDS6162N3
Description  20V N-Channel PowerTrench MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS6162N3 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FDS6162N3 Datasheet HTML 1Page - Fairchild Semiconductor FDS6162N3 Datasheet HTML 2Page - Fairchild Semiconductor FDS6162N3 Datasheet HTML 3Page - Fairchild Semiconductor FDS6162N3 Datasheet HTML 4Page - Fairchild Semiconductor FDS6162N3 Datasheet HTML 5Page - Fairchild Semiconductor FDS6162N3 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
FDS6162N3 Rev B2 (W)
Electrical Characteristics
T
A = 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Typ Max Units
Off Characteristics
BVDSS
Drain–Source Breakdown
Voltage
VGS = 0 V,
ID = 250 µA
20
V
∆BVDSS
∆TJ
Breakdown Voltage Temperature
Coefficient
ID = 250 µA, Referenced to 25°C
13
mV/
°C
IDSS
Zero Gate Voltage Drain Current
VDS = 16 V,
VGS = 0 V
1
µA
IGSSF
Gate–Body Leakage, Forward
VGS = 12 V,
VDS = 0 V
100
nA
IGSSR
Gate–Body Leakage, Reverse
VGS = –12 V ,
VDS = 0 V
–100
nA
On Characteristics
(Note 2)
VGS(th)
Gate Threshold Voltage
VDS = VGS,
ID = 250 µA
0.6
0.9
1.5
V
∆VGS(th)
∆TJ
Gate Threshold Voltage
Temperature Coefficient
ID = 250 µA, Referenced to 25°C
–4
mV/
°C
RDS(on)
Static Drain–Source
On–Resistance
VGS = 4.5 V, ID = 21 A
VGS = 2.5 V, ID = 18 A
VGS = 4.5 V, ID = 21 A, TJ = 125°C
3.3
4.3
4.8
4.5
6.0
7.2
m
gFS
Forward Transconductance
VDS = 5 V,
ID = 21 A
119
S
Dynamic Characteristics
Ciss
Input Capacitance
5521
pF
Coss
Output Capacitance
1473
pF
Crss
Reverse Transfer Capacitance
VDS = 10 V,
V GS = 0 V,
f = 1.0 MHz
706
pF
RG
Gate Resistance
VGS = 15 mV,
f = 1.0 MHz
1.3
Switching Characteristics (Note 2)
td(on)
Turn–On Delay Time
20
32
ns
tr
Turn–On Rise Time
25
40
ns
td(off)
Turn–Off Delay Time
85
136
ns
tf
Turn–Off Fall Time
VDD = 10 V,
ID = 1 A,
VGS = 4.5 V,
RGEN = 6 Ω
55
88
ns
Qg
Total Gate Charge
52
73
nC
Qgs
Gate–Source Charge
9
nC
Qgd
Gate–Drain Charge
VDS = 10 V,
ID = 21 A,
VGS = 4.5 V
14.5
nC
Drain–Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain–Source Diode Forward Current
2.5
A
VSD
Drain–Source Diode Forward
Voltage
VGS = 0 V,
IS = 2.5 A
(Note 2)
0.6
1.2
V
trr
Diode Reverse Recovery Time
42
nS
Qrr
Diode Reverse Recovery Charge
IF = 21 A,
diF/dt = 100 A/µs
52
nC
Notes:
1. R
θJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of
the drain pins. R
θJC is guaranteed by design while RθCA is determined by the user's board design.
a)
40°C/W when
mounted on a 1in
2 pad
of 2 oz copper
b)
85°C/W when mounted on
a minimum pad of 2 oz
copper
Scale 1 : 1 on letter size paper
2. Pulse Test: Pulse Width < 300
µs, Duty Cycle < 2.0%


Similar Part No. - FDS6162N3

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS6162N7 FAIRCHILD-FDS6162N7 Datasheet
197Kb / 6P
   20V N-Channel PowerTrench MOSFET
More results

Similar Description - FDS6162N3

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD3706 FAIRCHILD-FDD3706 Datasheet
113Kb / 5P
   20V N-Channel PowerTrench MOSFET
FDD6530A FAIRCHILD-FDD6530A Datasheet
82Kb / 5P
   20V N-Channel PowerTrench MOSFET
FDS6574A FAIRCHILD-FDS6574A Datasheet
90Kb / 5P
   20V N-Channel PowerTrench MOSFET
FDN371N FAIRCHILD-FDN371N Datasheet
84Kb / 5P
   20V N-Channel PowerTrench MOSFET
FDG327N FAIRCHILD-FDG327N Datasheet
79Kb / 5P
   20V N-Channel PowerTrench MOSFET
FDS6572A FAIRCHILD-FDS6572A Datasheet
75Kb / 5P
   20V N-Channel PowerTrench MOSFET
FDV305N FAIRCHILD-FDV305N Datasheet
172Kb / 5P
   20V N-Channel PowerTrench MOSFET
FDG329N FAIRCHILD-FDG329N Datasheet
79Kb / 5P
   20V N-Channel PowerTrench MOSFET
FDS6064N3 FAIRCHILD-FDS6064N3 Datasheet
189Kb / 6P
   20V N-Channel PowerTrench MOSFET
FDS6064N7 FAIRCHILD-FDS6064N7 Datasheet
198Kb / 6P
   20V N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com