Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S25FL032P0XMFI011 Datasheet(PDF) 20 Page - SPANSION

Part # S25FL032P0XMFI011
Description  32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FL032P0XMFI011 Datasheet(HTML) 20 Page - SPANSION

Back Button S25FL032P0XMFI011 Datasheet HTML 16Page - SPANSION S25FL032P0XMFI011 Datasheet HTML 17Page - SPANSION S25FL032P0XMFI011 Datasheet HTML 18Page - SPANSION S25FL032P0XMFI011 Datasheet HTML 19Page - SPANSION S25FL032P0XMFI011 Datasheet HTML 20Page - SPANSION S25FL032P0XMFI011 Datasheet HTML 21Page - SPANSION S25FL032P0XMFI011 Datasheet HTML 22Page - SPANSION S25FL032P0XMFI011 Datasheet HTML 23Page - SPANSION S25FL032P0XMFI011 Datasheet HTML 24Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 69 page
background image
20
S25FL032P
S25FL032P_00_09 January 29, 2013
Data
She e t
8.
Sector Address Table
The Sector Address tables show the size of the memory array, sectors, and pages. The device uses pages to
cache the program data before the data is programmed into the memory array. Each page or byte can be
individually programmed (bits are changed from 1 to 0). The data is erased (bits are changed from 0 to 1) on
a sub-sector, sector- or device-wide basis using the P4E/P8E, SE or BE commands. Table 8.1 and Table 8.2
show the starting and ending address for each sector. The complete set of sectors comprises the memory
array of the Flash device.
Note
Sector SA0 is split up into sub-sectors SS0 - SS15 (dark gray shading)
Sector SA1 is split up into sub-sectors SS16 - SS31(light gray shading)
Table 8.1 S25FL032P Sector Address Table TBPARM=0
Sector
Address range
Sector
Address range
Sector
Address range
Start address
End address
Start address
End address
Start address
End address
SA63
3F0000h
3FFFFFh
SA31
1F0000h
1FFFFFh
SS31
01F000h
01FFFFh
SA62
3E0000h
3EFFFFh
SA30
1E0000h
1EFFFFh
SS30
01E000h
01EFFFh
SA61
3D0000h
3DFFFFh
SA29
1D0000h
1DFFFFh
SS29
01D000h
01DFFFh
SA60
3C0000h
3CFFFFh
SA28
1C0000h
1CFFFFh
SS28
01C000h
01CFFFh
SA59
3B0000h
3BFFFFh
SA27
1B0000h
1BFFFFh
SS27
01B000h
01BFFFh
SA58
3A0000h
3AFFFFh
SA26
1A0000h
1AFFFFh
SS26
01A000h
01AFFFh
SA57
390000h
39FFFFh
SA25
190000h
19FFFFh
SS25
019000h
019FFFh
SA56
380000h
38FFFFh
SA24
180000h
18FFFFh
SS24
018000h
018FFFh
SA55
370000h
37FFFFh
SA23
170000h
17FFFFh
SS23
017000h
017FFFh
SA54
360000h
36FFFFh
SA22
160000h
16FFFFh
SS22
016000h
016FFFh
SA53
350000h
35FFFFh
SA21
150000h
15FFFFh
SS21
015000h
015FFFh
SA52
340000h
34FFFFh
SA20
140000h
14FFFFh
SS20
014000h
014FFFh
SA51
330000h
33FFFFh
SA19
130000h
13FFFFh
SS19
013000h
013FFFh
SA50
320000h
32FFFFh
SA18
120000h
12FFFFh
SS18
012000h
012FFFh
SA49
310000h
31FFFFh
SA17
110000h
11FFFFh
SS17
011000h
011FFFh
SA48
300000h
30FFFFh
SA16
100000h
10FFFFh
SS16
010000h
010FFFh
SA47
2F0000h
2FFFFFh
SA15
0F0000h
0FFFFFh
SS15
00F000h
00FFFFh
SA46
2E0000h
2EFFFFh
SA14
0E0000h
0EFFFFh
SS14
00E000h
00EFFFh
SA45
2D0000h
2DFFFFh
SA13
0D0000h
0DFFFFh
SS13
00D000h
00DFFFh
SA44
2C0000h
2CFFFFh
SA12
0C0000h
0CFFFFh
SS12
00C000h
00CFFFh
SA43
2B0000h
2BFFFFh
SA11
0B0000h
0BFFFFh
SS11
00B000h
00BFFFh
SA42
2A0000h
2AFFFFh
SA10
0A0000h
0AFFFFh
SS10
00A000h
00AFFFh
SA41
290000h
29FFFFh
SA9
090000h
09FFFFh
SS9
009000h
009FFFh
SA40
280000h
28FFFFh
SA8
080000h
08FFFFh
SS8
008000h
008FFFh
SA39
270000h
27FFFFh
SA7
070000h
07FFFFh
SS7
007000h
007FFFh
SA38
260000h
26FFFFh
SA6
060000h
06FFFFh
SS6
006000h
006FFFh
SA37
250000h
25FFFFh
SA5
050000h
05FFFFh
SS5
005000h
005FFFh
SA36
240000h
24FFFFh
SA4
040000h
04FFFFh
SS4
004000h
004FFFh
SA35
230000h
23FFFFh
SA3
030000h
03FFFFh
SS3
003000h
003FFFh
SA34
220000h
22FFFFh
SA2
020000h
02FFFFh
SS2
002000h
002FFFh
SA33
210000h
21FFFFh
SA1
010000h
01FFFFh
SS1
001000h
001FFFh
SA32
200000h
20FFFFh
SA0
000000h
00FFFFh
SS0
000000h
000FFFh


Similar Part No. - S25FL032P0XMFI011

ManufacturerPart #DatasheetDescription
logo
SPANSION
S25FL032P0XMFI011 SPANSION-S25FL032P0XMFI011 Datasheet
3Mb / 69P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
More results

Similar Description - S25FL032P0XMFI011

ManufacturerPart #DatasheetDescription
logo
SPANSION
S25FL032P SPANSION-S25FL032P_12 Datasheet
3Mb / 69P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL032P0XMFI013 SPANSION-S25FL032P0XMFI013 Datasheet
3Mb / 69P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL032P0XMFI001 SPANSION-S25FL032P0XMFI001 Datasheet
3Mb / 69P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL032P0XBHIS20 SPANSION-S25FL032P0XBHIS20 Datasheet
3Mb / 69P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL032P SPANSION-S25FL032P Datasheet
2Mb / 64P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL032P0XMFI000 SPANSION-S25FL032P0XMFI000 Datasheet
3Mb / 69P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL064P SPANSION-S25FL064P Datasheet
2Mb / 67P
   64-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL129P SPANSION-S25FL129P Datasheet
3Mb / 69P
   128-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S70FL256P SPANSION-S70FL256P Datasheet
825Kb / 19P
   256-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL008K0XMFI041 SPANSION-S25FL008K0XMFI041 Datasheet
2Mb / 60P
   8-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com