Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S25FL032P0XMFI011 Datasheet(PDF) 43 Page - SPANSION

Part # S25FL032P0XMFI011
Description  32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FL032P0XMFI011 Datasheet(HTML) 43 Page - SPANSION

Back Button S25FL032P0XMFI011 Datasheet HTML 39Page - SPANSION S25FL032P0XMFI011 Datasheet HTML 40Page - SPANSION S25FL032P0XMFI011 Datasheet HTML 41Page - SPANSION S25FL032P0XMFI011 Datasheet HTML 42Page - SPANSION S25FL032P0XMFI011 Datasheet HTML 43Page - SPANSION S25FL032P0XMFI011 Datasheet HTML 44Page - SPANSION S25FL032P0XMFI011 Datasheet HTML 45Page - SPANSION S25FL032P0XMFI011 Datasheet HTML 46Page - SPANSION S25FL032P0XMFI011 Datasheet HTML 47Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 69 page
background image
January 29, 2013 S25FL032P_00_09
S25FL032P
43
Data
Sheet
9.16
Parameter Sector Erase (P4E, P8E)
The Parameter Sector Erase (P4E, P8E) command sets all bits at all addresses within a specified sector to a
logic 1 (FFh). A WREN command is required prior to writing the Parameter Sector Erase commands.
The host system must drive CS# low, and then write the P4E or P8E command, plus three address bytes on
SI. Any address within the sector (see Table 8.1 on page 20 and Table 8.2 on page 21) is a valid address for
the P4E or P8E command. CS# must be driven low for the entire duration of the P4E/P8E sequence. The
command sequence is shown in Figure 9.19 and Table 9.1 on page 23.
The host system must drive CS# high after the device has latched the 24th bit of the P4E/P8E address,
otherwise the device does not execute the command. The parameter sector erase operation begins as soon
as CS# is driven high. The device internally controls the timing of the operation, which requires a period of
tSE. The Status Register may be read to check the value of the Write In Progress (WIP) bit while the
parameter sector erase operation is in progress. The WIP bit is 1 during the P4E/P8E operation, and is 0
when the operation is completed. The device internally resets the Write Enable Latch to 0 before the
operation completes (the exact timing is not specified).
A Parameter Sector Erase (P4E, P8E) instruction applied to a sector that has been Write Protected through
the Block Protect Bits will not be executed.
The Parameter Sector Erase Command (P8E) erases two of the 4 KB Sectors in selected address space.
The Parameter Sector Erase Command (P8E) erases two sequential 4 KB Parameter Sectors in the selected
address space. The address LSB is disregarded so that two sequential 4 KB Parameter Sectors are erased.
The 24 Bit Address is any location within the first Sector to be erased (n), and the next sequential 4 KB
Parameter Sector will also be erased (n+1). The 4 KB parameter Sector will only be erased properly if n or
n+1 is a valid 4 KB parameter Sector. i.e. If n is not a valid 4K parameter Sector, then it will not be erased. If
n+1 is not a valid 4 KB parameter Sector, then it will not be erased.
Figure 9.19 Parameter Sector Erase (P4E, P8E) Instruction Sequence
1
3
0
1
29
8
7
6
5
4
0
31
30
29
28
Instruction
24 Bit Address
23
21
22
1
3
20
SCK
SI
MSB
CS#
20h or 40h


Similar Part No. - S25FL032P0XMFI011

ManufacturerPart #DatasheetDescription
logo
SPANSION
S25FL032P0XMFI011 SPANSION-S25FL032P0XMFI011 Datasheet
3Mb / 69P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
More results

Similar Description - S25FL032P0XMFI011

ManufacturerPart #DatasheetDescription
logo
SPANSION
S25FL032P SPANSION-S25FL032P_12 Datasheet
3Mb / 69P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL032P0XMFI013 SPANSION-S25FL032P0XMFI013 Datasheet
3Mb / 69P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL032P0XMFI001 SPANSION-S25FL032P0XMFI001 Datasheet
3Mb / 69P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL032P0XBHIS20 SPANSION-S25FL032P0XBHIS20 Datasheet
3Mb / 69P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL032P SPANSION-S25FL032P Datasheet
2Mb / 64P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL032P0XMFI000 SPANSION-S25FL032P0XMFI000 Datasheet
3Mb / 69P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL064P SPANSION-S25FL064P Datasheet
2Mb / 67P
   64-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL129P SPANSION-S25FL129P Datasheet
3Mb / 69P
   128-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S70FL256P SPANSION-S70FL256P Datasheet
825Kb / 19P
   256-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL008K0XMFI041 SPANSION-S25FL008K0XMFI041 Datasheet
2Mb / 60P
   8-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com