Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2042274-2 Datasheet(PDF) 49 Page - Tyco Electronics

Part # 2042274-2
Description  Power Connectors & Interconnection Systems
Download  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

2042274-2 Datasheet(HTML) 49 Page - Tyco Electronics

Back Button 2042274-2 Datasheet HTML 45Page - Tyco Electronics 2042274-2 Datasheet HTML 46Page - Tyco Electronics 2042274-2 Datasheet HTML 47Page - Tyco Electronics 2042274-2 Datasheet HTML 48Page - Tyco Electronics 2042274-2 Datasheet HTML 49Page - Tyco Electronics 2042274-2 Datasheet HTML 50Page - Tyco Electronics 2042274-2 Datasheet HTML 51Page - Tyco Electronics 2042274-2 Datasheet HTML 52Page - Tyco Electronics 2042274-2 Datasheet HTML 53Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 111 page
background image
110
Catalog 1773096
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 2-10
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-(0)8002-67666
Power Connectors & Interconnection Systems
Product Facts
Wire-to-wire connection
system
High conductivity copper
alloy contacts yield 30%
gain in current carrying
capacity compared to
alternative designs
Dual action contact design —
reduces mating forces by up
to 50% compared to
alternative designs
Sequenced contacts for
make-first-break-last
operation
48 and 66 position housings
4.4 mm X 5.3 mm contact
grid
Pin and Receptacle contacts
offered in three sizes:
16 AWG
18 AWG
20-22 AWG
Recognized under the
Component Program of
Underwriters Laboratories
Inc., File No. E28476
The latest addition to the
AMP-DUAC product family
is the AMP-DUAC UPC
connector. The UPC con-
nector offers much higher
pin counts and a variety of
product improvements to
make the connector more
reliable and easier to use.
The UPC connector uses
the original industry proven
dual-action contact design
along with very high con-
ductivity copper alloys to
improve the current
carrying capacity.
The first noticeable differ-
ence of the UPC connector
is the large pin count. With
either 48 or 66 positions,
the housing can serve as a
common mating I/O point
where multiple low current
power connector cables are
combined into one interface.
Other connectors would
yield an excessive mating
force when mating this
number of wires, however,
the low mating force of the
AMP-DUAC / UPC connec-
tor allows up to 66 wires to
be mated with less than a
20 lb mating force.
The next key improvement
is the use of molded-in
guide pins. The guide pins
make the mating process
very easy and provide a
visual polarization of the
connector. The housings
mate together easily.
The use of two locking
latches provides a more
secure connection and the
screw-mounts for the panel
mounted plug provide better
retention than plastic
latches.
Finally, the free-hanging
receptacle uses the popular
“Positive Lock” device to
confirm all the contacts are
fully seated. The “positive
locks” are also referred to
as “terminal position assur-
ance”. If any one of the
contacts is not properly/
completely installed into the
housing, then the “Positive
Lock” can not be installed.
This feature eliminates the
common concern of opera-
tor fatigue and the resulting
contact back-out which
occurs when a contact is
not properly seated.
Technical Documents
Product Specification
108-2248
Application Specification
114-13195
Performance Data
Voltage Rating — 600 VAC
Current Rating —
11 Amps max on a single contact
4 Amps on each contact in 48 pos.
connector
Low Level Resistance —
10 milliohms max
Insulation Resistance —
1.2 E16 ohms minimum
Operating Temperature —
-40°C to +105°C
Materials
Housing Material — PBT, UL 94V-0
Colors —
Plugs and Receptacles — Black
Positive Locks — White
CUS
®
AMP-DUAC UPC Connectors


Similar Part No. - 2042274-2

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
2042274-2 TEC-2042274-2 Datasheet
1Mb / 3P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
More results

Similar Description - 2042274-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1775485-1 MACOM-1775485-1 Datasheet
913Kb / 9P
   Power Connectors & Interconnection Systems
logo
List of Unclassifed Man...
536274-1 ETC-536274-1 Datasheet
276Kb / 2P
   Micro-Strip Interconnection Systems
Revised 11-95
171822 ETC1-171822 Datasheet
257Kb / 2P
   Economy Interconnection (EI) Series Connectors
logo
Vincotech
V23990-K229-A40-P3-14 VINCOTECH-V23990-K229-A40-P3-14 Datasheet
481Kb / 22P
   Solderless interconnection
80-M006PNB006SA-K614C VINCOTECH-80-M006PNB006SA-K614C Datasheet
313Kb / 17P
   Solderless interconnection
80-M006PNB006SA-K614 VINCOTECH-80-M006PNB006SA-K614_16 Datasheet
945Kb / 17P
   Solderless interconnection
80-M3126BA140SC02-K489G40 VINCOTECH-80-M3126BA140SC02-K489G40 Datasheet
1Mb / 21P
   Solderless interconnection
80-M006PNB010SA-K615 VINCOTECH-80-M006PNB010SA-K615 Datasheet
939Kb / 17P
   Solderless interconnection
V23990-K420-A40-PM VINCOTECH-V23990-K420-A40-PM Datasheet
1Mb / 18P
   Solderless interconnection
80-M006PNB010SA-K615C VINCOTECH-80-M006PNB010SA-K615C Datasheet
311Kb / 17P
   Solderless interconnection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com