Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S8JX-G01512C Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # S8JX-G01512C
Description  Wide Variety of Output Voltage Variations: 48 V for 15 to 150 W, and 5 or 12 V for 150 W
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

S8JX-G01512C Datasheet(HTML) 2 Page - Omron Electronics LLC

  S8JX-G01512C Datasheet HTML 1Page - Omron Electronics LLC S8JX-G01512C Datasheet HTML 2Page - Omron Electronics LLC S8JX-G01512C Datasheet HTML 3Page - Omron Electronics LLC S8JX-G01512C Datasheet HTML 4Page - Omron Electronics LLC S8JX-G01512C Datasheet HTML 5Page - Omron Electronics LLC S8JX-G01512C Datasheet HTML 6Page - Omron Electronics LLC S8JX-G01512C Datasheet HTML 7Page - Omron Electronics LLC S8JX-G01512C Datasheet HTML 8Page - Omron Electronics LLC S8JX-G01512C Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
S8JX
2
Ordering Information
List of Models
Note: For details on normal stock models, contact your nearest OMRON representative.
*1. The front-mounting bracket is included as standard with the product.
*2. A front-mounting bracket is not included with the product.
*3. The range for compliance with EC Directives and safety standards (UL, EN, etc.) is 100 to 240 VAC (85 to 264 VAC).
Configuration
Input voltage
Power ratings
Output voltage (VDC)
Output current
Model
Open-frame Power
Supplies
Front-mounting
*1
100 to 240 VAC
(free)
(80 to 370 VDC
*3)
S8JX-G15005
@:
Switchable between
100 to 120 VAC and
200 to 240 VAC. (DC
power cannot be
input.)
15 W
5 V
3 A
S8JX-G01505
12 V
1.3 A
S8JX-G01512
15 V
1 A
S8JX-G01515
24 V
0.65 A
S8JX-G01524
48 V
0.35 A
S8JX-G01548
35 W
5 V
7 A
S8JX-G03505
12 V
3 A
S8JX-G03512
15 V
2.4 A
S8JX-G03515
24 V
1.5 A
S8JX-G03524
48 V
0.75 A
S8JX-G03548
50 W
5 V
10 A
S8JX-G05005
12 V
4.2 A
S8JX-G05012
24 V
2.1 A
S8JX-G05024
48 V
1.1 A
S8JX-G05048
100 W
5 V
20 A
S8JX-G10005
12 V
8.5 A
S8JX-G10012
24 V
4.5 A
S8JX-G10024
48 V
2.1 A
S8JX-G10048
150 W
5 V
30 A
S8JX-G15005
12 V
13 A
S8JX-G15012
24 V
6.5 A
S8JX-G15024
48 V
3.3 A
S8JX-G15048
DIN Rail-mounting
*2
15 W
5 V
3 A
S8JX-G01505D
12 V
1.3 A
S8JX-G01512D
15 V
1 A
S8JX-G01515D
24 V
0.65 A
S8JX-G01524D
48 V
0.35 A
S8JX-G01548D
35 W
5 V
7 A
S8JX-G03505D
12 V
3 A
S8JX-G03512D
15 V
2.4 A
S8JX-G03515D
24 V
1.5 A
S8JX-G03524D
48 V
0.75 A
S8JX-G03548D
50 W
5 V
10 A
S8JX-G05005D
12 V
4.2 A
S8JX-G05012D
24 V
2.1 A
S8JX-G05024D
48 V
1.1 A
S8JX-G05048D
100 W
5 V
20 A
S8JX-G10005D
12 V
8.5 A
S8JX-G10012D
24 V
4.5 A
S8JX-G10024D
48 V
2.1 A
S8JX-G10048D
150 W
5 V
30 A
S8JX-G15005D
12 V
13 A
S8JX-G15012D
24 V
6.5 A
S8JX-G15024D
48 V
3.3 A
S8JX-G15048D


Similar Part No. - S8JX-G01512C

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
S8JX-G01512C OMRON-S8JX-G01512C Datasheet
486Kb / 4P
   Offers Flexible Selection, High Reliability and Ease of Operation
S8JX-G01512CD OMRON-S8JX-G01512CD Datasheet
486Kb / 4P
   Offers Flexible Selection, High Reliability and Ease of Operation
More results

Similar Description - S8JX-G01512C

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPD3640 QORVO-QPD3640 Datasheet
690Kb / 9P
   150 W / 300 W, 48 V, 3.4 ??3.8 GHz, Asymmetric Doherty
October 14, 2019
logo
NXP Semiconductors
UM10469 PHILIPS-UM10469 Datasheet
914Kb / 17P
   48 V/150 W demo board using the SSL4101
Rev. 1.2-29 December 2014
logo
List of Unclassifed Man...
2N6052 ETC-2N6052 Datasheet
174Kb / 1P
   Transistor, Bipolar, TO-3, PNP, 12 A, 100 V, 150 W
5/20/03
logo
Texas Instruments
PTN04050C TI-PTN04050C Datasheet
1Mb / 17P
[Old version datasheet]   12 - W, 3.3 / 5 - V INPUT, WIDE OUTPUT ADJUSTABLE BOOST CONVERTER
PTN04050C TI1-PTN04050C_11 Datasheet
646Kb / 19P
[Old version datasheet]   12-W, 3.3/5-V INPUT, WIDE OUTPUT ADJUSTABLE BOOST CONVERTER
logo
Weidmuller
1286870000 WEIDMULLER-1286870000 Datasheet
241Kb / 4P
   Wide ranges of variations with 5 to 16 ports, Variations for Gigabit Ethernet
logo
Solid States Devices, I...
ST4462 SSDI-ST4462 Datasheet
131Kb / 2P
   150 W Transient Voltage Suppressor
logo
STMicroelectronics
STEVAL-ISA184V1 STMICROELECTRONICS-STEVAL-ISA184V1 Datasheet
221Kb / 4P
   5 V-12 V, 15 W double output isolated flyback converter based on VIPer37LD
December 2016 Rev 1
logo
Texas Instruments
PTEA404120 TI-PTEA404120 Datasheet
345Kb / 14P
[Old version datasheet]   50-W, 48-V INPUT, 12-V OUTPUT, ISOLATED DC/DC CONVERTER
logo
Weidmuller
1286860000 WEIDMULLER-1286860000 Datasheet
243Kb / 4P
   Wide ranges of variations with 5 to 16 ports, Variations for Gigabit Ethernet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com