Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDS5670 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FDS5670
Description  60V N-Channel PowerTrench??MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS5670 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FDS5670 Datasheet HTML 1Page - Fairchild Semiconductor FDS5670 Datasheet HTML 2Page - Fairchild Semiconductor FDS5670 Datasheet HTML 3Page - Fairchild Semiconductor FDS5670 Datasheet HTML 4Page - Fairchild Semiconductor FDS5670 Datasheet HTML 5Page - Fairchild Semiconductor FDS5670 Datasheet HTML 6Page - Fairchild Semiconductor FDS5670 Datasheet HTML 7Page - Fairchild Semiconductor FDS5670 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
FDS5670 Rev. B
Electrical Characteristics
T
A
= 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Typ
Max Units
Off Characteristics
BVDSS
Drain-Source Breakdown Voltage
VGS = 0 V, ID = 250
µA
60
V
∆BVDSS
∆TJ
Breakdown Voltage Temperature
Coefficient
ID = 250
µA, Referenced to 25°C
58
mV/
°C
IDSS
Zero Gate Voltage Drain Current
VDS = 48 V, VGS = 0 V
1
µA
IGSSF
Gate-Body Leakage Current, Forward
VGS = 20 V, VDS = 0 V
100
nA
IGSSR
Gate-Body Leakage Current, Reverse
VGS = -20 V, VDS = 0 V
-100
nA
On Characteristics (Note 2)
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 250
µA
22.4
4
V
∆VGS(th)
∆TJ
Gate Threshold Voltage
Temperature Coefficient
ID = 250
µA, Referenced to 25°C
6.8
mV/
°C
RDS(on)
Static Drain-Source
On-Resistance
VGS = 10 V, ID = 10 A
VGS = 10 V, ID = 10 A, TJ=125
°C
VGS = 6 V, ID = 9 A
0.012
0.019
0.014
0.014
0.027
0.017
ID(on)
On-State Drain Current
VGS = 10 V, VDS = 5 V
25
A
gFS
Forward Transconductance
VDS = 5 V, ID = 10 A
39
S
Dynamic Characteristics
Ciss
Input Capacitance
2900
pF
Coss
Output Capacitance
685
pF
Crss
Reverse Transfer Capacitance
VDS = 15 V, VGS = 0 V
f = 1.0 MHz
180
pF
Switching Characteristics (Note 2)
td(on)
Turn-On Delay Time
16
29
ns
tr
Turn-On Rise Time
10
20
ns
td(off)
Turn-Off Delay Time
50
80
ns
tf
Turn-Off Fall Time
VDD = 30 V, ID = 1 A
VGS = 10 V, RGEN = 6
23
42
ns
Qg
Total Gate Charge
49
70
nC
Qgs
Gate-Source Charge
9
nC
Qgd
Gate-Drain Charge
VDS = 20 V, ID = 10 A
VGS = 10 V,
10.4
nC
Drain-Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain-Source Diode Forward Current
2.1
A
VSD
Drain-Source Diode Forward Voltage
VGS = 0 V, IS = 2.1 A (Note 2)
0.72
1.2
V
Notes:
1. RθJAis the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of the
drain pins. RθJC is guaranteed by design while RθJA is determined by the user's board design.
Scale 1 : 1 on letter size paper
2. Pulse Test: Pulse Width ≤ 300 µs, Duty Cycle ≤ 2.0%
a) 50° C/W when
mounted on a 0.5 in2
pad of 2 oz. copper.
b) 105° C/W when
mounted on a 0.02 in2
pad of 2 oz. copper.
c) 125° C/W when mounted
     on a minimum pad.


Similar Part No. - FDS5670

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
FDS5670-NL VBSEMI-FDS5670-NL Datasheet
966Kb / 9P
   N-Channel 60-V (D-S) MOSFET
More results

Similar Description - FDS5670

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS5680 FAIRCHILD-FDS5680 Datasheet
261Kb / 8P
   60V N-Channel PowerTrench??MOSFET
FDS9945 FAIRCHILD-FDS9945 Datasheet
73Kb / 5P
   60V N-Channel PowerTrench MOSFET
FDP5680 FAIRCHILD-FDP5680 Datasheet
440Kb / 16P
   60V N-Channel PowerTrench??MOSFET
FDS5690 FAIRCHILD-FDS5690 Datasheet
236Kb / 8P
   60V N-Channel PowerTrench MOSFET
FDS5170N7 FAIRCHILD-FDS5170N7 Datasheet
201Kb / 6P
   60V N-Channel PowerTrench MOSFET
FDP5645 FAIRCHILD-FDP5645 Datasheet
422Kb / 10P
   60V N-Channel PowerTrench MOSFET
FDD5612 FAIRCHILD-FDD5612 Datasheet
147Kb / 5P
   60V N-Channel PowerTrench??MOSFET
SI4450DY FAIRCHILD-SI4450DY Datasheet
98Kb / 5P
   60V N-Channel PowerTrench MOSFET
FDD5690 FAIRCHILD-FDD5690 Datasheet
206Kb / 7P
   60V N-Channel PowerTrench??MOSFET
FDN5630 FAIRCHILD-FDN5630 Datasheet
254Kb / 8P
   60V N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com