Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K2CM-4H Datasheet(PDF) 9 Page - Omron Electronics LLC

Part # K2CM-4H
Description  Solid-state Relay Enables Choice of Three Operating Functions (Overcurrent, Openphase, and Reverse-phase)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

K2CM-4H Datasheet(HTML) 9 Page - Omron Electronics LLC

Back Button K2CM-4H Datasheet HTML 5Page - Omron Electronics LLC K2CM-4H Datasheet HTML 6Page - Omron Electronics LLC K2CM-4H Datasheet HTML 7Page - Omron Electronics LLC K2CM-4H Datasheet HTML 8Page - Omron Electronics LLC K2CM-4H Datasheet HTML 9Page - Omron Electronics LLC K2CM-4H Datasheet HTML 10Page - Omron Electronics LLC K2CM-4H Datasheet HTML 11Page - Omron Electronics LLC K2CM-4H Datasheet HTML 12Page - Omron Electronics LLC K2CM-4H Datasheet HTML 13Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
K2CM
9
LED Indicators
When the motor circuit trips due to overcurrent, open-phase, or
reverse-phase, the respective LED indicator lights (continuously).
The overcurrent indicator also indicates the start of operation.
• With the inverse-type models, when the motor current exceeds the
overcurrent operating value, the overcurrent indicator blinks at the
bright level and then remains lit at the dimmed level. After the oper-
ating time has elapsed, with the manual resetting models, the
motor circuit trips and the overcurrent indicator remains lit at the
bright level, whereas with automatic resetting models, the indicator
remains lit at the bright level until the motor current descends below
the resetting value.
• Since the indicator status is not stored in memory when the opera-
tion power supply is turned OFF, be sure to check which indicators
were illuminated when the motor circuit was tripped.
The functions of the K2CM can be used in the following seven combi-
nations. For each function, turn ON the corresponding setting switch.
When the setting switches for overcurrent, open-phase, or reverse-
phase function are turned OFF, the following functions becomes
invalid.
1. Overcurrent Setting Switches
These switches select the overcurrent setting and the multiplying fac-
tor linked with operating time setting.
2. Open-phase Setting Switches
These switches select the open-phase detecting function and the
“High” or “Low” current imbalance factor for operation.
3. Reverse-phase Setting Switches
These switches select the reverse-phase detection function and
reverse-phase polarity. By selecting the reverse-phase polarity
accordingly, the K2CM can operate normally without changing the
connections when wired with the order of the phases reversed.
If the K2CM detects reverse-phase although the motor is rotating in
the forward direction (e.g., because of incorrect wiring of power
lines), set the reverse-phase polarity switch to the “Reverse” position
to enable normal operation.
Note: The K2CM detects reverse-phase at a point before the current
transformer. If a reverse connection is made at the load side far
from the current transformer and the motor rotates in the re-
verse direction, the K2CM does not detect the reverse-phase.
Reverse-detectable Range
* The reverse-phase polarity switching function is applicable to cur-
rent reverse-phase detection models only.
Function
Overcurrent
Open-phase
Reverse-phase
Combination
1ON
2ON
3ON
4ON
ON
5ON
ON
6ON
ON
7
ONONON
Function setting switch
set to OFF
Invalid function
Overcurrent
Time setting and multiplication
Open-phase
“High” and “Low” imbalance factors
Reverse-phase
“Forward” and “Reverse” function
Overcurrent
detecting function
ON
Enabled
OFF
Disabled
Time setting
multiplying factor
× 4 (s) Time setting scale value × 4 = 8 to 40 s
× 1 (s) Time setting scale value × 1 = 2 to 10 s
Open-phase
detecting
function
ON
Enabled
OFF
Disabled
Imbalance factor
High
The motor circuit operates at an
operating imbalance factor of 35
±10%.
Low
The motor circuit operates at an
operating imbalance factor of 60%.
Start
Trip
Bright
Bright
Dimmed
Overcurrent operating value
(115% of current-setting value)
Motor current
Reverse-phase
detecting
function
ON
Enabled
OFF
Disabled
Reverse-phase
polarity
Normal
The motor circuit trips at reverse-
phase when a reverse-phase is
detected.
Reverse
Used when a reverse-phase
connection is made in the power line
of the motor at a point before the
current transformer (including
external current transformer).
Phase condition
Normal
Reverse
Reverse
Connections
Reverse-phase
polarity switch
position
Normal
Normal
Normal
Trip
None
Yes
None
Direction of
motor rotation
Forward
Reverse
(See below.)
Reverse
Coun-
ter-
mea-
sure
Reverse-
phase
polarity
switch
position
Reverse Reverse Reverse Reverse
Wiring
Wiring
changed
at (A).
Wiring
changed
at (B).
Wiring
changed
at (C).
Wiring
changed
at (D).
Direction of
motor rotation
Forward
RS
M
T
Motor
relay
RS
T
RS
M
T
Motor
relay
RS
T
(A)
(B)
RS
M
T
Motor
relay
RS
T
(C)
(D)
RS
M
T
RS
T
Detectable:
Reverse-phase state can be detected with the
motor protective relay only on the power supply
side.
Undetectable: Reverse-phase state on the motor side cannot
be detected with the motor protective relay.


Similar Part No. - K2CM-4H

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
K2CM-2LAV OMRON-K2CM-2LAV Datasheet
1Mb / 16P
   Solid-state Relay Enables Choice of Three Operating Functions (Overcurrent, Openphase and Reverse-phase)
K2CM-2LV OMRON-K2CM-2LV Datasheet
1Mb / 16P
   Solid-state Relay Enables Choice of Three Operating Functions (Overcurrent, Openphase and Reverse-phase)
K2CM-2MAV OMRON-K2CM-2MAV Datasheet
1Mb / 16P
   Solid-state Relay Enables Choice of Three Operating Functions (Overcurrent, Openphase and Reverse-phase)
K2CM-2MV OMRON-K2CM-2MV Datasheet
1Mb / 16P
   Solid-state Relay Enables Choice of Three Operating Functions (Overcurrent, Openphase and Reverse-phase)
K2CM-Q1H OMRON-K2CM-Q1H Datasheet
1Mb / 16P
   Solid-state Relay Enables Choice of Three Operating Functions (Overcurrent, Openphase and Reverse-phase)
More results

Similar Description - K2CM-4H

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
K2CMQ1L OMRON-K2CMQ1L Datasheet
1Mb / 16P
   Solid-state Relay Enables Choice of Three Operating Functions (Overcurrent, Openphase and Reverse-phase)
logo
Hongfa Technology
HFS24 HONGFA-HFS24 Datasheet
114Kb / 3P
   THREE-PHASE SOLID STATE RELAY
logo
celduc-relais
SGT968360E CELDUC-SGT968360E Datasheet
352Kb / 4P
   Three Phase Solid State Relay
logo
TE Connectivity Ltd
SSR3 TEC-SSR3 Datasheet
475Kb / 3P
   Three Phase Solid State Relay
02-2021, Rev. 0221
logo
celduc-relais
SGT962360E CELDUC-SGT962360E Datasheet
393Kb / 4P
   Three Phase Solid State Relay
SGT967360E CELDUC-SGT967360E Datasheet
262Kb / 4P
   Three Phase Solid State Relay
SGT7650500 CELDUC-SGT7650500 Datasheet
702Kb / 6P
   Three phase power solid state relay
SGT8670500 CELDUC-SGT8670500 Datasheet
712Kb / 6P
   Three phase power solid state relay
SGT8658502 CELDUC-SGT8658502 Datasheet
1Mb / 6P
   Three phase power solid state relay
SGT9854320 CELDUC-SGT9854320 Datasheet
1Mb / 6P
   Three phase power solid state relay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com