Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

V700-A40 Datasheet(PDF) 3 Page - Omron Electronics LLC

Part No. V700-A40
Description  A High-functionality High-performance RFID System That Revolutionizes Product and Distribution Management in the Production Environment
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

V700-A40 Datasheet(HTML) 3 Page - Omron Electronics LLC

  V700-A40 Datasheet HTML 1Page - Omron Electronics LLC V700-A40 Datasheet HTML 2Page - Omron Electronics LLC V700-A40 Datasheet HTML 3Page - Omron Electronics LLC V700-A40 Datasheet HTML 4Page - Omron Electronics LLC V700-A40 Datasheet HTML 5Page - Omron Electronics LLC V700-A40 Datasheet HTML 6Page - Omron Electronics LLC V700-A40 Datasheet HTML 7Page - Omron Electronics LLC V700-A40 Datasheet HTML 8Page - Omron Electronics LLC V700-A40 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Electromagnetic Inductive RFID System
V700
3
Specifications
■ ID Tags
■ Controllers
Item
Model
Memory capacity
240 bytes (user area)
240 bytes (user area)
240 bytes (user area)
Memory type
EEPROM
Data backup time
10 years after data written
Data writing times
100,000 times per address
Ambient operating
temperature (during
transmission)
−20 to 70°C (with no icing)
−25 to 70°C (with no icing)
−10 to 70°C
Ambient operating
temperature (not during
transmission)
−40 to 110°C (with no icing)
Heat resistance:
Constant high temperature:
180
°C for 200 hours
Thermal cycle: 25
°C/180°C, 30
minutes, 200 cycles
−40 to 110°C (with no icing)
−10 to 70°C (with no icing)
Ambient storage
temperature
−40 to 110°C (with no icing)
−40 to 110°C (with no icing)
−10 to 70°C (with no icing)
Ambient operating
humidity
No restrictions
35% to 95% (with no condensation)
35% to 85%
Degree of protection
IEC 60529: IP68
IEC 60529: IP67
IP67 (IEC 60529 standard)
Vibration resistance
10 to 2,000 Hz, 0.75-mm single amplitude, 150-m/s2 acceleration with 10
sweeps of 15 min each in X, Y, and Z directions
10 to 2,000 Hz, 1.5-mm single ampli-
tude, 150-m/s2 acceleration with 10
sweeps of 15 min each in X, Y, and Z
directions
Shock resistance
500-m/s2 acceleration for 3 times each in X, Y, and Z directions (18 times in
total)
500-m/s2 acceleration for 3 times each
in 6 directions, front/back, up/down,
and left/right (18 times in total)
Material
PPS resin
Case: PBT resin; Filling: Epoxy resin
Case: ABS; Filling: Epoxy resin
Weight
Approx. 2 g
Approx. 1 g
Approx. 6 g
V700-D23P31
V700-D23P41
V700-D23P61
Item
Model
Host interface
RS-232C
RS-485 (Up to 31 Controllers can be connected.)
Number of connectable
Antennas
1
Power supply voltage
24 VDC +10%/
−15%
Power consumption
20 W max.
Insulation resistance
20 M
Ω min. (at 100 VDC) between the power supply terminals and ground terminal, power supply terminals and I/O
terminals, power supply terminals and case, I/O terminals and ground terminal, I/O terminals and case, and ground
terminal and case
Dielectric strength
500 VAC (50/60 Hz, 1 minute) between the above terminals (leakage current: 10 mA max.)
Vibration resistance
10 to 150 Hz, 0.30-mm double amplitude with 4 sweeps of 8 min each in X, Y, and Z directions
Shock resistance
200-m/s2 acceleration for 3 times each in X, Y, and Z directions (18 times in total)
Ambient operating
temperature
−10 to 55°C (with no icing)
Ambient operating
humidity
35% to 85% (with no condensation)
V700-CD1D-V3
V700-CD2D-V3


Similar Part No. - V700-A40

ManufacturerPart No.DatasheetDescription
Omron Electronics LLC
Omron Electronics LLC
V700-A40 OMRON-V700-A40 Datasheet
547Kb / 14P
   A High-functionality High-performance RFID System That Revolutionizes Product and Distribution Management in the Production Environment
V700-A40 OMRON-V700-A40 Datasheet
16Mb / 59P
   RFID Systems with ISO/IEC 18000-3(15693) Compliance
V700-A40-2M OMRON-V700-A40-2M Datasheet
16Mb / 59P
   RFID Systems with ISO/IEC 18000-3(15693) Compliance
V700-A40-W OMRON-V700-A40-W Datasheet
16Mb / 59P
   RFID Systems with ISO/IEC 18000-3(15693) Compliance
V700-A40-W-10M OMRON-V700-A40-W-10M Datasheet
16Mb / 59P
   RFID Systems with ISO/IEC 18000-3(15693) Compliance
More results

Similar Description - V700-A40

ManufacturerPart No.DatasheetDescription
Omron Electronics LLC
Omron Electronics LLC
V700 OMRON-V700 Datasheet
547Kb / 14P
   A High-functionality High-performance RFID System That Revolutionizes Product and Distribution Management in the Production Environment
Agilent(Hewlett-Packard)
Agilent(Hewlett-Packard...
L4411A HP-L4411A Datasheet
249Kb / 7P
   Leading the Industry in High-Performance System Test
STMicroelectronics
STMicroelectronics
ST25RU3993-HPEV STMICROELECTRONICS-ST25RU3993-HPEV Datasheet
489Kb / 9P
   High-power RFID reader system
November 2020 Rev 2
TXC Corporation.
TXC Corporation.
AX-SERIES TXC-AX-SERIES Datasheet
974Kb / 1P
   Superior and reliable performance in harsh environment.
Neutrik AG
Neutrik AG
NE8MC NEUTRIK-NE8MC Datasheet
92Kb / 2P
   The RJ45 system for harsh and demanding environment
Richtek Technology Corporation
Richtek Technology Corp...
RT9038 RICHTEK-RT9038 Datasheet
157Kb / 9P
   The RT9038 is a high-performance
Anaren Microwave
Anaren Microwave
A1101R08C ANAREN-A1101R08C Datasheet
682Kb / 2P
   The A1101R08C is a high-performance
A2500R24A ANAREN-A2500R24A Datasheet
863Kb / 2P
   The A2500R24A is a high-performance
A1101R09C ANAREN-A1101R09C Datasheet
612Kb / 2P
   The A1101R09C is a high-performance
A2500R24C ANAREN-A2500R24C Datasheet
861Kb / 2P
   The A2500R24C is a high-performance
More results


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz