Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

V700-A40 Datasheet(PDF) 8 Page - Omron Electronics LLC

Part No. V700-A40
Description  A High-functionality High-performance RFID System That Revolutionizes Product and Distribution Management in the Production Environment
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

V700-A40 Datasheet(HTML) 8 Page - Omron Electronics LLC

Back Button V700-A40 Datasheet HTML 2Page - Omron Electronics LLC V700-A40 Datasheet HTML 3Page - Omron Electronics LLC V700-A40 Datasheet HTML 4Page - Omron Electronics LLC V700-A40 Datasheet HTML 5Page - Omron Electronics LLC V700-A40 Datasheet HTML 6Page - Omron Electronics LLC V700-A40 Datasheet HTML 7Page - Omron Electronics LLC V700-A40 Datasheet HTML 8Page - Omron Electronics LLC V700-A40 Datasheet HTML 9Page - Omron Electronics LLC V700-A40 Datasheet HTML 10Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
Electromagnetic Inductive RFID System
V700
Functions
■ Transmission Functions
Note: The V700-CD
@D-V@ and V700-HMD11(-1) have different
command structures.
■ Transmission Time (Reference)
The transmission time is the time required for transmission between the Antenna and ID Tag and does not include time required for host commu-
nications.
V700-CD
@D-V@
V700-HMD11/HMD11-1
Note: T = Transmission time (ms)
N = Number of pages (1 page = 8 bytes)
Multiple Access with the V700-CD
@D-V@
The transmission time when using multiple-access commands not
only depends on the number of bytes, but also on the number of ID
Tags in the transmission range and the combination of the ID Tags’
codes. The average values for random ID codes are given below.
(units: ms)
■ Mutual Interference Prevention Functions (Using the V700-CD@D-V@)
If there is less than 15 m between Antennas, all the Antennas must be synchronized to prevent mutual interference. This can be done using either
of the two methods described below.
Read-only Synchronization
If all the Antennas only use read commands, this method can be
used to reduce the access time.
Read/Write Synchronization
This is the synchronization method that is usually used. It enables
the synchronization of both read and write commands for several
connected Antennas.
V700-CD1D-V3
V700-CD2D-V3
V700-HMD11
V700-HMD11-1
Single access
Provided
Provided
FIFO
Provided
Provided
Multiple access
Provided
Not provided
Selective access
Provided
Not provided
Asynchronous
Write
T = 52.8 N + 113.5
Read
T = 46.7 N + 60.7
Read-only
synchronization
Read
T = 46.7 N + 107.4
Read-write
synchronization
Write
T = 52.8 N + 172.4
Read
T = 52.8 N + 119.6
Read
T = 48 N + 66
Write
T = 55 N + 120
Precautions on Using the Product near Noise Sources
This product makes transmissions to ID Tags using a fre-
quency of 125 kHz. Transceivers, motors, monitoring devic-
es,
and
power
supplies
have
parts
that
generate
electromagnetic waves (noise). These waves may interfere
with transmissions to ID Tags. Before using this product near
these kinds of devices, check that there is no adverse affect
on transmissions.
Number of Tags
Reading 8 bytes
Writing 8 bytes
5
579
873
10
1,191
1,547
15
1,857
2,275
20
2,523
3,002
30
3,853
4,455
50
6,344
7,192
1 m min.
1 m min.
1 m min.
1 m min.
1 m min.
1 m min.
1 m min.
1 m min.
Read
Read
Read
Read
Read
Read
Read
Write
Read/Write
Read


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn