Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

V700-A80 Datasheet(PDF) 5 Page - Omron Electronics LLC

Part No. V700-A80
Description  A High-functionality High-performance RFID System That Revolutionizes Product and Distribution Management in the Production Environment
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

V700-A80 Datasheet(HTML) 5 Page - Omron Electronics LLC

  V700-A80 Datasheet HTML 1Page - Omron Electronics LLC V700-A80 Datasheet HTML 2Page - Omron Electronics LLC V700-A80 Datasheet HTML 3Page - Omron Electronics LLC V700-A80 Datasheet HTML 4Page - Omron Electronics LLC V700-A80 Datasheet HTML 5Page - Omron Electronics LLC V700-A80 Datasheet HTML 6Page - Omron Electronics LLC V700-A80 Datasheet HTML 7Page - Omron Electronics LLC V700-A80 Datasheet HTML 8Page - Omron Electronics LLC V700-A80 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Electromagnetic Inductive RFID System
V700
5
■ Compact Reader Writers
Item
Model
Host interface
RS-232C
Power consumption
5 VDC
±5%
Oscillating: 200 mA max.; Not oscillating: 25 mA max.
5 VDC
±5% (supplied via connector)
250 mA max.
Insulation resistance
50 M
Ω min. (at 500 VDC) between the cable terminals and the case
Dielectric strength
1,000 VAC (50/60 Hz, 1 minute) between the cable terminals and the case (leakage current: 1 mA max.)
Vibration resistance
10 to 150 Hz, 1.50-mm double amplitude with 4 sweeps of 8 min each in X, Y, and Z directions
Shock resistance
300-m/s2 acceleration for 3 times each in X, Y, and Z directions (18 times in total)
Ambient operating
temperature
−10 to 55°C (with no icing)
Ambient operating
humidity
25% to 85% (with no condensation)
Ambient storage
temperature
−25 to 65°C (with no icing)
Ambient storage
humidity
25% to 95% (with no condensation)
Degree of protection
IEC 60529: IP67
The connector is not resistant to water or oil.
Material
Case: ABS resin; Filling: Epoxy resin; Cable: PVC (oil-resistant)
Cable length
2 m (RS-232C signal lines can be extended up to a total
length of 15 m.)
1, 2, 4 m
Weight
Approx. 210 g
Approx. 210 g (2 m)
V700-HDM11
V700-HMD11-1


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn