Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDS4780 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FDS4780
Description  40V N-Channel PowerTrench MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS4780 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FDS4780 Datasheet HTML 1Page - Fairchild Semiconductor FDS4780 Datasheet HTML 2Page - Fairchild Semiconductor FDS4780 Datasheet HTML 3Page - Fairchild Semiconductor FDS4780 Datasheet HTML 4Page - Fairchild Semiconductor FDS4780 Datasheet HTML 5Page - Fairchild Semiconductor FDS4780 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
FDS4780 Rev B (W)
Electrical Characteristics
T
A = 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Typ Max Units
Drain-Source Avalanche Ratings (Note 2)
EAS
Drain-Source Avalanche Energy
Single Pulse, VDD=20V, ID=10.8A
240
mJ
IAS
Drain-Source Avalanche Current
10.8
A
Off Characteristics
BVDSS
Drain–Source Breakdown Voltage
VGS = 0 V,
ID = 250 µA
40
V
∆BVDSS
∆TJ
Breakdown Voltage Temperature
Coefficient
ID = 250 µA, Referenced to 25°C
42
mV/
°C
IDSS
Zero Gate Voltage Drain Current
VDS = 32 V,
VGS = 0 V
1
µA
IGSSF
Gate–Body Leakage, Forward
VGS = 20 V,
VDS = 0 V
100
nA
IGSSR
Gate–Body Leakage, Reverse
VGS = –20 V, VDS = 0 V
–100
nA
On Characteristics
(Note 2)
VGS(th)
Gate Threshold Voltage
VDS = VGS,
ID = 250 µA
2
3.9
5
V
∆VGS(th)
∆TJ
Gate Threshold Voltage
Temperature Coefficient
ID = 250 µA, Referenced to 25°C
–8
mV/
°C
RDS(on)
Static Drain–Source On–Resistance
VGS = 10 V,
ID = 10.8 A
VGS = 10 V,ID = 10.8 A, TJ=115°C
8
13
10.5
21
m
ID(on)
On–State Drain Current
VGS = 10 V,
VDS = 5 V
22
A
gFS
Forward Transconductance
VDS = 10 V,
ID = 10.8 A
36
S
Dynamic Characteristics
Ciss
Input Capacitance
1686
pF
Coss
Output Capacitance
384
pF
Crss
Reverse Transfer Capacitance
VDS = 20 V,
V GS = 0 V,
f = 1.0 MHz
185
pF
Switching Characteristics (Note 2)
td(on)
Turn–On Delay Time
11
22
ns
tr
Turn–On Rise Time
9
18
ns
td(off)
Turn–Off Delay Time
30
48
ns
tf
Turn–Off Fall Time
VDD = 20 V,
ID = 1 A,
VGS = 10 V, RGEN = 6 Ω
15
27
ns
Qg
Total Gate Charge
30
40
nC
Qgs
Gate–Source Charge
9
nC
Qgd
Gate–Drain Charge
VDS = 20 V,
ID = 10.8 A,
VGS = 10 V
10
nC


Similar Part No. - FDS4780

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS4770 FAIRCHILD-FDS4770 Datasheet
123Kb / 6P
   40V N-Channel PowerTrench MOSFET
FDS4770 FAIRCHILD-FDS4770 Datasheet
106Kb / 6P
   40V N-Channel PowerTrench짰MOSFET
FDS4770 FAIRCHILD-FDS4770_04 Datasheet
106Kb / 6P
   40V N-Channel PowerTrench짰MOSFET
More results

Similar Description - FDS4780

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS4470 FAIRCHILD-FDS4470 Datasheet
87Kb / 6P
   40V N-Channel PowerTrench MOSFET
FDS4770 FAIRCHILD-FDS4770 Datasheet
123Kb / 6P
   40V N-Channel PowerTrench MOSFET
FDS4070N3 FAIRCHILD-FDS4070N3 Datasheet
193Kb / 7P
   40V N-Channel PowerTrench MOSFET
FDS4072N7 FAIRCHILD-FDS4072N7 Datasheet
199Kb / 7P
   40V N-Channel PowerTrench MOSFET
FDS4070N3 FAIRCHILD-FDS4070N3_04 Datasheet
173Kb / 7P
   40V N-Channel PowerTrench MOSFET
FDS4070N7 FAIRCHILD-FDS4070N7_04 Datasheet
188Kb / 8P
   40V N-Channel PowerTrench MOSFET
FDB8447L FAIRCHILD-FDB8447L Datasheet
384Kb / 6P
   40V N-Channel PowerTrench MOSFET
FDS4672A FAIRCHILD-FDS4672A Datasheet
88Kb / 5P
   40V N-Channel PowerTrench MOSFET
logo
Guangdong Kexin Industr...
KDS4470 KEXIN-KDS4470 Datasheet
63Kb / 2P
   40V N-Channel PowerTrench MOSFET
logo
Fairchild Semiconductor
FDS4072N3 FAIRCHILD-FDS4072N3_04 Datasheet
171Kb / 7P
   40V N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com