Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN2360QI-E Datasheet(PDF) 5 Page - Enpirion, Inc.

Part # EN2360QI-E
Description  6A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENPIRION [Enpirion, Inc.]
Direct Link  http://www.enpirion.com
Logo ENPIRION - Enpirion, Inc.

EN2360QI-E Datasheet(HTML) 5 Page - Enpirion, Inc.

  EN2360QI-E Datasheet HTML 1Page - Enpirion, Inc. EN2360QI-E Datasheet HTML 2Page - Enpirion, Inc. EN2360QI-E Datasheet HTML 3Page - Enpirion, Inc. EN2360QI-E Datasheet HTML 4Page - Enpirion, Inc. EN2360QI-E Datasheet HTML 5Page - Enpirion, Inc. EN2360QI-E Datasheet HTML 6Page - Enpirion, Inc. EN2360QI-E Datasheet HTML 7Page - Enpirion, Inc. EN2360QI-E Datasheet HTML 8Page - Enpirion, Inc. EN2360QI-E Datasheet HTML 9Page - Enpirion, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
07514
September 17, 2012
Rev: A
EN2360QI
©Enpirion 2012 all rights reserved, E&OE
Enpirion Confidential
www.enpirion.com, Page 5
Electrical Characteristics
NOTE: VIN=12V, Minimum and Maximum values are over operating ambient temperature range unless otherwise noted.
Typical values are at TA = 25°C.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Operating Input Voltage
PVIN
4.5
14.0
V
Controller Input Voltage
AVIN
2.5
5.5
V
PVIN Under Voltage
Lock-out
UVLOPVIN
Voltage above which UVLO is not
asserted
2
V
AVIN Under Voltage
Lock-out rising
AVINUVLOR
Voltage above which UVLO is not
asserted
2.3
V
AVIN Under Voltage
Lock-out falling
AVINOVLOF
Voltage below which UVLO is
asserted
2.1
V
AVIN Pin Input Current
IAVIN
9
mA
Internal Linear Regulator
Output Voltage
AVINO
3.3
V
Shut-Down Supply
Current
IPVINS
PVIN=12V, AVIN=3.3, ENABLE=0V
300
μA
IAVINS
PVIN=12V, AVIN=3.3, ENABLE=0V
50
μA
Feedback Pin Voltage
VFB
Feedback node voltage at:
VIN = 12V, ILOAD = 0, TA = 25°C
0.594
0.60
0.606
V
Feedback Pin Voltage
VFB
Feedback node voltage at:
4.5V ≤ VIN ≤ 14V
0A ≤ ILOAD ≤ 6A, TA = -40 to 85°C
0.588
0.60
0.612
V
Feedback pin Input
Leakage Current
IFB
VFB pin input leakage current
(Note 3)
-5
5
nA
VOUT Rise Time
tRISE
CSS = 47nF
(Note 3, Note 4 and Note 5)
1.96
2.8
3.64
ms
Soft Start Capacitor
Range
CSS_RANGE
47
nF
Maximum Continuous
Output Current
IOUT_CONT
0
6
A
Over Current Trip Level
IOCP
Reference Table 2
9
A
ENABLE Logic High
VENABLE_HIGH 4.5V ≤ VIN ≤ 14V;
1.8
AVIN
V
ENABLE Logic Low
VENABLE_LOW 4.5V ≤ VIN ≤ 14V;
0
0.6
V
ENABLE Lockout Time
TENLOCKOUT
8
ms
ENABLE pin Input
Current
IENABLE
180k
Ω pull down (Note 3)
4
μA
Switching Frequency
FSW
RFADJ =3kΩ
1.0
MHz
External SYNC Clock
Frequency Lock Range
FPLL_LOCK
Range of SYNC clock frequency
0.8
1.6
MHz
S_IN Threshold – Low
VS_IN_LO
S_IN Clock Logic Low Level (Note 3)
0.8
V
S_IN Threshold – High
VS_IN_HI
S_IN Clock Logic High Level (Note 3)
1.8
2.5
V
S_OUT Threshold – Low
VS_OUT_LO
S_OUT Clock Logic Low Level
(Note 3)
0.8
V
S_OUT Threshold –
High
VS_OUT_HI
S_OUT Clock Logic High Level
(Note 3)
1.8
2.5
V


Similar Part No. - EN2360QI-E

ManufacturerPart #DatasheetDescription
logo
Enpirion, Inc.
EN2360QI-E ENPIRION-EN2360QI-E Datasheet
1Mb / 24P
   6A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
More results

Similar Description - EN2360QI-E

ManufacturerPart #DatasheetDescription
logo
Enpirion, Inc.
EN2360QI ENPIRION-EN2360QI Datasheet
1Mb / 24P
   6A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
logo
Altera Corporation
EN5364QI ALTERA-EN5364QI Datasheet
1,012Kb / 19P
   6A PowerSoC Voltage Mode Synchronous Buck PWM DC-DC Converter With Integrated Inductor
logo
Enpirion, Inc.
EN5364QI ENPIRION-EN5364QI Datasheet
456Kb / 19P
   Feature Rich 6A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
EN5366QI ENPIRION-EN5366QI Datasheet
841Kb / 16P
   6A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor External Output Voltage Programming
EN5360 ENPIRION-EN5360 Datasheet
388Kb / 11P
   6A Voltage Mode Synchronous Buck PWM DC-DC Converter
EN6347QI ENPIRION-EN6347QI Datasheet
583Kb / 16P
   4A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
EN6337QI ENPIRION-EN6337QI Datasheet
417Kb / 17P
   3A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
EN5337QI ENPIRION-EN5337QI Datasheet
276Kb / 12P
   3A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
logo
Altera Corporation
EN5337QI ALTERA-EN5337QI Datasheet
846Kb / 15P
   3A PowerSoC Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
EN5394QI ALTERA-EN5394QI Datasheet
1Mb / 19P
   9A PowerSoC Voltage Mode Synchronous Buck PWM DC-DC Converter With Integrated Inductor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com