Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN2360QI Datasheet(PDF) 10 Page - Enpirion, Inc.

Part # EN2360QI
Description  6A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENPIRION [Enpirion, Inc.]
Direct Link  http://www.enpirion.com
Logo ENPIRION - Enpirion, Inc.

EN2360QI Datasheet(HTML) 10 Page - Enpirion, Inc.

Back Button EN2360QI Datasheet HTML 6Page - Enpirion, Inc. EN2360QI Datasheet HTML 7Page - Enpirion, Inc. EN2360QI Datasheet HTML 8Page - Enpirion, Inc. EN2360QI Datasheet HTML 9Page - Enpirion, Inc. EN2360QI Datasheet HTML 10Page - Enpirion, Inc. EN2360QI Datasheet HTML 11Page - Enpirion, Inc. EN2360QI Datasheet HTML 12Page - Enpirion, Inc. EN2360QI Datasheet HTML 13Page - Enpirion, Inc. EN2360QI Datasheet HTML 14Page - Enpirion, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
07514
September 17, 2012
Rev: A
EN2360QI
©Enpirion 2012 all rights reserved, E&OE
Enpirion Confidential
www.enpirion.com, Page 10
Typical Performance Characteristics
ENABLE
Enable Startup/Shutdown Waveform (0A)
CONDITIONS
VIN = 12V, VOUT = 3.3V, Load = 0A, Css = 47nF
CIN = 22µF(1206), COUT = 2x47µF(1206)+100µF(1206)
VOUT
POK
LOAD
ENABLE
Enable Startup/Shutdown Waveform (2A)
CONDITIONS
VIN = 12V, VOUT = 3.3V, Load = 2A, Css = 47nF
CIN = 22µF(1206), COUT = 2x47µF(1206)+100µF(1206)
VOUT
POK
LOAD
ENABLE
Enable Startup/Shutdown Waveform (4A)
CONDITIONS
VIN = 12V, VOUT = 3.3V, Load = 4A, Css = 47nF
CIN = 22µF(1206), COUT = 2x47µF(1206)+100µF(1206)
VOUT
POK
LOAD
ENABLE
Enable Startup/Shutdown Waveform (6A)
CONDITIONS
VIN = 12V, VOUT = 3.3V, Load = 6A, Css = 47nF
CIN = 22µF(1206), COUT = 2x47µF(1206)+100µF(1206)
VOUT
POK
LOAD
PVIN
Power Up Waveform (0A)
VOUT
POK
LOAD
CONDITIONS
VIN = 12V, VOUT = 3.3V, Load = 0A, Css = 47nF
CIN = 22µF(1206), COUT = 2x47µF(1206)+100µF(1206)
PVIN
Power Up Waveform (6A)
VOUT
POK
LOAD
CONDITIONS
VIN = 12V, VOUT = 3.3V, Load = 6A, Css = 47nF
CIN = 22µF(1206), COUT = 2x47µF(1206)+100µF(1206)


Similar Part No. - EN2360QI

ManufacturerPart #DatasheetDescription
logo
Enpirion, Inc.
EN2360QI ENPIRION-EN2360QI Datasheet
1Mb / 24P
   6A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
EN2360QI-E ENPIRION-EN2360QI-E Datasheet
1Mb / 24P
   6A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
More results

Similar Description - EN2360QI

ManufacturerPart #DatasheetDescription
logo
Enpirion, Inc.
EN2360QI ENPIRION-EN2360QI Datasheet
1Mb / 24P
   6A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
logo
Altera Corporation
EN5364QI ALTERA-EN5364QI Datasheet
1,012Kb / 19P
   6A PowerSoC Voltage Mode Synchronous Buck PWM DC-DC Converter With Integrated Inductor
logo
Enpirion, Inc.
EN5364QI ENPIRION-EN5364QI Datasheet
456Kb / 19P
   Feature Rich 6A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
EN5366QI ENPIRION-EN5366QI Datasheet
841Kb / 16P
   6A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor External Output Voltage Programming
EN5360 ENPIRION-EN5360 Datasheet
388Kb / 11P
   6A Voltage Mode Synchronous Buck PWM DC-DC Converter
EN6347QI ENPIRION-EN6347QI Datasheet
583Kb / 16P
   4A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
EN6337QI ENPIRION-EN6337QI Datasheet
417Kb / 17P
   3A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
EN5337QI ENPIRION-EN5337QI Datasheet
276Kb / 12P
   3A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
logo
Altera Corporation
EN5337QI ALTERA-EN5337QI Datasheet
846Kb / 15P
   3A PowerSoC Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
EN5394QI ALTERA-EN5394QI Datasheet
1Mb / 19P
   9A PowerSoC Voltage Mode Synchronous Buck PWM DC-DC Converter With Integrated Inductor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com