Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

504646-1 Datasheet(PDF) 9 Page - Tyco Electronics

Part # 504646-1
Description  Fiber Optic Products Catalog
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

504646-1 Datasheet(HTML) 9 Page - Tyco Electronics

Back Button 504646-1 Datasheet HTML 5Page - Tyco Electronics 504646-1 Datasheet HTML 6Page - Tyco Electronics 504646-1 Datasheet HTML 7Page - Tyco Electronics 504646-1 Datasheet HTML 8Page - Tyco Electronics 504646-1 Datasheet HTML 9Page - Tyco Electronics 504646-1 Datasheet HTML 10Page - Tyco Electronics 504646-1 Datasheet HTML 11Page - Tyco Electronics 504646-1 Datasheet HTML 12Page - Tyco Electronics 504646-1 Datasheet HTML 13Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 74 page
background image
15
Catalog 1307895
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 3-06
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 52-55-1106-0800
Japan: 81-44-844-8013
www.tycoelectronics.com
are standard equivalents.
to change.
C. America: 57-1-254-4444
UK: 44-208-420-8341
Fiber Optic Products Catalog
1
Rugged Fiber Optic Products (Continued)
Expanded Beam Technology
Expanded Beam Inserts
From left to right: PRO BEAM Sr.,
PRO BEAM Jr. & Mini Expanded
Beam inserts.
Expanded Beam Principle
Expanded Beam Products
Product Facts
PRO BEAM Sr., PRO BEAM
Jr. and PRO BEAM Mini
Connector field deployable
interconnects
ARINC 600 connectors, with
inserts/holder blocks
designed for Mini-Expanded
Beam — up to 128 channels
on size 3 ARINC 600
MIL-C-38999 Series III
shell size 11 style circular
connectors — Cable
assemblies up to 4 fibers
Common insert for
1- through 4-channels
Unique Modular Design,
for use with multimode and
singlemode fiber
Tactical cables, cable reels,
backpacks
Cable assembly and
termination services
Ball lens expands cross-
sectional area of light over
200 times for multimode
and over 2000 times for
singlemode
Rugged hermaphroditic
construction (i.e., same
insert mates to each other)
Physically non-contacting
mating conditions; no wear,
installed fiber ferrule
protected by ball lens
Fiber Optic Interconnect/
Cable System using
Expanded Beam technology,
which physically expands
and collimates the transmis-
sion signal into an optical
beam over 14 times its
original diameter (the cross
sectional area of the light
beam increases over 200
times for multimode optical
signals. For singlemode
signals, the collimated
beam is over 45 times its
original diameter (the cross-
sectional area of the light
beam increases over 2,000
times.). It is then refocused
back down onto the core of
the receiving fiber. This
approach provides ease
of alignment and low
sensitivity to thermal
changes and contamination.
High strength, precision con-
nector housings enhance
a durable connection,
optimizing low loss and
repeatable performance.
Suitable for aerospace,
avionics, field-deployable
communications, marine
ship-to-shore applications,
security systems, mobile
diagnostic units, oil and
gas exploration and other
harsh environment applica-
tions demanding strength,
durability and reliable
performance in conditions
of multiple coupling/
decouplings, blindmate
situations, and high vibration.
Product Facts
No wear on fiber optic
interface; Very vibration
resistant
Easy to handle, easy to
clean. Durable connection
that is highly resistant to
dirt/debris
Singlemode or multimode
Common 850/1300 Dual
Wavelength, 1310, or
1550 nm wavelengths
Easy alignment for low-loss,
repeatable performance
Consistent overall optical
“link budget” assured
Low sensitivity to thermal
fluctuations and interface
contamination
Repeatable low-loss
performance in harsh
environments
PRO BEAM Sr. — the
original, larger format, Field
Tactical, hermaphroditic
Connector System
PRO BEAM Jr. — the second
generation, reduced size,
Field Tactical Connector
System
Mini-Expanded Beam
insert for multi-channel
small form factor — the
smallest expanded beam
multi-channel insert in the
industry, a Tyco Electronics
exclusive


Similar Part No. - 504646-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
504640-1 MACOM-504640-1 Datasheet
201Kb / 1P
   IT IS SUBJECT TO CHANGE AND THE CONTROLLING ENGINEERING ORGANIZATION
504640-2 MACOM-504640-2 Datasheet
201Kb / 1P
   IT IS SUBJECT TO CHANGE AND THE CONTROLLING ENGINEERING ORGANIZATION
504640-3 MACOM-504640-3 Datasheet
201Kb / 1P
   IT IS SUBJECT TO CHANGE AND THE CONTROLLING ENGINEERING ORGANIZATION
504640-4 MACOM-504640-4 Datasheet
201Kb / 1P
   IT IS SUBJECT TO CHANGE AND THE CONTROLLING ENGINEERING ORGANIZATION
More results

Similar Description - 504646-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
6754483-4 ETC2-6754483-4 Datasheet
3Mb / 100P
   Fiber Optic Products
logo
Sumida Corporation
CDMCXXDXX SUMIDA-CDMCXXDXX Datasheet
8Mb / 156P
   GENERAL PRODUCTS CATALOG
2011.09
logo
3M Electronics
12226-5150-00PL 3M-12226-5150-00PL Datasheet
2Mb / 32P
   3M Interconnect Products Short Form Catalog
logo
Omron Electronics LLC
E32-D24 OMRON-E32-D24 Datasheet
17Mb / 68P
   Fiber Sensors Best Selection Catalog
logo
ITT Industries
FPA ITT-FPA Datasheet
74Kb / 1P
   Fiber Optic
logo
Omron Electronics LLC
E32-M21 OMRON-E32-M21 Datasheet
17Mb / 67P
   Fiber Sensors Best Selection Catalog
logo
Zarlink Semiconductor I...
ZL60304 ZARLINK-ZL60304_07 Datasheet
274Kb / 6P
   Parallel Fiber Optic Transceiver Parallel Fiber Optic Transceiver
logo
SICK AG
LL3-DW01 SICK-LL3-DW01 Datasheet
208Kb / 4P
   FIBER-OPTIC SENSORS AND FIBER
logo
KODENSHI_AUK CORP.
KOP-1001A KODENSHI-KOP-1001A Datasheet
174Kb / 1P
   Fiber Optic Transmitter
KOP-1021A KODENSHI-KOP-1021A Datasheet
181Kb / 1P
   Fiber Optic Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com