Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UMX1NTN Datasheet(PDF) 2 Page - Rohm

Part # UMX1NTN
Description  General purpose transistors (dual transistors)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

UMX1NTN Datasheet(HTML) 2 Page - Rohm

  UMX1NTN Datasheet HTML 1Page - Rohm UMX1NTN Datasheet HTML 2Page - Rohm UMX1NTN Datasheet HTML 3Page - Rohm UMX1NTN Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
EMX1 / UMX1N / IMX1
Transistors
2/3
!
!
!
!
Electrical characteristics (Ta = 25
°C)
Parameter
Symbol
BVCBO
BVCEO
BVEBO
ICBO
IEBO
hFE
VCE (sat)
Cob
Min.
60
50
7
120
2
0.1
0.1
560
0.4
3.5
VIC
=50
µA
IC
=1mA
IE
=50
µA
VCB
=60V
VEB
=7V
VCE=6V, IC=1mA
IC/IB=50mA/5mA
V
V
µA
µA
V
PF
Typ. Max. Unit
Conditions
fT
180
VCE=12V, IE=
−2mA, f=100MHz
VCB=12V, IE=0A, f=1MHz
MHz
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector cutoff current
Emitter cutoff current
DC current transfer ratio
Transition frequency
Collector-emitter saturation voltage
Output capacitance
!
!
!
!
Packaging specifications
Package
Code
TN
T110
3000
3000
Taping
Basic ordering
unit (pieces)
UMX1N
T2R
8000
EMX1
IMX1
Type
!
!
!
!
Electrical characteristic curves
0
0.1
0.2
0.5
2
20
50
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1
5
10
VCE=
6V
BASE TO EMITTER VOLTAGE : VBE
(V)
Fig.1 Grounded emitter propagation
characteristics
0
20
40
60
80
100
0.4
0.8
1.2
1.6
2.0
0
COLLECTOR TO EMITTER VOLTAGE : VCE
(V)
0.05mA
0.10mA
0.15mA
0.25mA
0.30mA
0.35mA
0.20mA
Ta=25˚C
IB=0A
0.40mA
0.50mA
0.45mA
Fig.2 Grounded emitter output
characteristics ( I )
0
0
2
8
10
4
8
12
16
4
6
20
IB=0A
Ta=25˚C
COLLECTOR TO EMITTER VOLTAGE : VCE
(V)
3
µA
6
µA
9
µA
12
µA
15
µA
18
µA
21
µA
24
µA
27
µA
30
µA
Fig.3 Grounded emitter output
characteristics ( II )


Similar Part No. - UMX1NTN

ManufacturerPart #DatasheetDescription
logo
Rohm
UMX1N ROHM-UMX1N Datasheet
91Kb / 4P
   General purpose transistors (dual transistors)
logo
SeCoS Halbleitertechnol...
UMX1N SECOS-UMX1N Datasheet
485Kb / 3P
   Dual NPN General Purpose Transistors
logo
Jiangsu Changjiang Elec...
UMX1N JIANGSU-UMX1N Datasheet
1Mb / 3P
   DUAL TRANSISTOR (NPNNPN)
logo
Rohm
UMX1N ROHM-UMX1N Datasheet
93Kb / 4P
   General purpose transistors(dual transistors)
logo
Micro Commercial Compon...
UMX1N MCC-UMX1N Datasheet
491Kb / 2P
   Dual Transistors
More results

Similar Description - UMX1NTN

ManufacturerPart #DatasheetDescription
logo
Rohm
EMX26 ROHM-EMX26 Datasheet
82Kb / 4P
   General purpose transistors (dual transistors)
logo
Shenzhen Jin Yu Semicon...
UMF5 HTSEMI-UMF5 Datasheet
616Kb / 2P
   General purpose transistors (dual transistors)
UMG3N HTSEMI-UMG3N Datasheet
1Mb / 1P
   General purpose transistors (dual transistors)
logo
Rohm
EMX18 ROHM-EMX18_1 Datasheet
82Kb / 4P
   General purpose transistors (dual transistors)
logo
Shenzhen Jin Yu Semicon...
EMH2 HTSEMI-EMH2 Datasheet
318Kb / 1P
   General purpose transistors (dual transistors)
UMH10N HTSEMI-UMH10N Datasheet
297Kb / 1P
   General purpose transistors (dual transistors)
logo
Rohm
EMT18 ROHM-EMT18_10 Datasheet
716Kb / 4P
   General purpose transistors(dual transistors)
IMX1T110 ROHM-IMX1T110 Datasheet
93Kb / 4P
   General purpose transistors(dual transistors)
logo
Shenzhen Jin Yu Semicon...
UMB3N HTSEMI-UMB3N Datasheet
508Kb / 1P
   General purpose transistors (dual transistors)
logo
Rohm
EMT18 ROHM-EMT18 Datasheet
78Kb / 4P
   General purpose transistors (dual transistors)
logo
Shenzhen Jin Yu Semicon...
EMD12 HTSEMI-EMD12 Datasheet
709Kb / 2P
   General purpose transistors (dual transistors)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com