Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFH-7740 Datasheet(PDF) 9 Page - OSRAM GmbH

Part # SFH-7740
Description  Reflective Optical Switch
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-7740 Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button SFH-7740 Datasheet HTML 5Page - OSRAM GmbH SFH-7740 Datasheet HTML 6Page - OSRAM GmbH SFH-7740 Datasheet HTML 7Page - OSRAM GmbH SFH-7740 Datasheet HTML 8Page - OSRAM GmbH SFH-7740 Datasheet HTML 9Page - OSRAM GmbH SFH-7740 Datasheet HTML 10Page - OSRAM GmbH SFH-7740 Datasheet HTML 11Page - OSRAM GmbH SFH-7740 Datasheet HTML 12Page - OSRAM GmbH SFH-7740 Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
SFH 7740
2009-01-14
9
LED:
Relative Spectral Emission
Irel = f (λ); TA = 25°C
700
0
nm
%
OHL01714
20
40
60
80
100
950
750
800
850
Irel
λ
Phototransistor
Relative Spectral Sensitivity
S
rel = f (λ); TA = 25°C
0
20
40
60
80
10 0
700
80 0
900
100 0
110 0
la m b d a / n m
Sre l
%
SFH 7740:
Mean current consumption
I
dd = f (Vdd); Rprog; TA = 25°C
20
30
40
50
2.4
2.7
3.0
3.3
3.6
Vdd/ V
Idd
µA
330
Ω
470
Ω
2k
Ω
inf.


Similar Part No. - SFH-7740

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH-7741 OSRAM-SFH-7741 Datasheet
334Kb / 17P
   Proximity Sensor
SFH-7743 OSRAM-SFH-7743 Datasheet
435Kb / 13P
   Digitaler N채herungsdetektor mit integriertem Sender Treiber
More results

Similar Description - SFH-7740

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH7740 OSRAM-SFH7740 Datasheet
432Kb / 14P
   Reflexlichtschranke Reflective Optical Switch
logo
KODENSHI_AUE CORP.
KEIRY006C KODENSHI_-KEIRY006C Datasheet
141Kb / 2P
   Reflective Type (Optical Switch Sensor)
logo
Agilent(Hewlett-Packard...
HBCC-1570 HP-HBCC-1570 Datasheet
152Kb / 8P
   Optical Reflective Sensors
logo
List of Unclassifed Man...
ISTS149 ETC1-ISTS149 Datasheet
62Kb / 3P
   REFLECTIVE OPTICAL SWITCHES
logo
Broadcom Corporation.
HEDS-1300 BOARDCOM-HEDS-1300 Datasheet
503Kb / 8P
   Optical Reflective Sensor
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-1300 AVAGO-HEDS-1300 Datasheet
503Kb / 8P
   Optical Reflective Sensor
logo
Agilent(Hewlett-Packard...
HEDS-1200 HP-HEDS-1200 Datasheet
158Kb / 8P
   Optical Reflective Sensors
logo
TT Electronics.
OPB9000 TTELEC-OPB9000 Datasheet
1Mb / 20P
   SMD Reflective Optical Sensor
logo
Marktech Corporate
MTRS9040 MARKTECH-MTRS9040 Datasheet
112Kb / 3P
   REFLECTIVE SWITCH?
MTRS9080 MARKTECH-MTRS9080 Datasheet
148Kb / 4P
   REFLECTIVE SWITCH?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com