Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ZB6Y004 Datasheet(PDF) 29 Page - List of Unclassifed Manufacturers

Part No. ZB6Y004
Description  Harmony™ XB6/ZB6 16 mm push buttons
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ZB6Y004 Datasheet(HTML) 29 Page - List of Unclassifed Manufacturers

Back Button ZB6Y004 Datasheet HTML 25Page - List of Unclassifed Manufacturers ZB6Y004 Datasheet HTML 26Page - List of Unclassifed Manufacturers ZB6Y004 Datasheet HTML 27Page - List of Unclassifed Manufacturers ZB6Y004 Datasheet HTML 28Page - List of Unclassifed Manufacturers ZB6Y004 Datasheet HTML 29Page - List of Unclassifed Manufacturers ZB6Y004 Datasheet HTML 30Page - List of Unclassifed Manufacturers ZB6Y004 Datasheet HTML 31Page - List of Unclassifed Manufacturers ZB6Y004 Datasheet HTML 32Page - List of Unclassifed Manufacturers ZB6Y004 Datasheet HTML 33Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
29
Panel cut-out and mounting
Rectangular head
Square or circular head
Product range:
page 5
Specifications:
page 10
Assembled products:
page 12
References:
page 15
HarmonyXB6/ZB6
16 mm push buttons
Dimensions (continued)
Dual Dimensions: in (mm)
0.9375
(24)
0.75
(18)
This document provided by Barr-Thorp Electric Co., Inc. 800-473-9123 www.barr-thorp.com


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn