Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC2854BQG3 Datasheet(PDF) 7 Page - Texas Instruments

Part # UC2854BQG3
Description  ADVANCED HIGH-POWER FACTOR PREREGULATOR
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UC2854BQG3 Datasheet(HTML) 7 Page - Texas Instruments

Back Button UC2854BQG3 Datasheet HTML 3Page - Texas Instruments UC2854BQG3 Datasheet HTML 4Page - Texas Instruments UC2854BQG3 Datasheet HTML 5Page - Texas Instruments UC2854BQG3 Datasheet HTML 6Page - Texas Instruments UC2854BQG3 Datasheet HTML 7Page - Texas Instruments UC2854BQG3 Datasheet HTML 8Page - Texas Instruments UC2854BQG3 Datasheet HTML 9Page - Texas Instruments UC2854BQG3 Datasheet HTML 10Page - Texas Instruments UC2854BQG3 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
www.ti.com
UC1854A
UC2854A, UC2854B
UC3854A, UC3854B
SLUS329E – MONTH 2003 – REVISED JANUARY 2008
TERMINAL FUNCTIONS
TERMINAL
PACKAGES
I/O
DESCRIPTION
NAME
J/N/DW
Q/L
Output of the wide bandwidth current amplifier and one of the inputs to the PWM duty-cycle
CAO
3
4
O
comparator. The output signal generated by this amplifier commands the PWM to force the correct
input current. The output can swing from 0.1 V to 7.5 V.
CT
14
18
I
Capacitor from CT to GND sets the PWM oscillator frequency.
A nominal voltage above 2.65 V on this pin allows the device to begin operating. Once operating,
ENA
10
13
I
the device shuts off if this pin goes below 2.15 V nominal.
All bypass and timing capacitors connected to GND should have leads as short and direct as
GND
1
2
possible. All voltages are measured with respect GND.
Output of the PWM is a 1.5-A peak totem-pole MOSFET gate driver on GTDRV. Use a series gate
resistor of at least 5
Ω to prevent interaction between the gate impedance and the GTDRV output
GTDRV
16
20
O
driver that might cause the GTDRV output to overshoot excessively. Some overshoot of the
GTDRV output is always expected when driving a capacitive load.
Current input to the multiplier, proportional to the instantaneous line voltage. This input to the
analog multiplier is a current. The multiplier is tailored for very low distortion from this current input
IAC
6
8
I
(IAC) to MOUT, so this is the only multiplier input that should be used for sensing instantaneous
line voltage.
Switch current sensing input. This is the inverting input to the current amplifier. This input and the
ISENSE
4
5
I
non-inverting input MOUT remain functional down to and below GND. Care should be taken to
avoid taking these inputs below –0.5 V, because they are protected with diodes to GND.
Multiplier output and current sense plus. The output of the analog multiplier and the non-inverting
input of the current amplifier are connected together at MOUT. The cautions about taking ISENSE
MOUT
5
7
I/O
below –0.5 V also apply to MOUT. As the multiplier output is a current, this is a high-impedance
input similar to ISENSE, so the current amplifier can be configured as a differential amplifier to reject
GND noise. IMOUT ≤ 2 × IAC
Peak limit. The threshold for PKLMT is 0.0 V. Connect this input to the negative voltage on the
PKLMT
2
3
I
current sense resistor. Use a resistor to REF to offset the negative current sense signal up to GND.
Oscillator charging current and multiplier limit set. A resistor from RSET to ground programs
RSET
12
15
I
oscillator charging current.
Soft-start. SS remains at GND as long as the device is disabled or VCC is too low. SS pulls up to
over 3 V by an internal 14-
µA current source when both V
CC becomes valid and the device is
enabled. SS acts as the reference input to the voltage amplifier if SS is below VREF. With a large
SS
13
17
I
capacitor from SS to GND, the reference to the voltage regulating amplifier rises slowly, and
increase the PWM duty cycle slowly. In the event of a disable command or a supply dropout, SS
will quickly discharge to ground and disable the PWM.
VAO
7
9
I
Voltage amplifier output
VCC
15
19
I
Positive supply rail
Used to set the peak limit point and as an internal reference for various device functions. This
VREF
9
12
O
voltage must be present for the device to operate.
One of the inputs into the multiplier. This pin provides the input RMS voltage to the multiplier
VRMS
8
10
I
circuitry.
This pin provides the feedback from the output. This input goes into the voltage error amplifier and
VSENSE
11
14
I
the output of the error amplifier is another of the inputs into the multiplier circuit.
Copyright © 2003–2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): UC1854A UC2854A, UC2854B UC3854A, UC3854B


Similar Part No. - UC2854BQG3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC2854BQ TI-UC2854BQ Datasheet
455Kb / 16P
[Old version datasheet]   ADVANCED HIGH-POWER FACTOR PREREGULATOR
UC2854BQ TI1-UC2854BQ Datasheet
743Kb / 18P
[Old version datasheet]   ADVANCED HIGH-POWER FACTOR PREREGULATOR
More results

Similar Description - UC2854BQG3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC2854B-EP TI1-UC2854B-EP_15 Datasheet
1Mb / 38P
[Old version datasheet]   Advanced High-Power Factor Preregulator
UC1854B TI-UC1854B Datasheet
455Kb / 16P
[Old version datasheet]   ADVANCED HIGH-POWER FACTOR PREREGULATOR
UC1854A TI1-UC1854A_15 Datasheet
743Kb / 18P
[Old version datasheet]   ADVANCED HIGH-POWER FACTOR PREREGULATOR
UC2854B-EP TI1-UC2854B-EP Datasheet
263Kb / 13P
[Old version datasheet]   ADVANCED HIGH-POWER FACTOR PREREGULATOR
UC2854B-EP TI-UC2854B-EP_15 Datasheet
893Kb / 36P
[Old version datasheet]   UC2854B-EP Advanced High-Power Factor Preregulator
UC2853A TI-UC2853A Datasheet
411Kb / 10P
[Old version datasheet]   High Power Factor Preregulator
UC1854 TI-UC1854 Datasheet
281Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UC2853A TI1-UC2853A_16 Datasheet
854Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UC1854 TI-UC1854_08 Datasheet
473Kb / 13P
[Old version datasheet]   High Power Factor Preregulator
logo
TOKO, Inc
TK83854 TOKO-TK83854 Datasheet
109Kb / 12P
   HIGH POWER FACTOR PREREGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com