Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74HC393N Datasheet(PDF) 12 Page - NXP Semiconductors

Part No. 74HC393N
Description  Dual 4-bit binary ripple counter
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NXP [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC393N Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button 74HC393N Datasheet HTML 8Page - NXP Semiconductors 74HC393N Datasheet HTML 9Page - NXP Semiconductors 74HC393N Datasheet HTML 10Page - NXP Semiconductors 74HC393N Datasheet HTML 11Page - NXP Semiconductors 74HC393N Datasheet HTML 12Page - NXP Semiconductors 74HC393N Datasheet HTML 13Page - NXP Semiconductors 74HC393N Datasheet HTML 14Page - NXP Semiconductors 74HC393N Datasheet HTML 15Page - NXP Semiconductors 74HC393N Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
74HC_HCT393
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 4 — 16 May 2013
12 of 21
NXP Semiconductors
74HC393; 74HCT393
Dual 4-bit binary ripple counter
Measurement points are given in Table 8.
a. Input pulse definition
Test data is given in Table 9.
Definitions test circuit:
RT = Termination resistance should be equal to output impedance Zo of the pulse generator.
CL = Load capacitance including jig and probe capacitance.
b. Test circuit
Fig 11. Test circuit for measuring switching times
001aac221
VM
VM
tW
tW
10 %
90 %
90 %
0 V
VI
VI
negative
pulse
positive
pulse
0 V
VM
VM
90 %
10 %
10 %
tf
tr
tr
tf
mna101
VCC
VI
VO
RT
CL
PULSE
GENERATOR
D.U.T.
Table 9.
Test data
Type
Input
Load
VI
tr, tf
CL
74HC393
VCC
6 ns
15 pF, 50 pF
74HCT393
3 V
6 ns
15 pF, 50 pF


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn