Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74HC393N Datasheet(PDF) 1 Page - NXP Semiconductors

Part No. 74HC393N
Description  Dual 4-bit binary ripple counter
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NXP [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC393N Datasheet(HTML) 1 Page - NXP Semiconductors

  74HC393N Datasheet HTML 1Page - NXP Semiconductors 74HC393N Datasheet HTML 2Page - NXP Semiconductors 74HC393N Datasheet HTML 3Page - NXP Semiconductors 74HC393N Datasheet HTML 4Page - NXP Semiconductors 74HC393N Datasheet HTML 5Page - NXP Semiconductors 74HC393N Datasheet HTML 6Page - NXP Semiconductors 74HC393N Datasheet HTML 7Page - NXP Semiconductors 74HC393N Datasheet HTML 8Page - NXP Semiconductors 74HC393N Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1.
General description
The 74HC393; 7474HCT393 is a dual 4-stage binary ripple counter. Each counter
features a clock input (nCP), an overriding asynchronous master reset input (nMR) and 4
buffered parallel outputs (nQ0 to nQ3). The counter advances on the HIGH-to-LOW
transition of nCP. A HIGH on nMR clears the counter stages and forces the outputs LOW,
independent of the state of nCP. Inputs include clamp diodes. This enables the use of
current limiting resistors to interface inputs to voltages in excess of VCC.
2.
Features and benefits
Input levels:
For 74HC393: CMOS level
For 74HCT393: TTL level
Complies with JEDEC standard no. 7A
ESD protection:
HBM JESD22-A114F exceeds 2000 V
MM JESD22-A115-A exceeds 200 V.
Two 4-bit binary counters with individual clocks
Divide by any binary module up to 28 in one package
Two master resets to clear each 4-bit counter individually
3.
Ordering information
74HC393; 74HCT393
Dual 4-bit binary ripple counter
Rev. 4 — 16 May 2013
Product data sheet
Table 1.
Ordering information
Type number
Package
Temperature range Name
Description
Version
74HC393N
40 C to +125 C
DIP14
plastic dual in-line package; 14 leads (300 mil)
SOT27-1
74HCT393N
74HC393D
40 C to +125 C
SO14
plastic small outline package; 14 leads; body width 3.9 mm SOT108-1
74HCT393D
74HC393DB
40 C to +125 C
SSOP14
plastic shrink small outline package; 14 leads; body width
5.3 mm
SOT337-1
74HCT393DB
74HC393PW
40 C to +125 C
TSSOP14
plastic thin shrink small outline package; 14 leads; body
width 4.4 mm
SOT402-1
74HCT393PW
74HC393BQ
40 C to +125 C
DHVQFN14 plastic dual in-line compatible thermal enhanced very thin
quad flat package; no leads; 14 terminals;
body 2.5
 3  0.85 mm
SOT762-1
74HCT393BQ


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn