Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

100ZL68MEFCT810X16 Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # 100ZL68MEFCT810X16
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

100ZL68MEFCT810X16 Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  100ZL68MEFCT810X16 Datasheet HTML 1Page - RUBYCON CORPORATION 100ZL68MEFCT810X16 Datasheet HTML 2Page - RUBYCON CORPORATION 100ZL68MEFCT810X16 Datasheet HTML 3Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
◆STANDARD SIZE
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZL
Rated
Voltage
(V・DC)
capacitance
(μF)
Size
φD×L(mm)
Rated ripple current
(mA r.m.s./105℃, 100kHz)
20℃, 100kHz −10℃, 100kHz
Impedance
(Ω MAX)
6.3
(0J)
10
(1A)
39
68
150
150
220
330
560
820
1000
1200
1200
1500
2200
3300
3900
4700
5600
5600
6800
27
56
100
120
180
220
470
680
680
1000
1000
1200
1500
2200
3300
3900
3900
4700
5600
4×7
5×7
6.3×7
5×11
8×7
6.3×11
8×11.5
8×16
10×12.5
8×20
10×16
10×20
10×23
12.5×20
12.5×25
12.5×30
12.5×35
16×20
16×25
4×7
5×7
5×11
6.3×7
8×7
6.3×11
8×11.5
8×16
10×12.5
8×20
10×16
10×20
10×23
12.5×20
12.5×25
12.5×30
16×20
12.5×35
16×25
130
210
300
250
380
405
760
995
1030
1250
1430
1820
2150
2360
2770
3290
3400
3140
3460
130
210
250
300
380
405
760
995
1030
1250
1430
1820
2150
2360
2770
3290
3140
3400
3460
0.85
0.43
0.23
0.30
0.15
0.13
0.072
0.056
0.053
0.041
0.038
0.023
0.022
0.021
0.018
0.016
0.015
0.018
0.016
0.89
0.44
0.30
0.23
0.15
0.13
0.072
0.056
0.053
0.041
0.038
0.023
0.022
0.021
0.018
0.016
0.018
0.015
0.016
2.6
1.3
0.69
1.0
0.45
0.41
0.22
0.17
0.16
0.13
0.12
0.069
0.066
0.053
0.045
0.041
0.039
0.045
0.043
2.7
1.4
1.0
0.69
0.45
0.41
0.22
0.17
0.16
0.13
0.12
0.069
0.066
0.053
0.045
0.041
0.045
0.039
0.043
Rated
Voltage
(V・DC)
capacitance
(μF)
Size
φD×L(mm)
Rated ripple current
(mA r.m.s./105℃, 100kHz)
20℃, 100kHz −10℃, 100kHz
Impedance
(Ω MAX)
18
33
56
68
120
120
330
470
470
680
680
1000
1200
1500
2200
2700
2700
3300
3900
15
27
47
56
100
100
220
330
330
470
470
680
820
1000
1500
1800
1800
2200
2700
4×7
5×7
5×11
6.3×7
8×7
6.3×11
8×11.5
8×16
10×12.5
8×20
10×16
10×20
10×23
12.5×20
12.5×25
12.5×30
16×20
12.5×35
16×25
4×7
5×7
5×11
6.3×7
8×7
6.3×11
8×11.5
8×16
10×12.5
8×20
10×16
10×20
10×23
12.5×20
12.5×25
12.5×30
16×20
12.5×35
16×25
130
210
250
300
380
405
760
995
1030
1250
1430
1820
2150
2360
2770
3290
3140
3400
3460
130
210
250
300
380
405
760
995
1030
1250
1430
1820
2150
2360
2770
3290
3140
3400
3460
0.92
0.45
0.30
0.24
0.15
0.13
0.072
0.056
0.053
0.041
0.038
0.023
0.022
0.021
0.018
0.016
0.018
0.015
0.016
0.94
0.46
0.30
0.24
0.15
0.13
0.072
0.056
0.053
0.041
0.038
0.023
0.022
0.021
0.018
0.016
0.018
0.015
0.016
2.8
1.4
1.0
0.72
0.45
0.41
0.22
0.17
0.16
0.13
0.12
0.069
0.066
0.053
0.045
0.041
0.045
0.039
0.043
2.9
1.4
1.0
0.72
0.45
0.41
0.22
0.17
0.16
0.13
0.12
0.069
0.066
0.053
0.045
0.041
0.045
0.039
0.043
16
(1C)
25
(1E)


Similar Part No. - 100ZL68MEFCT810X16

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
100ZL20 RUBYCON-100ZL20 Datasheet
1Mb / 7P
   105C High ripple Current, Low impedance
100ZLC20 RUBYCON-100ZLC20 Datasheet
1Mb / 7P
   105C High ripple Current, Low impedance
100ZLH100MEFC10X20 RUBYCON-100ZLH100MEFC10X20 Datasheet
270Kb / 3P
   105??Miniaturized, Long Life, Low impedance.
100ZLH33MEFC8X11.5 RUBYCON-100ZLH33MEFC8X11.5 Datasheet
132Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
100ZLH47MEFC8X16 RUBYCON-100ZLH47MEFC8X16 Datasheet
182Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - 100ZL68MEFCT810X16

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com