Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDS4070N7 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FDS4070N7
Description  40V N-Channel PowerTrench MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS4070N7 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FDS4070N7 Datasheet HTML 1Page - Fairchild Semiconductor FDS4070N7 Datasheet HTML 2Page - Fairchild Semiconductor FDS4070N7 Datasheet HTML 3Page - Fairchild Semiconductor FDS4070N7 Datasheet HTML 4Page - Fairchild Semiconductor FDS4070N7 Datasheet HTML 5Page - Fairchild Semiconductor FDS4070N7 Datasheet HTML 6Page - Fairchild Semiconductor FDS4070N7 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
May 2003
2002 Fairchild Semiconductor Corporation
FDS4070N7 Rev B1 (W)
FDS4070N7
40V N-Channel PowerTrenchMOSFET
General Description
This
N-Channel
MOSFET
has
been
designed
specifically to improve the overall efficiency of DC/DC
converters using either synchronous or conventional
switching PWM controllers. It has been optimized for
“low side” synchronous rectifier operation, providing an
extremely low RDS(ON) in a small package.
Applications
• Synchronous rectifier
• DC/DC converter
Features
• 15.3 A, 40 V. RDS(ON) = 7 mΩ @ VGS = 10 V
• High performance trench technology for extremely
low RDS(ON)
• High power and current handling capability
• Fast switching, low gate charge
• FLMP SO-8 package: Enhanced thermal
performance in industry-standard package size
4
3
2
1
5
6
7
8
Bottom-side
Drain Contact
Absolute Maximum Ratings T
A=25
oC unless otherwise noted
Symbol
Parameter
Ratings
Units
VDSS
Drain-Source Voltage
40
V
VGSS
Gate-Source Voltage
± 20
V
ID
Drain Current – Continuous
(Note 1a)
15.3
A
– Pulsed
60
PD
Maximum Power Dissipation
(Note 1a)
3.0
W
TJ, TSTG
Operating and Storage Junction Temperature Range
–55 to +150
°C
Thermal Characteristics
RθJA
Thermal Resistance, Junction-to-Ambient
(Note 1a)
40
°C/W
RθJC
Thermal Resistance, Junction-to-Case
(Note 1)
0.5
Package Marking and Ordering Information
Device Marking
Device
Reel Size
Tape width
Quantity
FDS4070N7
FDS4070N7
13’’
12mm
2500 units


Similar Part No. - FDS4070N7

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS4070N7 FAIRCHILD-FDS4070N7 Datasheet
188Kb / 8P
   40V N-Channel PowerTrench MOSFET
FDS4070N7 FAIRCHILD-FDS4070N7_04 Datasheet
188Kb / 8P
   40V N-Channel PowerTrench MOSFET
More results

Similar Description - FDS4070N7

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS4470 FAIRCHILD-FDS4470 Datasheet
87Kb / 6P
   40V N-Channel PowerTrench MOSFET
FDS4770 FAIRCHILD-FDS4770 Datasheet
123Kb / 6P
   40V N-Channel PowerTrench MOSFET
FDS4070N3 FAIRCHILD-FDS4070N3 Datasheet
193Kb / 7P
   40V N-Channel PowerTrench MOSFET
FDS4072N7 FAIRCHILD-FDS4072N7 Datasheet
199Kb / 7P
   40V N-Channel PowerTrench MOSFET
FDS4780 FAIRCHILD-FDS4780 Datasheet
355Kb / 6P
   40V N-Channel PowerTrench MOSFET
FDS4070N3 FAIRCHILD-FDS4070N3_04 Datasheet
173Kb / 7P
   40V N-Channel PowerTrench MOSFET
FDS4070N7 FAIRCHILD-FDS4070N7_04 Datasheet
188Kb / 8P
   40V N-Channel PowerTrench MOSFET
FDB8447L FAIRCHILD-FDB8447L Datasheet
384Kb / 6P
   40V N-Channel PowerTrench MOSFET
FDS4672A FAIRCHILD-FDS4672A Datasheet
88Kb / 5P
   40V N-Channel PowerTrench MOSFET
logo
Guangdong Kexin Industr...
KDS4470 KEXIN-KDS4470 Datasheet
63Kb / 2P
   40V N-Channel PowerTrench MOSFET
logo
Fairchild Semiconductor
FDS4072N3 FAIRCHILD-FDS4072N3_04 Datasheet
171Kb / 7P
   40V N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com