Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CU0131100DATUA Datasheet(PDF) 1 Page - AVX Corporation

Part # CU0131100DATUA
Description  RF/Microwave C0G (NP0) Capacitors (RoHS)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

CU0131100DATUA Datasheet(HTML) 1 Page - AVX Corporation

  CU0131100DATUA Datasheet HTML 1Page - AVX Corporation CU0131100DATUA Datasheet HTML 2Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
214
8
RF/Microwave C0G (NP0)
Capacitors (RoHS)
Ultra Low ESR, “CU” Series, C0G (NP0) Chip Capacitors
GENERAL INFORMATION
“CU” Series capacitors are C0G (NP0) chip capacitors
specially designed for “Ultra” low ESR for applications in
the communications market. Sizes available are EIA chip
sizes 01005 and 0201.
Size
L
W
T
g
A
(Length)
(Width)
(Max. Thickness)
(min.)
(Termination Min./Max.)
0402
0.40±0.02
0.20±0.02
0.22
0.13
0.70/0.14
(01005)
(0.016±0.0008)
0.008±0.0008)
(0.009)
(0.005)
(0.003/0.006)
0603
0.60±0.03
0.30±0.03
0.33
0.15
0.10/0.20
(0201)
(0.024±0.001)
(0.012±0.001)
(0.013)
(0.006)
(0.004/0.008)
A
B
D
D
E
C
A
B
C
01005
0201
mm (inches)
ELECTRICAL CHARACTERISTICS
LEAD-FREE COMPATIBLE
COMPONENT
DIMENSIONS:
CU01
Case Size
CU10 = 01005
CU01 = 0201
3
Voltage
Code
3 = 25V
Y = 16V
1
Dielectric
1 = 0±30ppm
C0G (NP0)
100
Capacitance
EIA Capacitance
Code in pF.
First two digits =
significant figures or
“R” for decimal place.
Third digit = number
of zeros or after “R”
significant figures.
J
Capacitance
Tolerance
Code
B = ±0.1pF
C = ±0.25pF
D = ±0.5pF
G = ±2%
J = ±5%
2
Packaging
Code
2 = 7" Reel
4 = 13" Reel
U = 7" Reel
4mm TR
(01005)
A
Failure Rate
Code
A = Not
Applicable
T
Termination
T = Plated Ni
and Sn
A
Special
A = Standard
HOW TO ORDER
Capacitance Value Range:
Size 01005
0.5 to 6.2pF
Size 0201
0.5 to 22pF
Temperature Coefficient of Capacitance (TC):
0±30 ppm/°C (-55° to +125°C)
Insulation Resistance (IR):
1012 Ω min. @ 25°C and rated WVDC
1011 Ω min. @ 125°C and rated WVDC
Working Voltage (WVDC):
Size
Working Voltage
01005 -
16 WVDC
0201
-
25 WVDC


Similar Part No. - CU0131100DATUA

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
CU0131100DAT2A AVX-CU0131100DAT2A Datasheet
308Kb / 2P
   Ultra Low ESR, ?쏞U??Series, C0G (NP0) Chip Capacitors
CU0131100DAT4A AVX-CU0131100DAT4A Datasheet
308Kb / 2P
   Ultra Low ESR, ?쏞U??Series, C0G (NP0) Chip Capacitors
More results

Similar Description - CU0131100DATUA

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
12105U471JAT2A AVX-12105U471JAT2A Datasheet
156Kb / 6P
   RF/Microwave C0G (NP0) Capacitors (RoHS)
08051U100JATJA AVX-08051U100JATJA Datasheet
1Mb / 8P
   RF/Microwave C0G (NP0) Capacitors (RoHS)
12101U160JAT2A AVX-12101U160JAT2A Datasheet
166Kb / 6P
   RF Microwave C0G (NP0) Capacitors (RoHS)
08051U100JAT2A AVX-08051U100JAT2A Datasheet
1Mb / 8P
   RF/Microwave C0G (NP0) Capacitors (RoHS)
08052U220JAT2A AVX-08052U220JAT2A Datasheet
156Kb / 6P
   RF/Microwave C0G Capacitors
04025U220C4T2A AVX-04025U220C4T2A Datasheet
156Kb / 6P
   RF/Microwave C0G
04025A2R4CAT2A AVX-04025A2R4CAT2A Datasheet
107Kb / 4P
   C0G (NP0) Dielectric
04025A2R7JAT2A AVX-04025A2R7JAT2A Datasheet
107Kb / 4P
   C0G (NP0) Dielectric
04025A3R9BAT2A AVX-04025A3R9BAT2A Datasheet
107Kb / 4P
   C0G (NP0) Dielectric
04025A4R7JAT2A AVX-04025A4R7JAT2A Datasheet
107Kb / 4P
   C0G (NP0) Dielectric
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com