Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KA1M0880BTU Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part No. KA1M0880BTU
Description  Fairchild Power Switch(FPS)
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA1M0880BTU Datasheet(HTML) 2 Page - Fairchild Semiconductor

  KA1M0880BTU Datasheet HTML 1Page - Fairchild Semiconductor KA1M0880BTU Datasheet HTML 2Page - Fairchild Semiconductor KA1M0880BTU Datasheet HTML 3Page - Fairchild Semiconductor KA1M0880BTU Datasheet HTML 4Page - Fairchild Semiconductor KA1M0880BTU Datasheet HTML 5Page - Fairchild Semiconductor KA1M0880BTU Datasheet HTML 6Page - Fairchild Semiconductor KA1M0880BTU Datasheet HTML 7Page - Fairchild Semiconductor KA1M0880BTU Datasheet HTML 8Page - Fairchild Semiconductor KA1M0880BTU Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
KA1L0880B/KA1M0880B
2
Absolute Maximum Ratings
Notes:
1. Tj=25
°C to 150°C
2. Repetitive rating: Pulse width limited by maximum junction temperature
3. L=24mH, VDD=50V, RG=25
Ω, starting Tj=25°C
4. L=13
µH, starting Tj=25°C
Parameter
Symbol
Value
Unit
Maximum Drain voltage (1)
VD,Max
800
V
Drain-Gate voltage (RGS=1M
Ω)VDGR
800
V
Gate-source (GND) voltage
VGS
±30
V
Drain current pulsed (2)
IDM
32.0
ADC
Single pulsed avalanche energy (3)
EAS
810
mJ
Avalanche current (4)
IAS
15
A
Continuous drain current (TC=25
°C)
ID
8.0
ADC
Continuous drain current (TC=100
°C)
ID
5.6
ADC
Maximum Supply voltage
VCC,MAX
30
V
Input voltage range
VFB
−0.3 to VSD
V
Total power dissipation
PD
190
W
Derating
1.54
W/
°C
Operating ambient temperature
TA
−25 to +85
°C
Storage temperature
TSTG
−55 to +150
°C


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn