Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC2577-ADJ Datasheet(PDF) 3 Page - Texas Instruments

Part # UC2577-ADJ
Description  Simple Step-Up Voltage Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UC2577-ADJ Datasheet(HTML) 3 Page - Texas Instruments

  UC2577-ADJ_12 Datasheet HTML 1Page - Texas Instruments UC2577-ADJ_12 Datasheet HTML 2Page - Texas Instruments UC2577-ADJ_12 Datasheet HTML 3Page - Texas Instruments UC2577-ADJ_12 Datasheet HTML 4Page - Texas Instruments UC2577-ADJ_12 Datasheet HTML 5Page - Texas Instruments UC2577-ADJ_12 Datasheet HTML 6Page - Texas Instruments UC2577-ADJ_12 Datasheet HTML 7Page - Texas Instruments UC2577-ADJ_12 Datasheet HTML 8Page - Texas Instruments UC2577-ADJ_12 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
UC2577-ADJ
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Device Parameters (cont.)
Switch Transconductance
12.5
A/V
Switch Leakage Current
VSWITCH = 65V, VFB = 1.5V (Switch Off)
10
600
µA
TJ = 25
°C300
µA
Switch Saturation Voltage
ISWITCH = 2.0A, VCOMP = 2.0V (Max Duty Cycle)
0.5
0.9
V
T
J = 25
°C0.7
V
NPN Switch Current Limit
VCOMP = 2.0V
3.0
4.3
6.0
A
Thermal Resistance
Junction to Ambient
65
°C/W
Junction to Case
2
°C/W
COMP Pin Current
VCOMP = 0
25
50
µA
TJ = 25
°C40
µA
Unless otherwise stated, these specifications apply for TA =
−40°C to +125°C, VIN =
5V, VFB = VREF, ISWITCH = 0, and TA =TJ.
ELECTRICAL CHARACTERISTICS
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating ratings
indicate conditions during which the device is intended to be functional, but device parameter specifications may not be
guaranteed under these conditions. For guaranteed specifications and test conditions, see the Electrical Characteristics.
Note 2: Output current cannot be internally limited when the UC2577 is used as a step-up regulator. To prevent damage to
the switch, its current must be externally limited to 6.0A. However, output current is internally limited when the UC2577 is
used as a flyback or forward converter regulator.
Note 3. External components such as the diode, inductor, input and output capacitors can affect switching regulator
performance. When the UC2577 is used as shown in the Test Circuit, system performance will be as specified by the
system parameters.
Note 4: A 1.0M
Ω resistor is connected to the compensation pin (which is the error amplifier’s output) to ensure accuracy in
measuring AVOL. In actual applications, this pin’s load resistance should be
≥ 10MΩ, resulting in AVOL that is typically twice
the guaranteed minimum limit.
Figure 1. Circuit Used to Specify System Parameters
UDG-94035
L = 415-0930 (AIE)
D = any manufacturer
COUT = Sprague Type 673D
Electrolytic 680
µF, 20V
R1 = 48.7k in series with 511
Ω (1%)
R2 = 5.62k (1%)
3


Similar Part No. - UC2577-ADJ_12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC2577-ADJ TI-UC2577-ADJ Datasheet
179Kb / 8P
[Old version datasheet]   Simple Step-Up Voltage Regulator
More results

Similar Description - UC2577-ADJ_12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC2577 TI-UC2577 Datasheet
179Kb / 8P
[Old version datasheet]   Simple Step-Up Voltage Regulator
logo
National Semiconductor ...
LM1577 NSC-LM1577_05 Datasheet
1Mb / 31P
   SIMPLE SWITCHER짰 Step-Up Voltage Regulator
LM1577 NSC-LM1577 Datasheet
889Kb / 27P
   SIMPLE SWITCHER Step-Up Voltage Regulator
logo
Texas Instruments
LM2577SX-ADJNOPB TI1-LM2577SX-ADJNOPB Datasheet
4Mb / 42P
[Old version datasheet]   SIMPLE SWITCHER짰 Step-Up Voltage Regulator
logo
National Semiconductor ...
LM15777 NSC-LM15777 Datasheet
862Kb / 27P
   SIMPLE SWITCHER-R Step-Up Voltage Regulator
logo
Texas Instruments
LM1577 TI-LM1577_15 Datasheet
4Mb / 42P
[Old version datasheet]   LM1577/LM2577 SIMPLE SWITCHER짰 Step-Up Voltage Regulator
LMR64010 TI1-LMR64010_14 Datasheet
1Mb / 21P
[Old version datasheet]   SIMPLE SWITCHER짰 40Vout, 1A Step-Up Voltage Regulator in SOT-23
LMR61428 TI1-LMR61428 Datasheet
973Kb / 16P
[Old version datasheet]   LMR61428 SIMPLE SWITCHER짰 14Vout, 2.85A Step-Up Voltage Regulator in MSOP
LMR62421 TI-LMR62421_15 Datasheet
1Mb / 32P
[Old version datasheet]   SIMPLE SWITCHER 24Vout, 2.1A Step-Up Voltage Regulator in SOT-23
logo
National Semiconductor ...
LMR64010 NSC-LMR64010 Datasheet
376Kb / 12P
   SIMPLE SWITCHER짰 40Vout, 1A Step-Up Voltage Regulator in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com