Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OSW5DR5A31A-W1V Datasheet(PDF) 1 Page - OptoSupply International

Part # OSW5DR5A31A-W1V
Description  5mm Round Module 1.2V Flashing LED 2.4HZ 1/12Cycle
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSW5DR5A31A-W1V Datasheet(HTML) 1 Page - OptoSupply International

  OSW5DR5A31A-W1V Datasheet HTML 1Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
http://www.optosupply.com
VER A.0
5mm Round Module 1.2V Flashing LED
2.4HZ 1/12Cycle
OSXXXR5A31A-W1V
VER.A.1
Features
Outline Dimension
High Luminous LEDs
5mm Round Standard Directivity
Superior Weather-resistance
UV Resistant Epoxy
Used 0.8~1.6V DC Drive (Such 1 piece AA or AAA Size
Battery )
Cost Effective (Saves Space and battery Cost)
Water Clear Type
Applications
Flashlight
Other Lighting
Unit:mm
Tolerance:+0.3mm
1:Anode
2:Cathode
5.0
1
2
Module
LED
Drived Module
1
2
Red Wire
Black Wire
Absolute Maximum Rating
(Ta=25℃)
Directivity
Item
Symbol
Value
Unit
DC Forward Voltage
VF
1.5
V
Oscillator Frequency*
Fled
2.4
Hz
Duty Cycle
Duty
1/12
-
Operating Temperature
Topr
-30 ~ +85
Storage Temperature
Tstg
-30~ +85
Lead Soldering Temperature
Tsol
260℃/5sec
-
Electrical -Optical Characteristics
(Ta=25℃)
0
60°
30°
90°
0.5
0
60°
90°
0.5
30°
11
IF (mA)
I
v(mcd)*
λD(nm)*
2θ1/2(deg)
Input
In
LED
Min.
Typ. Max. Min.
Typ.
Max.
Typ.
Part Number
Color
VF =1.2V
VF =1.2V
OSW5DR5A31A-W1V Cool White W 20+5
7+2
2180
3000
-
X=0.27, Y=0.28
OSM5DR5A31A-W1V
Warm White M 20+5
7+2
1800
2500
-
X=0.45, Y=0.41
OSB5SR5A31A-W1V
Blue
B 20+5
7+2
1120
1560
-
465
470
475
OSG5DR5A31A-W1V Pure Green
G 20+5
7+2
2180
3000
-
520
525
530
OSY5MR5A31A-W1V
Yellow
Y 20+5
7+2
2180
2800
-
585
590
595
OSO5MR5A31A-W1V
Orange
O 20+5
7+2
2180
2800
-
600
605
610
OSR5MR5A31A-W1V
Red
R 20+5
7+2
2180
2800
-
620
625
630
30
*1 Tolerance of chromaticity coordinates is +10%
*2 Tolerance of luminous intensity is +15%
*3 Tolerance of
Frequency is +20%
LED & Application Technologies


Similar Part No. - OSW5DR5A31A-W1V

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSW5D35141R OPTOSUPPLY-OSW5D35141R Datasheet
96Kb / 1P
   Tpower 5mm Pure White LED
OSW5D356E1R OPTOSUPPLY-OSW5D356E1R Datasheet
97Kb / 1P
   Tpower 4.8mm Straw Pure White LED
OSW5D38A61R OPTOSUPPLY-OSW5D38A61R Datasheet
97Kb / 1P
   Tpower 8mm Pure White LED
OSW5D3A131U OPTOSUPPLY-OSW5D3A131U Datasheet
100Kb / 1P
   Premium Power 10mm Pure White LED
OSW5D3A151R OPTOSUPPLY-OSW5D3A151R Datasheet
95Kb / 1P
   Tpower 10mm Pure White LED
More results

Similar Description - OSW5DR5A31A-W1V

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSR5MR5A31A-1V OPTOSUPPLY-OSR5MR5A31A-1V Datasheet
115Kb / 1P
   5mm Round Module 1.2V Flashing LED 2.4HZ 1/12Cycle
OST1MA5A31A-1V OPTOSUPPLY-OST1MA5A31A-1V Datasheet
115Kb / 1P
   5mm Round Module 1.2V Flashing LED 2.4HZ 1/12Cycle
OSXXXR5A31A-W1V OPTOSUPPLY-OSXXXR5A31A-W1V Datasheet
125Kb / 1P
   5mm Round Module 1.2V Flashing LED
OSXXXS5A31A-W1V OPTOSUPPLY-OSXXXS5A31A-W1V Datasheet
127Kb / 1P
   5mm Round Module 1.2V Flashing LED
OSW5DS5A31A-W1V OPTOSUPPLY-OSW5DS5A31A-W1V Datasheet
114Kb / 1P
   5mm Round Module 1.2V Flashing LED 1.8HZ 1/2Cycle
OSR5MS5A31A-1V OPTOSUPPLY-OSR5MS5A31A-1V Datasheet
73Kb / 1P
   5mm Round Module 1.2V Flashing LED 1.8HZ 1/2Cycle
OST1MX5A31A-1V OPTOSUPPLY-OST1MX5A31A-1V Datasheet
132Kb / 1P
   5mm Round Module 1.2V Fullll-Collor Flashing LED
OST1MX5A31A-W1V OPTOSUPPLY-OST1MX5A31A-W1V Datasheet
126Kb / 1P
   5mm Round Module 1.2V Fullll-Collor Flashing LED
OST1MX5A32A-W1V OPTOSUPPLY-OST1MX5A32A-W1V Datasheet
126Kb / 1P
   5mm Round Module 1.2V Fullll-Collor Flashing LED
OST1MX5A32A-1V OPTOSUPPLY-OST1MX5A32A-1V Datasheet
132Kb / 1P
   5mm Round Module 1.2V Fullll-Collor Flashing LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com