Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AC8521020 Datasheet(PDF) 1 Page - OptoSupply International

Part # AC8521020
Description  JST compatible female socket to DC plug cable wire.
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

AC8521020 Datasheet(HTML) 1 Page - OptoSupply International

  AC8521020 Datasheet HTML 1Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
Descriptions:
1
JST compatible female socket to DC plug cable wire.
Total Length of Modules 1000mm+1mm
Net Weight is 19g.
Application:
1
RGB controller OS-OC013AIG2
Product Picture:
1
Product Dimensions:
1
Units mm
tolerance ±1mm
black
red
Product packaging
1
Model No.
AC8521020
REV.
C1


Similar Part No. - AC8521020

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AC85-264 ETC2-AC85-264 Datasheet
403Kb / 8P
   MAX OUTPUT WATTAGE
logo
Diodes Incorporated
AC857BQ DIODES-AC857BQ Datasheet
433Kb / 7P
   PNP SMALL SIGNAL TRANSISTOR IN SOT23
AC857BQ-7 DIODES-AC857BQ-7 Datasheet
433Kb / 7P
   PNP SMALL SIGNAL TRANSISTOR IN SOT23
AC857BSQ DIODES-AC857BSQ Datasheet
316Kb / 5P
   45V DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
AC857BSQ-7 DIODES-AC857BSQ-7 Datasheet
316Kb / 5P
   45V DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
More results

Similar Description - AC8521020

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
AC8221020 OPTOSUPPLY-AC8221020 Datasheet
580Kb / 1P
   JST compatible female socket to 4-pin socket cable wire
ACC725000 OPTOSUPPLY-ACC725000 Datasheet
568Kb / 1P
   BA9S to JST compatible male socket cable wire Net Weight: 2.5g
ACB725000 OPTOSUPPLY-ACB725000 Datasheet
568Kb / 1P
   T10WG to JST compatible male socket cable wire Net Weight: 2g
ACA725000 OPTOSUPPLY-ACA725000 Datasheet
568Kb / 1P
   Length adjustable 7mm double tine to JST compatible male socket cable wire
logo
SparkFun Electronics
PRT-14708 SPARKFUN-PRT-14708 Datasheet
200Kb / 1P
   JST PH Female to JST SM Male Adapter
8-6-18
PRT-14999 SPARKFUN-PRT-14999 Datasheet
106Kb / 2P
   JST-PH Female to JST-SM Female Adapter - 100mm
11????8
PRT-14707 SPARKFUN-PRT-14707 Datasheet
74Kb / 1P
   JST-PH Male to JST-SM Female Adapter
8????8
logo
OptoSupply Internationa...
AC4521520 OPTOSUPPLY-AC4521520 Datasheet
606Kb / 1P
   Car cigarette plug to DC plug cable wire
logo
SparkFun Electronics
PRT-08671 SPARKFUN-PRT-08671 Datasheet
95Kb / 2P
   Jumper Wire - JST Black Blue
9??8??7
logo
Linx Technologies
ADP-SMAF-UFLM LINX-ADP-SMAF-UFLM Datasheet
284Kb / 2P
   ADAPTER, SMA JACK (FEMALE SOCKET) TO MHF PLUG (FEMALE SOCKET)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com