Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M24C01-WMN6P Datasheet(PDF) 32 Page - STMicroelectronics

Part No. M24C01-WMN6P
Description  16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I²C bus EEPROM
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C01-WMN6P Datasheet(HTML) 32 Page - STMicroelectronics

Back Button M24C01-WMN6P Datasheet HTML 28Page - STMicroelectronics M24C01-WMN6P Datasheet HTML 29Page - STMicroelectronics M24C01-WMN6P Datasheet HTML 30Page - STMicroelectronics M24C01-WMN6P Datasheet HTML 31Page - STMicroelectronics M24C01-WMN6P Datasheet HTML 32Page - STMicroelectronics M24C01-WMN6P Datasheet HTML 33Page - STMicroelectronics M24C01-WMN6P Datasheet HTML 34Page - STMicroelectronics M24C01-WMN6P Datasheet HTML 35Page - STMicroelectronics M24C01-WMN6P Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 38 page
background image
Package mechanical data
M24C16, M24C08, M24C04, M24C02, M24C01
32/38
Doc ID 5067 Rev 17
Figure 17.
PDIP8 – 8 pin plastic DIP, 0.25 mm lead frame, package outline
1.
Drawing is not to scale.
Table 23.
PDIP8 – 8 pin plastic DIP, 0.25 mm lead frame, package mechanical data
Symbol
millimeters
inches(1)
1.
Values in inches are converted from mm and rounded to 4 decimal digits.
Typ.
Min.
Max.
Typ.
Min.
Max.
A
-
-
5.330
-
-
0.2098
A1
-
0.380
-
-
0.0150
-
A2
3.300
2.920
4.950
0.1299
0.1150
0.1949
b
0.460
0.360
0.560
0.0181
0.0142
0.0220
b2
1.520
1.140
1.780
0.0598
0.0449
0.0701
c
0.250
0.200
0.360
0.0098
0.0079
0.0142
D
9.270
9.020
10.160
0.3650
0.3551
0.4000
E
7.870
7.620
8.260
0.3098
0.3000
0.3252
E1
6.350
6.100
7.110
0.2500
0.2402
0.2799
e
2.540
-
-
0.1000
-
-
eA
7.600
-
-
0.3000
-
-
eB
-
-
10.920
-
-
0.4299
L
3.300
2.920
3.810
0.1299
0.1150
0.1500
PDIP-B
A2
A1
A
L
be
D
E1
8
1
c
eA
b2
eB
E


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn