Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDR8508P Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FDR8508P
Description  Dual P-Channel, Logic Level, PowerTrench??MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDR8508P Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FDR8508P Datasheet HTML 1Page - Fairchild Semiconductor FDR8508P Datasheet HTML 2Page - Fairchild Semiconductor FDR8508P Datasheet HTML 3Page - Fairchild Semiconductor FDR8508P Datasheet HTML 4Page - Fairchild Semiconductor FDR8508P Datasheet HTML 5Page - Fairchild Semiconductor FDR8508P Datasheet HTML 6Page - Fairchild Semiconductor FDR8508P Datasheet HTML 7Page - Fairchild Semiconductor FDR8508P Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
FDR8508P Rev. C
FDR8508P
Dual P-Channel, Logic Level, PowerTrenchTM MOSFET
General Description
These P-Channel 2.5V specified MOSFETs are produced
using Fairchild Semiconductor's advanced PowerTrench
process that has been especially tailored to minimize the
on state resistance and yet maintain low gate charge for
superior switching performance.
Applications
• Load switch
• DC/DC converter
• Motor driving
March 1999
Features
• -3.0 A, -30 V. R
DS(ON) = 0.052Ω @ VGS = -10V
R
DS(ON) = 0.086Ω @ VGS = -4.5V.
• Low gate charge. (8nC typical).
• High performance trench technology for extremely
low R
DS(ON)
• High power and current handling capability.
• Small footprint (38% smaller than a standard SO-8);
    low profile package (1 mm thick); power handling
    capability similar to SO-8.
1999 Fairchild Semiconductor Corporation
Absolute Maximum Ratings T
A
= 25°C unless otherwise noted
Symbol
Parameter
FDR8508P
Units
VDSS
Drain-Source Voltage
-30
V
VGSS
Gate-Source Voltage
±20
V
ID
Drain Current
- Continuous
(Note 1a)
-3
A
- Pulsed
-20
PD
Power Dissipation
0.8
W
TJ, Tstg
Operating and Storage Junction Temperature Range
-55 to +150
°C
Thermal Characteristics
R
θJA
Thermal Resistance, Junction-to-Ambient
(Note 1a)
156
°C/W
R
θJC
Thermal Resistance, Junction-to-Case
(Note 1)
40
°C/W
Package Marking and Ordering Information
Device Marking
Device
Reel Size
Tape Width
Quantity
.8508
FDR8508P
13”
12mm
3000 units
SuperSOT-8
D2
D2
D1
D1
S2
G2
S1
G1
pin #1
1
5
7
8
2
6
3
4


Similar Part No. - FDR8508P

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDR8521L FAIRCHILD-FDR8521L Datasheet
224Kb / 7P
   P-Channel MOSFET With Gate Driver For Load Switch Application
FDR856P FAIRCHILD-FDR856P Datasheet
223Kb / 8P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
FDR858P FAIRCHILD-FDR858P Datasheet
261Kb / 8P
   Single P-Channel, Logic Level, PowerTrenchTM MOSFET
More results

Similar Description - FDR8508P

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDC6506P FAIRCHILD-FDC6506P Datasheet
204Kb / 8P
   Dual P-Channel Logic Level PowerTrench??MOSFET
SI4925DY FAIRCHILD-SI4925DY Datasheet
70Kb / 5P
   Dual P-Channel, Logic Level, PowerTrench MOSFET
logo
ON Semiconductor
FDD9510L-F085 ONSEMI-FDD9510L-F085 Datasheet
337Kb / 7P
   MOSFET - P-Channel Logic Level PowerTrench
February, 2020 ??Rev. 1
logo
Fairchild Semiconductor
FDG316P FAIRCHILD-FDG316P Datasheet
70Kb / 5P
   P-Channel Logic Level PowerTrench MOSFET
FDS6609A FAIRCHILD-FDS6609A Datasheet
646Kb / 8P
   P-Channel Logic Level PowerTrench MOSFET
logo
ON Semiconductor
FDWS9510L-F085 ONSEMI-FDWS9510L-F085 Datasheet
343Kb / 7P
   MOSFET ??P-Channel Logic Level POWERTRENCH
October, 2021 ??Rev. 2
logo
Fairchild Semiconductor
SI4431DY FAIRCHILD-SI4431DY Datasheet
96Kb / 5P
   P-Channel Logic Level PowerTrench MOSFET
SI4835DY FAIRCHILD-SI4835DY Datasheet
79Kb / 5P
   P-Channel Logic Level PowerTrench MOSFET
FDS4435A FAIRCHILD-FDS4435A Datasheet
172Kb / 5P
   P-Channel Logic Level PowerTrench MOSFET
logo
ON Semiconductor
FDD9511L-F085 ONSEMI-FDD9511L-F085 Datasheet
208Kb / 7P
   P-Channel Logic Level PowerTrench MOSFET
July, 2018 ??Rev. P1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com