Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U1600 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # U1600
Description  U1600 Series Handheld Digital Oscilloscopes
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

U1600 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  U1600 Datasheet HTML 1Page - Agilent(Hewlett-Packard) U1600 Datasheet HTML 2Page - Agilent(Hewlett-Packard) U1600 Datasheet HTML 3Page - Agilent(Hewlett-Packard) U1600 Datasheet HTML 4Page - Agilent(Hewlett-Packard) U1600 Datasheet HTML 5Page - Agilent(Hewlett-Packard) U1600 Datasheet HTML 6Page - Agilent(Hewlett-Packard) U1600 Datasheet HTML 7Page - Agilent(Hewlett-Packard) U1600 Datasheet HTML 8Page - Agilent(Hewlett-Packard) U1600 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
Clearly distinguish your
waveform
The U1600 Series models come with
a color display, which allows you to
quickly and clearly identify your signal
between two channels. The large LCD
display – 4.5” with 320 x 240
resolution – makes it much easier for
you to view more pieces of information
at one glance.
Capture signal deviations,
glitches and dropouts
effectively
The U1600 Series offers the best
product specification for users. This
instrument provides a real-time sam-
pling rate of up to 200 MSa/s. Use the
U1600 Series to capture both instanta-
neous and repetitive signal anomalies
effectively.
High-precision zoom-in
capability in deep memory
With 125 kilobytes of physical memory,
you can capture non-repeating signals
at a higher sampling rate over a wider
time base. With up to 125 000 points
recording length, you can quickly zoom
in the segment of interest and uncover
even the most subtle details of the
signal at a given time-base setting.
Isolate and analyze the signal
you want to see
The U1600 Series comes with flexible
triggering capabilities that allow you to
isolate and capture the condition you
want to characterize. The advanced
triggering function includes edge,
pulse width, pattern, and video signal
triggering, giving you the flexibility
needed to best capture your signal.
Figure 1 High-definition of color resolution in large 4.5” LCD display allows you to
quickly distinguish and identify your signals and observe signal activity.
Figure 2 With up to 125 000 points recording length, use the zoom-in function to
magnify a signal to the segment of your interest and scrutinize subtle details of your
signals.
Before Zoom
After Zoom


Similar Part No. - U1600

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
U1600 KEYSIGHT-U1600 Datasheet
7Mb / 42P
   For Electronic, Electrical and Industrial Process Testing
More results

Similar Description - U1600

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
U1604B KEYSIGHT-U1604B Datasheet
498Kb / 12P
   Handheld Digital Oscilloscopes
U1620A KEYSIGHT-U1620A Datasheet
1Mb / 13P
   Handheld Digital Oscilloscopes
U1602B KEYSIGHT-U1602B Datasheet
498Kb / 12P
   Handheld Digital Oscilloscopes
U1610A KEYSIGHT-U1610A Datasheet
1Mb / 13P
   Handheld Digital Oscilloscopes
logo
List of Unclassifed Man...
THS3000 ETC2-THS3000 Datasheet
743Kb / 12P
   Handheld Oscilloscopes
TBS1000 ETC2-TBS1000 Datasheet
1Mb / 12P
   Digital Storage Oscilloscopes
TDS7000B ETC-TDS7000B Datasheet
191Kb / 12P
   Digital Phosphor Oscilloscopes
2550SERIES ETC2-2550SERIES Datasheet
379Kb / 6P
   Digital Storage Oscilloscopes
logo
TEKTRONIX, INC.
DPO7000C TEKTRONIX-DPO7000C Datasheet
3Mb / 28P
   Digital Phosphor Oscilloscopes
TDS2000C TEKTRONIX-TDS2000C Datasheet
930Kb / 10P
   Digital Storage Oscilloscopes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com