Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U1270 Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

Part # U1270
Description  Agilent U1270 Series Handheld Digital Multimeters
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

U1270 Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

Back Button U1270 Datasheet HTML 3Page - Agilent(Hewlett-Packard) U1270 Datasheet HTML 4Page - Agilent(Hewlett-Packard) U1270 Datasheet HTML 5Page - Agilent(Hewlett-Packard) U1270 Datasheet HTML 6Page - Agilent(Hewlett-Packard) U1270 Datasheet HTML 7Page - Agilent(Hewlett-Packard) U1270 Datasheet HTML 8Page - Agilent(Hewlett-Packard) U1270 Datasheet HTML 9Page - Agilent(Hewlett-Packard) U1270 Datasheet HTML 10Page - Agilent(Hewlett-Packard) U1270 Datasheet HTML 11Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
7
General Specifications
Display
Liquid crystal display (LCD) (with maximum reading of 33000 counts)
Power consumption
460 mVA maximum (with backlight enabled)
Battery Type
• 4 × 1.5 V Alkaline battery (ANSI/NEDA 24A or IEC LR03), or
• 4 × 1.5 V Zinc Chloride battery (ANSI/NEDA 24D or IEC R03)
Battery Life
• 300 hours typical (based on new Alkaline batteries for dc voltage measurement)
• Low battery indicator will flash when the battery voltage drops below 4.4 V (approximately)
Fuse
• 10 × 35 mm 440 mA/1000 V 30 kA fast-acting fuse
• 10 × 38 mm 11 A/1000 V 30 kA fast-acting fuse
Operating Environment
• Operating temperature from –20 to 55 °C, 0 to 80% RH
• Full accuracy up to 80% RH for temperatures up to 30 °C, decreasing linearly to 50%
RH at 55 °C
• Altitude up to 2000 meters
• Pollution degree II
Storage Compliance
–40 to 70 °C, 0 to 80% RH
Safety Compliance
• CAN/CSA-C22.2 No. 61010-1-04
• EN/IEC 61010-1:2001
• ANSI/UL 61010-1:2004
Measurement Category
CAT III 1000 V/ CAT IV 600 V
Electromagnetic Compatibility
(EMC)
Commercial limits compliance with EN61326-1
Ingress Protection Rating
IP-54
Temperature Coefficient
0.05 × (specified accuracy) / °C (from –20 to 18 °C, or 28 to 55 °C)
Common Mode Rejection Ratio
(CMRR)
>120 dB at DC, 50/60 Hz ± 0.1% (1 kΩ unbalanced)
Normal Mode Rejection Ration
(NMRR)
>60 dB at 50/60 Hz ± 0.1%
Dimensions (W x H x D)
92 × 207 × 59 mm
Weight
• U1271A: 518 grams (with batteries)
• U1272A: 520 grams (with batteries)
Warranty
• Three years for product
• Three months for product’s accessories
Calibration Cycle
One year
Specification Assumptions
Accuracy is given as ±(% of reading + counts of least significant digit) at 23 °C ± 5 °C, with relative humidity less than 80% RH.
AC V and AC μA/mA/A specifications are ac coupled, true RMS and are valid from 5% of range to 100% of range.
The crest factor may be up to 3.0 at full- scale except for the 1000 V range where it is 1.5 at full scale.
For non- sinusoidal waveforms, add (2% reading + 2% full scale) typical, for crest factors up to 3.
After Z
LOW
voltage measurements, wait at least 20 minutes for thermal impact to cool before proceeding with any other measurement.


Similar Part No. - U1270

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
U1270 KEYSIGHT-U1270 Datasheet
4Mb / 22P
   Digital Multimeters
More results

Similar Description - U1270

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
U1273AX KEYSIGHT-U1273AX Datasheet
4Mb / 22P
   U1270 Series Handheld Digital Multimeters
logo
List of Unclassifed Man...
U1271A ETC2-U1271A Datasheet
3Mb / 22P
   U1270 Series Handheld Digital Multimeters
logo
Keysight Technologies
U1271A KEYSIGHT-U1271A Datasheet
4Mb / 22P
   U1270 Series Handheld Digital Multimeters
U1272A KEYSIGHT-U1272A Datasheet
4Mb / 22P
   U1270 Series Handheld Digital Multimeters
U1273A KEYSIGHT-U1273A Datasheet
4Mb / 22P
   U1270 Series Handheld Digital Multimeters
logo
Agilent(Hewlett-Packard...
U1250 HP-U1250 Datasheet
2Mb / 19P
   Agilent U1250 Series Handheld Digital Multimeters
U1240 HP-U1240 Datasheet
382Kb / 9P
   Agilent U1240 Series Handheld Digital Multimeters
U1253B HP-U1253B Datasheet
562Kb / 14P
   Agilent U1250 Series Handheld Digital Multimeters
logo
Keysight Technologies
U1240 KEYSIGHT-U1240 Datasheet
1Mb / 9P
   Handheld Digital Multimeters
logo
B&K Precision Corporati...
388B BK-388B Datasheet
1Mb / 2P
   Handheld Digital Multimeters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com