Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U1241A Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # U1241A
Description  U1241A/U1242A Handheld Digital Multimeter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

U1241A Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  U1241A Datasheet HTML 1Page - Agilent(Hewlett-Packard) U1241A Datasheet HTML 2Page - Agilent(Hewlett-Packard) U1241A Datasheet HTML 3Page - Agilent(Hewlett-Packard) U1241A Datasheet HTML 4Page - Agilent(Hewlett-Packard) U1241A Datasheet HTML 5Page - Agilent(Hewlett-Packard) U1241A Datasheet HTML 6Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
THERMOCOUPLE TYPE
RANGE
RESOLUTION
ACCURACY ± (% of reading + offset error)
K (for U1241A and
U1242A)
–40 to 1000 ºC/
–48 to 1832 ºF
0.1 ºC/
0.1 ºF
1% + 1 ºC/
1% + 1.8 ºF
J (for U1242A only)
–40 to 1000 ºC/
–48 to 1832 ºF
0.1 ºC/
0.1 ºF
1% + 1 ºC/
1% + 1.8 ºF
TEMPERATURE SPECIFICATIONS
CAPACITANCE SPECIFICATIONS
RANGE
RESOLUTION
ACCURACY ± (% of reading + No. of Least Significant Digit)
1000.0 nF
0.1 nF
1.2% + 4
10.000 µF
0.001 µF
100.00 µF
0.01 µF
1000.0 µF
0.1 µF
2% + 4
10.000 mF
0.001 mF
HARMONIC RATIO SPECIFICATIONS
RANGE
FREQUENCY
VOLTAGE
0.0% to 99.9%
40 Hz to 500 Hz
100 mVAC to 1000 VAC
RANGE
RESOLUTION
ACCURACY
MINIMUM INPUT FREQUENCY
100.00 Hz
0.01 Hz
0.03%+3
1 Hz
1000.0 Hz
0.1 Hz
10.000 kHz
0.001 kHz
100.00 kHz
0.01 kHz
1000.00 kHz
0.1 kHz
FREQUENCY SPECIFICATIONS
FREQUENCY SENSITIVITY DURING VOLTAGE MEASUREMENT
INPUT RANGE
MINIMUM SENSITIVITY (RMS Sine-Wave)
(Maximum input for specified
accuracy = 10 x Range or 1000 V)
20 Hz - 50 kHz
50 kHz to 200 kHz
1000.0 mV
0.3 V
0.6 V
10.000 V
0.5 V
1.8 V
100.00 V
5 V
10 V (<100 kHz)
1000.0 V
50 V
100 V (<100 kHz)
FREQUENCY SENSITIVITY DURING CURRENT MEASUREMENT
INPUT RANGE
MINIMUM SENSITIVITY (RMS Sine wave)
20 Hz to 20 kHz
1000.0 µA
100 µA
10000 µA
500 µA
100.00 mA
10 mA
440.00 mA
50 mA
10.000 A
1 A
Function
Times/second
ACV
7
DCV (V or mV)
7
W
14
Diode
14
Capacitance
4 (< 100 µF)
DCA (
μA, mA, A)
7
ACA (
μA, mA, A)
7
Temperature
7 (single)
Frequency
1 (> 10 Hz)
OPERATING MEASURING RATE


Similar Part No. - U1241A

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
U1241B HP-U1241B Datasheet
332Kb / 9P
   Agilent U1240 Series Handheld Handheld
logo
Keysight Technologies
U1241B KEYSIGHT-U1241B Datasheet
7Mb / 42P
   For Electronic, Electrical and Industrial Process Testing
U1241C KEYSIGHT-U1241C Datasheet
3Mb / 15P
   U1240 Series Handheld Digital Multimeters
U1241C KEYSIGHT-U1241C Datasheet
7Mb / 42P
   For Electronic, Electrical and Industrial Process Testing
More results

Similar Description - U1241A

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
U1230 HP-U1230 Datasheet
327Kb / 10P
   Handheld Digital Multimeter (DMM)
logo
Extech Instruments Corp...
MS400 EXTECH-MS400 Datasheet
841Kb / 51P
   Handheld Digital Storage Oscilloscope & Multimeter
logo
TEKTRONIX, INC.
DMM4040 TEKTRONIX-DMM4040 Datasheet
2Mb / 112P
   Digital Multimeter
logo
List of Unclassifed Man...
D35 ETC-D35 Datasheet
215Kb / 2P
   Bluetooth Digital Multimeter
logo
Keysight Technologies
34401A KEYSIGHT-34401A Datasheet
863Kb / 6P
   34401A Digital Multimeter
logo
Extech Instruments Corp...
MN15A EXTECH-MN15A Datasheet
321Kb / 12P
   Mini Digital Multimeter
logo
List of Unclassifed Man...
OW18D ETC-OW18D Datasheet
523Kb / 1P
   Bluetooth Digital Multimeter
logo
Keysight Technologies
U1604B KEYSIGHT-U1604B Datasheet
498Kb / 12P
   Handheld Digital Oscilloscopes
logo
Copal Electronics
PG-100 COPAL-PG-100_16 Datasheet
150Kb / 6P
   HANDHELD DIGITAL MANOMETER
logo
Keysight Technologies
M9181A KEYSIGHT-M9181A Datasheet
251Kb / 8P
   M9181A PXI Digital Multimeter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com