Electronic Components Datasheet Search |
|
PRB_P1 Datasheet(PDF) 2 Page - Texas Instruments |
|
PRB_P1 Datasheet(HTML) 2 Page - Texas Instruments |
2 / 34 page SPKVSS AVSS DVSS AINL AINR SPKP SPKM HPOUT RST SPI_SEL 6 6 SPKVDD AVDD LDO_SEL DAC Signal Proc. SPI/I 2C Control Block PLL Interrupt Control Primary I 2S Interface Pin Muxing / Clock Routing LDO POR Mono 6 ' DAC DVDD IOVDD Secondary I 2S Interface Dig Vol 6 dB to +24 dB (6 dB steps) -6 dB to +29 dB and Mute (1 dB steps) 0 dB to -78 dB and Mute (Min 0.5 dB steps) 0 dB to -78 dB and Mute (Min 0.5 dB steps) 0 dB to -78 dB and Mute (Min 0.5 dB steps) TAS2505 SLAS778A – FEBRUARY 2013 – REVISED FEBRUARY 2013 www.ti.com These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam during storage or handling to prevent electrostatic damage to the MOS gates. Figure 1-1. Simplified Block Diagram NOTE This data manual is designed using PDF document-viewing features that allow quick access to information. For example, performing a global search on "page 0 / register 27" produces all references to this page and register in a list. This makes is easy to traverse the list and find all information related to a page and register. Note that the search string must be of the indicated format. Also, this document includes document hyperlinks to allow the user to find a document reference. To come back to the original page, click the green left arrow near the PDF page number at the bottom of the file. The hot-key for this function is alt-left arrow on the keyboard. Another way to find information is to use the PDF bookmarks. 2 PACKAGE AND SIGNAL DESCRIPTIONS 2.1 Package/Ordering Information OPERATING TRANSPORT MEDIA, PACKAGE PRODUCT PACKAGE TEMPERATURE ORDERING NUMBER QUANTITY DESIGNATOR RANGE TAS2505IRGET Tape and reel, 250 TAS2505 QFN-24 RGE –40°C to 85°C TAS2505IRGER Tape and reel, 3000 2 PACKAGE AND SIGNAL DESCRIPTIONS Copyright © 2013, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Links: TAS2505 |
Similar Part No. - PRB_P1 |
|
Similar Description - PRB_P1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |