Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAS2505 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TAS2505
Description  Digital Input Class-D Speaker Amplifier with Audio Processing and mono headphone amplifier
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS2505 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TAS2505 Datasheet HTML 12Page - Texas Instruments TAS2505 Datasheet HTML 13Page - Texas Instruments TAS2505 Datasheet HTML 14Page - Texas Instruments TAS2505 Datasheet HTML 15Page - Texas Instruments TAS2505 Datasheet HTML 16Page - Texas Instruments TAS2505 Datasheet HTML 17Page - Texas Instruments TAS2505 Datasheet HTML 18Page - Texas Instruments TAS2505 Datasheet HTML 19Page - Texas Instruments TAS2505 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
0
10
20
30
40
50
60
70
80
90
0
200
400
600
800
1000 1200 1400 1600 1800
Output Power (mWatt)
SPKVDD = 2.7 V
SPKVDD = 3 V
SPKVDD = 3.3 V
SPKVDD = 3.6 V
SPKVDD = 4.2 V
SPKVDD = 5.5 V
C007
TAS2505
SLAS778A – FEBRUARY 2013 – REVISED FEBRUARY 2013
www.ti.com
Figure 4-7. Total Power Consumption vs Output Power Consumption (Gain = 18 dB, Load = 4
Ω)
16
Typical Performance
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TAS2505


Similar Part No. - TAS2505

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS2505 TI-TAS2505 Datasheet
463Kb / 30P
[Old version datasheet]   Digital Input Mono Speaker Amp
TAS2505 TI1-TAS2505 Datasheet
663Kb / 35P
[Old version datasheet]   2.6-W Digital/Analog Input Automotive Class-D Speaker Amplifier With Audio Processing
TAS2505 TI1-TAS2505 Datasheet
2Mb / 42P
[Old version datasheet]   TAS2505-Q1 2.6-W Digital/Analog Input Automotive Class-D Speaker Amplifier With Audio Processing
REVISED JULY 2023
TAS2505-Q1 TI1-TAS2505-Q1 Datasheet
663Kb / 35P
[Old version datasheet]   2.6-W Digital/Analog Input Automotive Class-D Speaker Amplifier With Audio Processing
TAS2505-Q1 TI1-TAS2505-Q1 Datasheet
2Mb / 42P
[Old version datasheet]   TAS2505-Q1 2.6-W Digital/Analog Input Automotive Class-D Speaker Amplifier With Audio Processing
REVISED JULY 2023
More results

Similar Description - TAS2505

ManufacturerPart #DatasheetDescription
logo
TEXAS ADVANCED OPTOELEC...
TAS2521 TAOS-TAS2521 Datasheet
1Mb / 35P
   Digital Input Class-D Speaker Amplifier with Embedded miniDSP and mono headphone amplifier
logo
Maxim Integrated Produc...
MAX97000 MAXIM-MAX97000_V01 Datasheet
3Mb / 34P
   Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifier
19-5004; Rev 1; 6/10
MAX97000 MAXIM-MAX97000 Datasheet
3Mb / 33P
   Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifier
Rev 0; 11/09
logo
Fairchild Semiconductor
FAB2200 FAIRCHILD-FAB2200 Datasheet
962Kb / 33P
   Audio Subsystem with Stereo Class-G Headphone Amplifier and 1.2W Mono Class-D Speaker Amplifier
logo
Texas Instruments
LM49153 TI1-LM49153_15 Datasheet
2Mb / 31P
[Old version datasheet]   Mono Audio Subsystem with Class G Headphone Amplifier, Class D Speaker Amplifier, Noise Gate and Speaker Protection
TLV320DAC3100 TI1-TLV320DAC3100 Datasheet
1Mb / 98P
[Old version datasheet]   Low-Power Stereo Audio DAC With Audio Processing and Mono Class-D Speaker Amplifier
TLV320DAC3100-Q1 TI-TLV320DAC3100-Q1_15 Datasheet
1Mb / 101P
[Old version datasheet]   Low-Power Stereo Audio DAC With Audio Processing and Mono Class-D Speaker Amplifier
TLV320DAC3100 TI1-TLV320DAC3100_14 Datasheet
1Mb / 99P
[Old version datasheet]   Low-Power Stereo Audio DAC With Audio Processing and Mono Class-D Speaker Amplifier
TAS2780 TI-TAS2780_V01 Datasheet
2Mb / 97P
[Old version datasheet]   TAS2780 Digital Input Mono Class-D Audio Amplifier With Speaker IV Sense
REVISED JUNE 2022
TAS2764 TI-TAS2764 Datasheet
3Mb / 107P
[Old version datasheet]   TAS2764 Digital Input Mono Class-D Audio Amplifier With Speaker IV Sense
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com