Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2-435166-9 Datasheet(PDF) 99 Page - Tyco Electronics

Part # 2-435166-9
Description  DIP Switches, Recessed Rocker, Through Hole and Surface Mount
Download  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

2-435166-9 Datasheet(HTML) 99 Page - Tyco Electronics

Back Button 2-435166-9 Datasheet HTML 95Page - Tyco Electronics 2-435166-9 Datasheet HTML 96Page - Tyco Electronics 2-435166-9 Datasheet HTML 97Page - Tyco Electronics 2-435166-9 Datasheet HTML 98Page - Tyco Electronics 2-435166-9 Datasheet HTML 99Page - Tyco Electronics 2-435166-9 Datasheet HTML 100Page - Tyco Electronics 2-435166-9 Datasheet HTML 101Page - Tyco Electronics 2-435166-9 Datasheet HTML 102Page - Tyco Electronics 2-435166-9 Datasheet HTML 103Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 326 page
background image
C23
C
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
Gemini Series
Toggle Switches, A Series, Options
FUNCTIONS
The following functions available in SP or DP.
Dimension “L”
Bushing
.410 (10.41)
“Y”, “H”, “CW”
.480 (12.19)
“D”, ”D9”
TOGGLES
S
Standard
T
Large Toggle/
Bushing
M
T1
Large
Toggle/
Bushing
Dimension “L”
Bushing Type
.200 (5.08)
“Y”, “H”, “CW”
.270 (6.86)
“D”, “D9”
P3
P4
T2P
Flatted
K1
Locking
K
Locking
Actuator
Dimension
“A”
“B”
P3
.450 (11.43)
.200 (5.08)
P4
.250 (6.35)
.165 (4.19)
No bushing option needed for “T” or T1”.
No bushing option needed for “K” or K1” “K” locking levers are used to prevent accidental switching and
must be lifted up prior to actuation. Standard nickel finish.
.115
(2.92)
Dia.
"L"
Short
.105
(2.67)
Dia.
"L"
"A"
.100
(2.54)
"B"
Pinned for
anti-rotation
.650
(16.51)
Unlocked
.315
(8.0) Ref
.214
(5.44) Dia.
.050
(1.27)
.580
(14.73)
Locked
1/4-40NS
.680
(17.27)
Unlocked
.315
(8.0) Ref
.214
(5.44) Dia.
.050
(1.27)
.610
(15.49)
Locked
1/4-40NS
Flatted
Available only with
“Y” bushing. Pinned
for anti-rotation.
Use N-3-AG dress nut
for enhancement.
Pg. C54
WIRING DIAGRAM
FOR FUNCTIONS
11
13 15
Pos. 3
Pos. 2
Pos. 1
Ref. Slot
6
5
4
3
2
1
OUT 1
OUT 2
JUMPER
IN
OUT 3
SINGLE POLE 3 POSITION
*
Ref.
Slot
POS. 1
1
4
2 (IN)
5
6 (OUT)
3
Ref.
Slot
POS. 2
1
4 (OUT)
2 (IN)
5
6
3
Ref.
Slot
POS. 3
1 (OUT)
4
2 (IN)
5
6
3
01
2 Positions
None indicates no mechanical position
On
None
On
03
3 Positions
Off indicates a mechanical position with no electrical connection.
On
Off
On
05
3 Positions
(On) indicates momentary action.
(On)
Off
(On)
07
3 Positions
(On)
Off
On
08
2 Positions
(On)
None
On
SPDT, connect terminals:
1—2
2—3
DPDT, connect terminals:
1—2
2—3
4—5
5—6
11
3 Positions
On
On
On
13
3 Positions
(On)
On
On
15
3 Positions
(On)
On
(On)
Functions available in DP case only
Connect terminals:
1—2
2—3
2—3
4—5
4—5
5—6
.610
(15.49)
.140
(3.56)
.448
(11.38)
15/32-32 NS
.020
(.508)
.242
(6.15)
.687
(17.45)
.448
(11.38)
.020
(.508)
.240
(6.10) Dia.
15/32-32NS
.460
(11.68)
.448
(11.38)
.020
(.508)
.240
(6.10) Dia.
15/32-32NS
* SP3T functions achieved with external jumper installed by customer


Similar Part No. - 2-435166-9

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-435640-9 MACOM-2-435640-9 Datasheet
127Kb / 1P
   DIP Switches, Rocker Style Actuator
2-435640-9 MACOM-2-435640-9 Datasheet
127Kb / 1P
   DIP Switches, Rocker Style Actuator
2-435668-5 MACOM-2-435668-5 Datasheet
127Kb / 1P
   DIP Switches, Rocker Style Actuator
2-435668-5 MACOM-2-435668-5 Datasheet
127Kb / 1P
   DIP Switches, Rocker Style Actuator
2-435668-6 MACOM-2-435668-6 Datasheet
127Kb / 1P
   DIP Switches, Rocker Style Actuator
More results

Similar Description - 2-435166-9

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1437584-1 MACOM-2-1437584-1 Datasheet
116Kb / 2P
   Rotary Dip Switches, Process Sealed, Through Hole and Surface Mount
DRD-E MACOM-DRD-E Datasheet
116Kb / 2P
   Rotary Dip Switches, Process Sealed, Through Hole and Surface Mount
logo
Grayhill, Inc
76RSB04ST GRAYHILL-76RSB04ST Datasheet
133Kb / 2P
   Raised and Recessed, Rocker and PIANO-DIP Styles
76SB06 GRAYHILL-76SB06 Datasheet
430Kb / 2P
   Raised and Recessed, Rocker and PIANO-DIP Styles
logo
Tyco Electronics
2-1437586-5 MACOM-2-1437586-5 Datasheet
171Kb / 4P
   DIP Switches, Extended Actuator, Auto Insertable, Through Hole and Surface Mount
2-1437586-8 MACOM-2-1437586-8 Datasheet
171Kb / 4P
   DIP Switches, Extended Actuator, Auto Insertable, Through Hole and Surface Mount
2-1437587-3 MACOM-2-1437587-3 Datasheet
171Kb / 4P
   DIP Switches, Extended Actuator, Auto Insertable, Through Hole and Surface Mount
2-1437587-8 MACOM-2-1437587-8 Datasheet
171Kb / 4P
   DIP Switches, Extended Actuator, Auto Insertable, Through Hole and Surface Mount
ADP0204 MACOM-ADP0204 Datasheet
171Kb / 4P
   DIP Switches, Extended Actuator, Auto Insertable, Through Hole and Surface Mount
2-1437586-3 MACOM-2-1437586-3 Datasheet
171Kb / 4P
   DIP Switches, Extended Actuator, Auto Insertable, Through Hole and Surface Mount
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com