Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1-1123723-7 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 1-1123723-7
Description  3.96(7.92)MM PITCH ECONOMY POWER(EP) CONN HEADER ASSY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1-1123723-7 Datasheet(HTML) 1 Page - Tyco Electronics

  1-1123723-7 Datasheet HTML 1Page - Tyco Electronics 1-1123723-7 Datasheet HTML 2Page - Tyco Electronics 1-1123723-7 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image


Similar Part No. - 1-1123723-7

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-1123723-7 MACOM-1-1123723-7 Datasheet
41Kb / 1P
   WIRE TO BOARD CONNECTORS ECONOMY POWER (EP) CONNECTORS HEADER ASSEMBLY/3.96MM AND 7.92MM PITCH
More results

Similar Description - 1-1123723-7

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-1123724-2 MACOM-1-1123724-2 Datasheet
372Kb / 3P
   3.96(7.92)MM PITCH ECONOMY POWER(EP) CONN HEADER ASSY
1-1123824-1 MACOM-1-1123824-1 Datasheet
93Kb / 1P
   ECONOMY POWER(EP)CONN.1 POS HEADER ASSY
logo
Molex Electronics Ltd.
09-50-1023 MOLEX11-09-50-1023 Datasheet
76Kb / 1P
   SPOX 7.92 / 3.96 REC HSG
logo
TE Connectivity Ltd
C-2132782 TEC-C-2132782 Datasheet
176Kb / 1P
   BREAKAWAY RETAINER, ECONOMY POWER II, 3.96 CENTERLINE
logo
Tyco Electronics
1877285-2 MACOM-1877285-2 Datasheet
244Kb / 4P
   AMP Economy Power (EP) Shrouded Post Headers
1-1877285-1 MACOM-1-1877285-1 Datasheet
241Kb / 4P
   AMP Economy Power (EP) Shrouded Post Headers
logo
TE Connectivity Ltd
C-2154828 TEC-C-2154828 Datasheet
184Kb / 1P
   CABLE ASSEMBLY, 18AWG WIRE, TO ECONOMY POWER II, PLUG, 3.96 PITCH
C-2132781 TEC-C-2132781 Datasheet
210Kb / 1P
   RECEPTACLE HOUSING, ECONOMY POWER II, 3.96 CENTERLINE W/ RETAINING FEATURES
logo
Tyco Electronics
1-1318301-2 MACOM-1-1318301-2 Datasheet
41Kb / 1P
   WIRE TO BOARD CONNECTORS ECONOMY POWER (EP) CONNECTORS HEADER ASSEMBLY/3.96MM AND 7.92MM PITCH
logo
Molex Electronics Ltd.
09-65-2048 MOLEX11-09-65-2048 Datasheet
86Kb / 1P
   KK 3.96 WAFER ASSY WITH LOCK
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com