Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TUSB8040A1 Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB8040A1
Description  Four-Port USB 3.0 Hub
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB8040A1 Datasheet(HTML) 31 Page - Texas Instruments

Back Button TUSB8040A1 Datasheet HTML 27Page - Texas Instruments TUSB8040A1 Datasheet HTML 28Page - Texas Instruments TUSB8040A1 Datasheet HTML 29Page - Texas Instruments TUSB8040A1 Datasheet HTML 30Page - Texas Instruments TUSB8040A1 Datasheet HTML 31Page - Texas Instruments TUSB8040A1 Datasheet HTML 32Page - Texas Instruments TUSB8040A1 Datasheet HTML 33Page - Texas Instruments TUSB8040A1 Datasheet HTML 34Page - Texas Instruments TUSB8040A1 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 38 page
background image
TUSB8040A1
www.ti.com
SLLSEE5A – FEBRUARY 2013 – REVISED MAY 2013
5
POWER UP AND RESET
The TUSB8040A1 does not have specific power sequencing requirements with respect to the core power
(VDD) or I/O and analog power (VDD33). The core power (VDD) or I/O power (VDD33) may be powered
up for an indefinite period of time while the other is not powered up if all of these constraints are met:
All maximum ratings and recommended operating conditions are observed.
All warnings about exposure to maximum rated and recommended conditions are observed,
particularly junction temperature. These apply to power transitions as well as normal operation.
Bus contention while VDD33 is powered up must be limited to 100 hours over the projected life-time of
the device.
Bus contention while VDD33 is powered down may violate the absolute maximum ratings.
A supply bus is powered up when the voltage is within the recommended operating range. It is powered
down when it is below that range, either stable or in transition.
A minimum reset duration of 3 ms is required. This is defined as the time when the power supplies are in
the recommended operating range to the de-assertion of GRSTz. This can be generated using
programmable-delay supervisory device or using an RC circuit.
A supply bus is powered up when the voltage is within the recommended operating range. It is powered
down when it is below that range, either stable or in transition.
A minimum reset duration of 3 ms is required. This is defined as the time when the power supplies are in
the recommended operating range to the de-assertion of GRSTz. This can be generated using
programmable-delay supervisory device or using an RC circuit.
Copyright © 2013, Texas Instruments Incorporated
POWER UP AND RESET
31
Submit Documentation Feedback
Product Folder Links: TUSB8040A1


Similar Part No. - TUSB8040A1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB8040A TI1-TUSB8040A Datasheet
700Kb / 39P
[Old version datasheet]   Four-Port and Two-Port USB 3.0 Hub
TUSB8040ARKMR TI1-TUSB8040ARKMR Datasheet
700Kb / 39P
[Old version datasheet]   Four-Port and Two-Port USB 3.0 Hub
TUSB8040ARKMT TI1-TUSB8040ARKMT Datasheet
700Kb / 39P
[Old version datasheet]   Four-Port and Two-Port USB 3.0 Hub
More results

Similar Description - TUSB8040A1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB8040 TI1-TUSB8040_15 Datasheet
363Kb / 32P
[Old version datasheet]   USB 3.0 Four Port Hub
TUSB8040_1110 TI-TUSB8040_1110 Datasheet
414Kb / 33P
[Old version datasheet]   USB 3.0 Four Port Hub
TUSB8041 TI1-TUSB8041 Datasheet
2Mb / 48P
[Old version datasheet]   Four-Port USB 3.0 Hub
TUSB8041-Q1 TI1-TUSB8041-Q1 Datasheet
2Mb / 48P
[Old version datasheet]   Automotive Four-Port USB 3.0 Hub
TUSB8040A TI1-TUSB8040A Datasheet
700Kb / 39P
[Old version datasheet]   Four-Port and Two-Port USB 3.0 Hub
TUSB8040 TI1-TUSB8040 Datasheet
300Kb / 27P
[Old version datasheet]   USB 3.0 Four Port Hub High-Speed Upstream Connection
TUSB4041I-Q1 TI1-TUSB4041I-Q1 Datasheet
1Mb / 44P
[Old version datasheet]   Four-Port USB 2.0 Hub
TUSB4041I TI1-TUSB4041I Datasheet
1Mb / 44P
[Old version datasheet]   Four-Port USB 2.0 Hub
TUSB8020B TI1-TUSB8020B Datasheet
1Mb / 43P
[Old version datasheet]   Two-Port USB 3.0 Hub
logo
Beckhoff Automation Gmb...
CU8006 BECKHOFF-CU8006 Datasheet
110Kb / 1P
   4-port USB 3.0 hub
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com