Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TUSB8040A1 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB8040A1
Description  Four-Port USB 3.0 Hub
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB8040A1 Datasheet(HTML) 27 Page - Texas Instruments

Back Button TUSB8040A1 Datasheet HTML 23Page - Texas Instruments TUSB8040A1 Datasheet HTML 24Page - Texas Instruments TUSB8040A1 Datasheet HTML 25Page - Texas Instruments TUSB8040A1 Datasheet HTML 26Page - Texas Instruments TUSB8040A1 Datasheet HTML 27Page - Texas Instruments TUSB8040A1 Datasheet HTML 28Page - Texas Instruments TUSB8040A1 Datasheet HTML 29Page - Texas Instruments TUSB8040A1 Datasheet HTML 30Page - Texas Instruments TUSB8040A1 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 38 page
background image
TUSB8040A1
www.ti.com
SLLSEE5A – FEBRUARY 2013 – REVISED MAY 2013
3.4.17 Reserved Register
Table 3-34. Register Offset 2Fh
Bit No.
7
6
5
4
3
2
1
0
Reset State
0
0
0
0
0
0
0
0
Table 3-35. Bit Descriptions – Reserved Register
Bit
Field Name
Access
Description
7:1
RSVD
RO
Reserved. Read only, returns 0 when read.
Reserved. When the TUSB8040A1 is in I2C mode, the TUSB8040A1
loads this bit from the contents of the EEPROM. When the TUSB8040A1
0
RSVD
RW
is in SMBUS mode, the values may be over-written by an SMBus host.
This bit shall be programmed to 0 for normal operation.
3.4.18 Serial Number Registers
Table 3-36. Register Offset 30h-4Fh
Bit No.
7
6
5
4
3
2
1
0
Reset State
X
X
x
x
x
x
x
x
Table 3-37. Bit Descriptions – Serial Number Registers
Bit
Field Name
Access
Description
Serial Number byte N. The serial number returned in the Serial Number
string descriptor at string index 1. The default value of these registers is
calculated from the Die ID fields in the fuseRom. When customSernum is
7:0
serialNumber[n]
RW
1, these registers may be over-written by EEPROM contents or by an
SMBus host. The serial number will be returned in USB 2.0 descriptor of
the TUSB8040A1.
3.4.19 Manufacturer String Registers
Table 3-38. Register Offset 50h-8Fh
Bit No.
7
6
5
4
3
2
1
0
Reset State
0
0
0
0
0
0
0
0
Table 3-39. Bit Descriptions – Manufacturer String Registers
Bit
Field Name
Access
Description
Manufacturer string byte N. These registers provide the string values
returned for string index 3 when mfgStringLen is greater than 0. The
number of bytes returned in the string is equal to mfgStringLen. The
7:0
mfgStringByte[n]
RW
programmed data should be in UNICODE UTF-16LE encodings as
defined by The Unicode Standard, Worldwide Character Encoding,
Version 5.0.
Copyright © 2013, Texas Instruments Incorporated
FUNCTIONAL DESCRIPTION
27
Submit Documentation Feedback
Product Folder Links: TUSB8040A1


Similar Part No. - TUSB8040A1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB8040A TI1-TUSB8040A Datasheet
700Kb / 39P
[Old version datasheet]   Four-Port and Two-Port USB 3.0 Hub
TUSB8040ARKMR TI1-TUSB8040ARKMR Datasheet
700Kb / 39P
[Old version datasheet]   Four-Port and Two-Port USB 3.0 Hub
TUSB8040ARKMT TI1-TUSB8040ARKMT Datasheet
700Kb / 39P
[Old version datasheet]   Four-Port and Two-Port USB 3.0 Hub
More results

Similar Description - TUSB8040A1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB8040 TI1-TUSB8040_15 Datasheet
363Kb / 32P
[Old version datasheet]   USB 3.0 Four Port Hub
TUSB8040_1110 TI-TUSB8040_1110 Datasheet
414Kb / 33P
[Old version datasheet]   USB 3.0 Four Port Hub
TUSB8041 TI1-TUSB8041 Datasheet
2Mb / 48P
[Old version datasheet]   Four-Port USB 3.0 Hub
TUSB8041-Q1 TI1-TUSB8041-Q1 Datasheet
2Mb / 48P
[Old version datasheet]   Automotive Four-Port USB 3.0 Hub
TUSB8040A TI1-TUSB8040A Datasheet
700Kb / 39P
[Old version datasheet]   Four-Port and Two-Port USB 3.0 Hub
TUSB8040 TI1-TUSB8040 Datasheet
300Kb / 27P
[Old version datasheet]   USB 3.0 Four Port Hub High-Speed Upstream Connection
TUSB4041I-Q1 TI1-TUSB4041I-Q1 Datasheet
1Mb / 44P
[Old version datasheet]   Four-Port USB 2.0 Hub
TUSB4041I TI1-TUSB4041I Datasheet
1Mb / 44P
[Old version datasheet]   Four-Port USB 2.0 Hub
TUSB8020B TI1-TUSB8020B Datasheet
1Mb / 43P
[Old version datasheet]   Two-Port USB 3.0 Hub
logo
Beckhoff Automation Gmb...
CU8006 BECKHOFF-CU8006 Datasheet
110Kb / 1P
   4-port USB 3.0 hub
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com