Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPD2E007YFMTG4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPD2E007YFMTG4
Description  2-CHANNEL ESD-PROTECTION ARRAY FOR AC-COUPLED/NEGATIVE-RAIL DATA INTERFACES
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPD2E007YFMTG4 Datasheet(HTML) 1 Page - Texas Instruments

  TPD2E007YFMTG4 Datasheet HTML 1Page - Texas Instruments TPD2E007YFMTG4 Datasheet HTML 2Page - Texas Instruments TPD2E007YFMTG4 Datasheet HTML 3Page - Texas Instruments TPD2E007YFMTG4 Datasheet HTML 4Page - Texas Instruments TPD2E007YFMTG4 Datasheet HTML 5Page - Texas Instruments TPD2E007YFMTG4 Datasheet HTML 6Page - Texas Instruments TPD2E007YFMTG4 Datasheet HTML 7Page - Texas Instruments TPD2E007YFMTG4 Datasheet HTML 8Page - Texas Instruments TPD2E007YFMTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
A1
B1
A2
B2
GND
IO1
IO2
GND
IO1
1
IO2
2
3
GND
TPD2E007
www.ti.com
SLVS796E – SEPTEMBER 2008 – REVISED AUGUST 2010
2-CHANNEL ESD-PROTECTION ARRAY
FOR AC-COUPLED/NEGATIVE-RAIL DATA INTERFACES
Check for Samples: TPD2E007
1
FEATURES
YFMG4 PACKAGE
2
ESD Protection Exceeds IEC61000-4-2
(BOTTOM VIEW)
(Level 4)
±15-kV Human-Body Model (HBM)
±8-kV IEC 61000-4-2 Contact Discharge
±15-kV IEC 61000-4-2 Air-Gap Discharge
4.5-A Peak Pulse Current (8/20 ms Pulse)
0.8 mm × 0.8 mm (0.4 mm pitch)
15-pF Line to GND Capacitance
Low 50-nA Leakage Current
YFMG4 PIN DESCRIPTIONS
2-Channel Device
TERMINAL
DESCRIPTION
Space-Saving PicoStar™ and DCK Package
NAME
NO.
IO
A1, A2 ESD-protection channel
APPLICATIONS
GND
B1, B2 Ground
Cell Phones, PDAs
Audio Interface Connections
Consumer Electronics (DVR, Set-Top Box, TV)
Industrial Interface (RS-232, RS-485, RS-422,
LVDS)
DCK PACKAGE
(TOP VIEW)
DESCRIPTION/ORDERING INFORMATION
This device is an application-specific integrated parts (ASIP) designed to offer system level ESD solutions for
wide range of portable and industrial applications. The back-to-back diode array allows AC-coupled or
negative-going data transmission (audio interface, LVDS, RS-485, RS-232, etc.) without compromising signal
integrity. The PicoStar™ package is intended to be embedded inside the printed circuit board which saves board
space in portable applications. This device exceeds the IEC61000-4-2 (Level 4) ESD protection and suitable to
provide system level ESD protection for the valuable internal ICs while placed near the connector.
The TPD2E007 is offered in a 4-bump PicoStar™ and 3-pin DCK packages. The PicoStar™ package (YFMG4),
with only 0.15 mm (Max) package height, is recommended for ultra space saving application where the package
height is a key concern. The PicoStar™ package can be used in either embedded PCB board applications or in
surface mount applications. The industry standard DCK package offers straightforward board layout option in
legacy designs.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PicoStar is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPD2E007YFMTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD2E007YFMTG4 TI1-TPD2E007YFMTG4 Datasheet
827Kb / 16P
[Old version datasheet]   2-Channel ESD-Protection Array for AC-Coupled/Negative-Rail Data Interfaces
More results

Similar Description - TPD2E007YFMTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD2E007 TI1-TPD2E007_10 Datasheet
377Kb / 10P
[Old version datasheet]   2-CHANNEL ESD-PROTECTION ARRAY FOR AC-COUPLED/NEGATIVE-RAIL DATA INTERFACES
AUGUST2010
TPD2E007 TI-TPD2E007 Datasheet
427Kb / 9P
[Old version datasheet]   2-CHANNEL ESD-PROTECTION ARRAY FOR AC-COUPLED/NEGATIVE-RAIL DATA INTERFACES
TPD2E007 TI1-TPD2E007_14 Datasheet
758Kb / 12P
[Old version datasheet]   2-CHANNEL ESD-PROTECTION ARRAY FOR AC-COUPLED/NEGATIVE-RAIL DATA INTERFACES
TPD2E007 TI1-TPD2E007_16 Datasheet
827Kb / 16P
[Old version datasheet]   2-Channel ESD-Protection Array for AC-Coupled/Negative-Rail Data Interfaces
TPD4E004 TI-TPD4E004_1 Datasheet
366Kb / 11P
[Old version datasheet]   4-CHANNEL ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD4E004 TI-TPD4E004_2 Datasheet
185Kb / 9P
[Old version datasheet]   4-CHANNEL ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD4E004 TI-TPD4E004 Datasheet
422Kb / 12P
[Old version datasheet]   4-CHANNEL ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD2E001 TI-TPD2E001_1 Datasheet
1Mb / 18P
[Old version datasheet]   LOW-CAPACITANCE 2-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD2E001 TI-TPD2E001 Datasheet
269Kb / 11P
[Old version datasheet]   LOW-CAPACITANCE 2-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD2E001-Q1 TI1-TPD2E001-Q1_14 Datasheet
383Kb / 12P
[Old version datasheet]   LOW-CAPACITANCE 2-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com