Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPD2E007DCKR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPD2E007DCKR
Description  2-CHANNEL ESD-PROTECTION ARRAY FOR AC-COUPLED/NEGATIVE-RAIL DATA INTERFACES
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPD2E007DCKR Datasheet(HTML) 2 Page - Texas Instruments

  TPD2E007DCKR Datasheet HTML 1Page - Texas Instruments TPD2E007DCKR Datasheet HTML 2Page - Texas Instruments TPD2E007DCKR Datasheet HTML 3Page - Texas Instruments TPD2E007DCKR Datasheet HTML 4Page - Texas Instruments TPD2E007DCKR Datasheet HTML 5Page - Texas Instruments TPD2E007DCKR Datasheet HTML 6Page - Texas Instruments TPD2E007DCKR Datasheet HTML 7Page - Texas Instruments TPD2E007DCKR Datasheet HTML 8Page - Texas Instruments TPD2E007DCKR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
IO1
IO2
GND
TPD2E007
SLVS796E – SEPTEMBER 2008 – REVISED AUGUST 2010
www.ti.com
ORDERING INFORMATION
TA
PACKAGE(1) (2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
45
–40°C to 85°C
DSLGA – YFM
Tape and reel
TPD2E007YFMRG4
T
–40°C to 85°C
3-DCK
Tape and reel
TPD2E007DCKR
45U
(1)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
EQUIVALENT SCHEMATIC REPRESENTATION
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VIO
–13.5
13.5
V
YFM package
270
Continuous power dissipation
mW
(TA = 70°C)
DCK package
218
Operating temperature range
–40
85
°C
Tstg
Storage temperature range
–65
150
°C
TJ
Junction temperature
150
°C
Infrared (15 s)
220
Bump temperature (soldering)
°C
Vapor phase (60 s)
215
Lead temperature (soldering, 10 s)
300
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the
specifications is not implied. Exposure to absolute maximum-rated conditions for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS
TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
VBR
Break-down voltage
IIO = 10 mA
±14
V
IIO
Channel leakage current
20
50
nA
Rd
Dynamic resistance
3.5
CIN
Channel input capacitance
VIO = 2.5 V
10
15
pF
(1)
Typical values are at VCC = 5 V and TA = 25°C.
ESD Protection
PARAMETER
TYP
UNIT
HBM
±15
kV
IEC 61000-4-2 Contact Discharge
±8
kV
IEC 61000-4-2 Air-Gap Discharge
±15
kV
2
Submit Documentation Feedback
Copyright © 2008–2010, Texas Instruments Incorporated
Product Folder Link(s): TPD2E007


Similar Part No. - TPD2E007DCKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD2E007DCKR TI-TPD2E007DCKR Datasheet
427Kb / 9P
[Old version datasheet]   2-CHANNEL ESD-PROTECTION ARRAY FOR AC-COUPLED/NEGATIVE-RAIL DATA INTERFACES
TPD2E007DCKR TI1-TPD2E007DCKR Datasheet
377Kb / 10P
[Old version datasheet]   2-CHANNEL ESD-PROTECTION ARRAY FOR AC-COUPLED/NEGATIVE-RAIL DATA INTERFACES
AUGUST2010
TPD2E007DCKR TI1-TPD2E007DCKR Datasheet
827Kb / 16P
[Old version datasheet]   2-Channel ESD-Protection Array for AC-Coupled/Negative-Rail Data Interfaces
logo
Shanghai Leiditech Elec...
TPD2E007DCKR LEIDITECH-TPD2E007DCKR Datasheet
334Kb / 3P
   BIDIRECTIONAL TVS DIODE ARRAY FOR LATCH-UP PROTECTION
Rev : 01.06.2014
logo
TECH PUBLIC Electronics...
TPD2E007DCKR-TP TECHPUBLIC-TPD2E007DCKR-TP Datasheet
1Mb / 4P
   2-Channel ESD Protection
More results

Similar Description - TPD2E007DCKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD2E007 TI1-TPD2E007_10 Datasheet
377Kb / 10P
[Old version datasheet]   2-CHANNEL ESD-PROTECTION ARRAY FOR AC-COUPLED/NEGATIVE-RAIL DATA INTERFACES
AUGUST2010
TPD2E007 TI-TPD2E007 Datasheet
427Kb / 9P
[Old version datasheet]   2-CHANNEL ESD-PROTECTION ARRAY FOR AC-COUPLED/NEGATIVE-RAIL DATA INTERFACES
TPD2E007 TI1-TPD2E007_14 Datasheet
758Kb / 12P
[Old version datasheet]   2-CHANNEL ESD-PROTECTION ARRAY FOR AC-COUPLED/NEGATIVE-RAIL DATA INTERFACES
TPD2E007 TI1-TPD2E007_16 Datasheet
827Kb / 16P
[Old version datasheet]   2-Channel ESD-Protection Array for AC-Coupled/Negative-Rail Data Interfaces
TPD4E004 TI-TPD4E004_1 Datasheet
366Kb / 11P
[Old version datasheet]   4-CHANNEL ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD4E004 TI-TPD4E004_2 Datasheet
185Kb / 9P
[Old version datasheet]   4-CHANNEL ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD4E004 TI-TPD4E004 Datasheet
422Kb / 12P
[Old version datasheet]   4-CHANNEL ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD2E001 TI-TPD2E001_1 Datasheet
1Mb / 18P
[Old version datasheet]   LOW-CAPACITANCE 2-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD2E001 TI-TPD2E001 Datasheet
269Kb / 11P
[Old version datasheet]   LOW-CAPACITANCE 2-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD2E001-Q1 TI1-TPD2E001-Q1_14 Datasheet
383Kb / 12P
[Old version datasheet]   LOW-CAPACITANCE 2-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com