Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RB425D Datasheet(PDF) 2 Page - Rohm

Part # RB425D
Description  Schottky Barrier Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RB425D Datasheet(HTML) 2 Page - Rohm

  RB425D Datasheet HTML 1Page - Rohm RB425D Datasheet HTML 2Page - Rohm RB425D Datasheet HTML 3Page - Rohm RB425D Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
Data Sheet
RB425D
0
5
10
15
20
25
30
Ta=25℃
IF=0.5A
IR=1A
Irr=0.25*IR
n=10pcs
1
10
100
1000
0.001
0.01
0.1
1
10
100
1000
Rth(j-a)
Rth(j-c)
1ms
IM=1mA
IF=10mA
300us
time
Mounted on epoxy board
FORWARD VOLTAGE:VF(mV)
VF-IF CHARACTERISTICS
REVERSE VOLTAGE:VR(V)
VR-IR CHARACTERISTICS
REVERSE VOLTAGE:VR(V)
VR-Ct CHARACTERISTICS
VF DISPERSION MAP
IR DISPERSION MAP
Ct DISPERSION MAP
IFSM DISPERSION MAP
NUMBER OF CYCLES
IFSM-CYCLE CHARACTERISTICS
TIME:t(ms)
IFSM-t CHARACTERISTICS
TIME:t(s)
Rth-t CHARACTERISTICS
trr DISPERSION MAP
VF DISPERSION MAP
0.01
0.1
1
10
100
0
100
200
300
400
500
600
0.01
0.1
1
10
100
1000
10000
0
5
10
15
20
25
30
35
1
10
100
0
102030
f=1MHz
420
430
440
450
460
470
AVE:439.5mV
Ta=25℃
IF=100mA
n=30pcs
260
270
280
290
300
310
AVE:281.5mV
Ta=25℃
IF=10mA
n=30pcs
0
5
10
15
20
25
30
Ta=25℃
VR=10V
n=10pcs
AVE:2.548uA
0
5
10
15
20
AVE:5.50A
8.3ms
Ifsm
1cyc
AVE:6.20ns
0
5
10
15
0.1
1
10
100
8.3ms
Ifsm
1cyc
8.3ms
0
5
10
15
0.1
1
10
100
t
Ifsm
Ta=-25℃
Ta=125℃
Ta=75℃
Ta=25℃
Ta=-25℃
Ta=125℃
Ta=25℃
Ta=75℃
0
1
2
3
4
5
6
7
8
9
10
AVE:6.09pF
Ta=25℃
f=1MHz
VR=10V
n=10pcs
D2
D1
2/3
2011.04 - Rev.B


Similar Part No. - RB425D

ManufacturerPart #DatasheetDescription
logo
Rohm
RB425D ROHM-RB425D Datasheet
208Kb / 4P
   Schottky barrier diode
logo
TRANSYS Electronics Lim...
RB425D TEL-RB425D Datasheet
73Kb / 1P
   Schottky barrier Diodes
logo
Guangdong Kexin Industr...
RB425D KEXIN-RB425D Datasheet
34Kb / 1P
   Shottky barrier diode
logo
Rohm
RB425D ROHM-RB425D Datasheet
191Kb / 4P
   Shottky barrier diode
RB425D ROHM-RB425D Datasheet
1,008Kb / 4P
   Schottky Barrier Diode
More results

Similar Description - RB425D

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com